Part Number Hot Search : 
SSM2211S MAX5909 TFPT1206 FLZ4V3B 01M10 MR100FF3 EPA3592G NTRLPB
Product Description
Full Text Search
 

To Download CCPD-033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCPD-033 Model 5X7 mm SMD, 3.3V, LVPECL
Frequency Range: Frequency Stability: Temperature Range: (Option M) (Option X) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Logic: Terminated to Vdd-2V Temp. 0C to 85C Temp. -40C to 0C Disable Time Start-up Time 12KHz to 80MHz 10Hz 100Hz 1KHz 10KHz 100KHz~100MHz
ree dF ea oHS nt L R plia m Co
Differential LVPECL Clock Oscillator
Designed to meet today's requirements for 3.3V Complementary LVPECL applications. The CCPD-033 uses a high Q crystal providing very low jitter and phase noise for demanding applications. Available on 16mm tape and reel in quantities of 1K.
Phase Jitter: Phase Noise:
Aging:
77.760MHz to 161.1328MHz 20ppm to 100ppm 0C to 70C -20C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 55mA Typ, 88mA Max Differential LVPECL 45/55% Max @ 50% Vdd 1ns Max @ 20% to 80% Vdd into 50 ohms "0" = 1.490 Min, 1.680 Max "1" = 2.275 Min, 2.420 Max "0" = 1.470 Min, 1.745 Max "1" = 2.215 Min, 2.420 Max 200ns Max 1mSec Typ., 2mSec Max 0.5 psec Typ., 1ps RMS Max -65dBc Typical -98dBc Typical -125dBc Typical -140dBc Typical -145dBc Typical <3ppm 1st/yr, <1ppm every year thereafter
Dimensions inches (mm) All dimensions are Max unless otherwise specified. .283 (7.20)
SUGGESTED PAD LAYOUT .055 .003 (1.40 .08) #1 #2 #5 .200 .005 (5.08 .13) #3 #4 .055 .003 (1.40 .08) .148 (3.75) .071 SQ (1.80)
P/N Freq DC
Denotes pad 1
.203 (5.15)
.075 (1.80)
#6
.200 (5.08) Bypass Capacitor Recommended
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Crystek Part Number Guide CCPD-033 X - 25 - 155.520
#1 #2 #3 #4 #5
Stability Indicator:
#1 Crystek 5x7 SMD PECL Osc. #2 Model 033 = 3.3V #3 Temp. Range: Blank = 0/70C, M= -20/70C, X= -40/85C #4 Stability: (see Table 1) #5 Frequency in MHz: 3 or 6 decimal places Blank (std) 100ppm 50 50ppm 25 25ppm 20 ** 20ppm ** only available 0/70C
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
Example: CCPD-033X-25-155.520 = 3.3V, 45/55, -40/85C, 25ppm, 155.520 MHz
Table 1
Pad 1 2 3 4 5 6
Connection E/D N/C GND OUT COUT Vdd Table 2 Tri-State Function E/D pin Open "1" level 0.7V Min "0" level 0.3V Max Table 3 Output pin Active Active High Z
Mechanical: Shock: Solderability: Vibration: Solvent Resistance: Resistance to Soldering Heat: Environmental: Thermal Shock: Moisture Resistance:
MIL-STD-883, MIL-STD-883, MIL-STD-883, MIL-STD-202, MIL-STD-202,
Method 2002, Condition B Method 2003 Method 2007, Condition A Method 215 Method 210, Condition I or J
MIL-STD-883, Method 1011, Condition A MIL-STD-883, Method 1004
Specifications subject to change without notice.
TD-020904 Rev.K


▲Up To Search▲   

 
Price & Availability of CCPD-033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X