Part Number Hot Search : 
8XC51 BT3011 HCS05K BA20D3 SD860T MT8976AC 24128C SMBG150A
Product Description
Full Text Search
 

To Download BY550-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low leakage
GALAXY ELECTRICAL
BY550-50 --- BY550-1000
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 5.0 A
PLASTIC SILICON RECTIFIER
Low cost Diffused junction Low forward voltage drop High current capability Easily cleaned witn Freon,Alcohol,lsopropanol and similar solvents The plastic material carries U/L recognition 94V-0
DO - 27
MECHANICAL DATA
Case:JEDEC DO-27,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041 ounces, 1.15 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BY 550-50
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
BY BY BY BY BY BY UNITS 550-100 550-200 550-400 550-600 550-800 550-1000
100 70 100 200 140 200 400 280 400 5.0 600 420 600 800 560 800 1000 700 1000 V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ=125
IFSM
300.0
A
Maximum instantaneous forw ard voltage @ 5.0 A Maximum reverse current @TA=25
VF IR CJ RJA TJ TSTG
1.1 10.0 100.0 80 15 - 55 ---- + 150 - 55 ---- + 150
V A pF
at rated DC blocking voltage @TA=100 Typical junction capacitance Typical thermal resistance (Note1) (Note2)
Operating junction temperature range Storage temperature range
2. Thermal resistance f rom junction to ambient.
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
www.galaxycn.com
Document Number 0260031
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT
10
BY550-50 --- BY550-1000
FIG.2 -- TYPICAL FORWARD DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
1.5 1.25 1.0
1.0
AMPERES
0.1
TJ=250 C Pulse Width =300us
0.75 0.5
Single Phase Half Wave 60HZ Resistive or Inductive Load
0.25
.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0 25
50
75
100 125
150
175
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4--TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT AMPERES
JUNCTION CAPACITANCE,PF
1000 600 400
450 400 350 300 250 200 150 100 50 1 2 4 8 10 20 40 60 80 100
TJ=125 8.3ms Single Half Sine-W ave
TJ=25
200 100
40 20 10 .1
.2
.4
1.0
2
4
10
20
40
1 00
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0260031
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BY550-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X