Part Number Hot Search : 
LP3311 3LEAD 4HC149R A1601 3LEAD 883409 ALVCH 25PPC405
Product Description
Full Text Search
 

To Download BTA26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTB/BTA26
Discrete Triacs(Non-Isolated/Isolated)
Dimensions TO-220AB
Dim. A B C D E F G H J K M N Q R Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
G T2 T1 T2
G T1
ABSOLUTE MAXIMUM RATINGS Symbol
IT(RMS) ITSM It dI/dt Parameter RMS on-state current (full sine wave) Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) It Value for fusing Critical rate of rise of on-state current _ I G = 2 x I GT , tr < 100 ns TO-220AB F = 60 Hz F = 50 Hz Tc = 100C t = 16.7 ms t = 20 ms Value 25 260 250 340 Tj = 125C 50 Unit A A As A/s
tp = 10 ms F = 120 Hz
VDSM/V RSM Non repetitive surge peak off-state voltage
IGM PG(AV) Tstg Tj Peak gate current Average gate p ower diss ipation Storage junction temperature range Operating junction temperature range
tp = 10 ms
tp = 20 s
Tj = 25C
Tj = 125C Tj = 125C
VDRM/VRRM
+ 100
V
A W C
4 1 - 40 to + 150 - 40 to + 125
s
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified) SNUBBERLESSTM and LOGIC LEVEL(3 Quadrants)
Symbol Test Conditions Quadrant CW IGT (1) VGT VGD IH (2) IL dV/dt (2) VD = 12 V VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM gate open Tj = 125C Tj = 125C I - III II MIN. MIN. (dI/dt)c (2) Without snubber RL = 33 RL = 3.3 k Tj = 125C I - II - III I - II - III I - II - III MAX. MAX. MIN. MAX. MAX. 50 70 80 500 13 35 1.3 0.2 75 80 100 1000 22 V/s A/ms BTA/BTB BW 50 mA V V mA mA Unit
BTB/BTA26
Discrete Triacs(Non-Isolated/Isolated)
s
STANDARD (4 Quadrants)
Symbol IGT (1) VD = 12 V VGT VGD IH (2) IL VD = VDRM IT = 500 mA IG = 1.2 IGT I - III - IV II RL = 3.3 Tj = 125C Test Conditions RL = 33 Quadrant I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. MIN. MIN. Value 50 100 1.3 0.2 80 70 160 500 10 V/s V/s Unit mA V V mA mA
dV/dt (2) VD = 67 % VDRM gate open Tj = 125C (dV/dt)c (2) (dI/dt)c =13.3A/ms Tj = 125C
STATIC CHARACTERISTICS
Symbol VTM (2) Vto (2) Rd (2) IDRM IRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1
Test Conditions ITM = 35 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX.
Value 1.55 0.85 16 5 3
Unit V V m A mA
Threshold voltage Dynamic resistance VDRM = VRRM
THERMAL RESISTANCES
Symbol Rth(j-c) Rth(j-a) Junction to case (AC) Junction to ambient Parameter Value 0.8 60 Unit C/W C/W
PRODUCT SELECTOR
Voltage (xxx) Part Number 200 V ~~ 1000 V BTBV/BTA26 X X 50 mA Standard TO-220AB Sensitivity Type Package
OTHER INFORMATION
Part Number BTB/BTA26
Marking BTB/BTA26
Weight 2.3 g
Base quantity 250
Packing mode Bulk
BTB/BTA26
Discrete Triacs(Non-Isolated/Isolated)
F ig. 1 Maximum power dis s ipation vers us R MS : on-s ta te current (full cycle).
30 25 20 15 10 5 0 0 5 IT (R MS ) (A ) 10 15 20 25 P (W)
30 25 20 15 10 5 0 0 25 50 T c (C ) 75 100 125
B TA 24
F ig. 2 -1: R MS on-s tate current vers us cas e temperature (full cycle).
IT (R MS ) (A )
B T B /T 25
B TA 25/26
F ig. 3 R ela tive variation of thermal impedance : vers us puls e duration.
F ig. 4 : values ).
O n-s tate characteris tics (ma ximum
1E +0
K =[Zth/R th]
Zth(j-c)
300 100
IT M (A )
T j max
1E -1
Zth(j-a) B TA/B T B 24/T 25
1E -2
10
Zth(j-a) B TA26
T j=25C
tp (s ) 1E -3 1E -3 1E -2 1E -1 1E +0 1E +1 1E +2 5E +2
V T M (V ) 1 0.5 1.0 1.5 2.0 2.5 3.0 3.5
T j max. V to = 0.85 V R d = 16 m
4.0
4.5
F ig. 5 S urge peak on-s tate current versus : number of cycles.
IT S M (A )
300 250 200 150 100 50 0
t=20ms
Non repetitive T j initial=25C
One cycle
R epetitive T c=75C
Number of ycles c 1 10 100 1000
BTB/BTA26
Discrete Triacs(Non-Isolated/Isolated)
F ig. 6 Non-repetitive s urge peak on-s tate : current for a s inus oida l puls e with width tp < 10ms, a nd corres ponding value of It.
IT S M (A ),I (A ) t s 3000
T j initial=25C dI/dt limitation: 50A /s
F ig. 7 R elative va riation of gate trigger current, : holding current and la tching current versus junction temperature (typical va lues ).
IG T,IH,IL [T j] / IG,IH,IL [T j=25C ] T
2.5 2.0
IG T
1000
1.5
IT S M
1.0 0.5
IH & IL
tp (ms ) 100 0.01 0.10 1.00
It
T j(C )
10.00
0.0 -40
-20
0
20
40
60
80
100
120
140
F ig. 8 R elative varia tion of critical rate of : decreas e of main current vers us (dV /dt)c (typica l values ).
(dI/dt)c [(dV /dt)c ] / S pec ified (dI/dt)c 2.4 2.2 2.0 1.8 1.6 B W/C W/T 2535 1.4 B 1.2 1.0 0.8 0.6 (dV /dt)c (V /s ) 0.4 0.1 1.0 10.0
F ig. 9 R elative variation of critical rate of : decreas e of main current vers us junction temperature.
(dI/dt)c [T j] / (dI/dt)c [T j s pec ified]
6 5 4 3 2 1
100.0
T j (C ) 0 25 50 75 100 125
0


▲Up To Search▲   

 
Price & Availability of BTA26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X