Part Number Hot Search : 
3386F200 045280 D471K MAX6513 STTH30 MA203 ZPD2036 5N6BC0
Product Description
Full Text Search
 

To Download BL-BEG201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BEG201
Features:
1. Chip material: GaAsP/GaP(Red) and GaP/GaP (Green) 2. Emitted color :Hi-Eff Red and Green 3. Lens Appearance : White Diffused 4. Low power consumption. 5. High efficiency. 6. Versatile mounting on P.C. Board or panel. 7. Low current requirement. 8. 3mm diameter package 9. This product don't contained restriction substance, compliance ROHS standard.
Package Dimensions:
3.0(.118) CENTER LEADS COMMON Cathode 0.8(.03) 5.3(.209)
1.50(.059) MAX. 0.5(.02) SQ. TYP.
1.2 0.5 (.047) 21.0(.827) MIN.
Red ANODE
Green ANODE
2.0(.08) MIN.
3.8(.15)
2.54(.10) NOM.
2.54(.10) NOM.
Applications:
1. TV set 2. Monitor 3. Telephone 4. Computer 5. Circuit board
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm (0.01") unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
Absolute Maximum Ratings(Ta=25)
Parameter Power Dissipation Forward Current Peak Forward Current*1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Pd IF IFP VR Topr Tstg Tsol Hi-Eff Red 80 30 150 5 -40~80 -40~85 260(for 5 seconds) Green 80 30 150 Unit mW mA mA V
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
Ver.2.0 Page: 1 of 2
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BEG201
Electrical and optical characteristics(Ta=25) Parameter
Forward Voltage Luminous Intensity
Symbol Condition
VF Iv IR p d 21/2 IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Color
Hi-Eff Red Green Hi-Eff Red Green Hi-Eff Red Green Hi-Eff Red Green Hi-Eff Red Green Hi-Eff Red Green Hi-Eff Red Green
Min.
617 560 -
Typ.
2.0 2.2 35 35 640 568 45 30 40
Max.
2.6 2.6 100 638 576 -
Unit
V mcd
Reverse Current
Peak Wave Length Dominant Wave Length Spectral Line Half-width Viewing Angle
A
nm nm nm deg
Typical Electro-Optical Characteristics Curves
Fig.1 Relative intensity vs. Wavelength
1.0
(G) (E)
Fig.2 Forward current derating curve vs. Ambient temperature
60
50
Relative radiant intensity
Forward current(mA)
580 640 720
40
0.5
30
20
10 0 500
0
20
40
60
80
100
Wavelength (nm)
Ambient temperature Ta()
Fig.3 Forward current vs. Forward voltage
50 (E) 40 (G) 3.0
Fig.4 Relative luminous intensity vs. Ambient temperature
Relative luminous intensity
1 2 3 4 5
2.5
Forward current(mA)
2.0
30
1.5
20
1.0
10
0.5
0
0 -40
-20
0
20
40
60
Forward voltage(V)
Ambient temperature Ta()
Fig.5 Relative luminous intensity vs. Forward current
8.0
Fig.6 Radiation diagram
0 (G) 10 20 30
Relative luminous intensity(@20mA)
7.0 6.0
Relative radiant intensity
(E) 5.0 4.0 3.0 2.0 1.0 0 5 10 20 30 40 50
1.0
40
0.9 0.8
50 60 70
0.7
80 90 0.5 0.3 0.1 0.2 0.4 0.6
Forward current (mA)
Ver.2.0 Page: 2 of 2


▲Up To Search▲   

 
Price & Availability of BL-BEG201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X