Part Number Hot Search : 
74HC4067 MAX9550 SEMD4 HA11465A 93CX56PM CS400F4 AS5115 HMC313
Product Description
Full Text Search
 

To Download BAT54RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
Schottky Barrier Diode
30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited.
Extremely Fast Switching Speed
3
ANODE 1
BAT54RC
1 2
3 CATHODE
2 ANODE
SOT-23
MAXIMUM RATINGS (TJ=125 C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA=25 C o Derate above 25 C Forward Current (DC) Operating Junction Temperature Range Storage Temperature Range
o
o
Symbol VR PF IF TJ TSTG
Value 30 225 1.8 200 Max -55 to +150 -55 to +150
Unit Volts mW o mW / C mA
o o
C C
DEVICE MARKING BAT54RC=KL3 ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Characteristic Reverse Leakage ( VR=25V ) Symbol IR Min. Typ. Max. 2 Unit uA
o
( IF=0.1mAdc ) Forward Voltage ( IF=1.0mAdc ) ( IF=10mAdc ) ( IF=30mAdc ) ( IF=100mAdc ) VF
-
-
0.24 0.32 0.40 0.50 1.00 Vdc
Total Capacitance ( VR=1.0V, f=1.0MHZ )
CJ
-
-
10
pF
Reverse Recovery Time ( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
trr
-
-
5.0
nS
09/2001
Zowie Technology Corporation
Zowie Technology Corporation
BAT54RC
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT 820 +10 V 2k 100uH 0.1uF D.U.T. OUTPUT PULSE GENERATOR 50 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1mA OUTPUT PULSE (I F = I R = 10 mA; measured at iR(REC) = 1mA IF 0.1uF IF trr T
tr 10%
tp
T
Notes: 1. A 2.0k variable resistor adjusted for a Forward Current (IF) of 10mA. 2. Input pulse is adjusted so IR(peak) is equal to 10mA. 3. tp trr
FIGURE 2. FORWARD VOLTAGE
100 1000 125 C 85 C 10
o o
FIGURE 3. LEAKAGE CURRENT
IF, FORWARD CURRENT ( mA )
IR, REVERSE CURRENT ( uA )
C TA=150
100
o
TA=125 C
o
10 1.0
o 0C
TA=85 C
o
1.0
15
55 C
o
0.1 0.01
o
25 o C
40 oC
TA=25 C
0.1 0.0
0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 10 15 20 25 30
VF, FORWARD VOLTAGE ( VOLTS )
VR, REVERSE VOLTAGE ( VOLTS )
FIGURE 4. TOTAL CAPACITANCE
14
CT, TOATAL CAPACITANCE ( pF )
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, REVERSE VOLTAGE ( VOLTS )
09/2001
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of BAT54RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X