Part Number Hot Search : 
Y7C14 EL7154CN 20215 20215 1SMB13A MT4S104T ER304 T4005
Product Description
Full Text Search
 

To Download AME8807AEHAY-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME, Inc.
AME8807
n General Description
The AME8807 family of positive, linear regulators feature low ground current (30A Typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOP-8 & DFN-8 (3mmx3mmx0.6mm) packages are attractive for "Pocket" and "Hand Held" applications. These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" of operating conditions. The AME8807 is stable with an output capacitance of 2.2F or greater.
600mA CMOS LDO
n Functional Block Diagram
IN OUT
Overcurrent Shutdown
Thermal Shutdown
EN
AMP
ADJ
n Features
l Very Low Dropout Voltage l Guaranteed 600mA Output l Typical 30A Quiescent Current l Accurate to within 1.5% l Over-Temperature Shutdown l Current Limiting l Short Circuit Current Fold-back l Power-Saving Shutdown Mode l Space-Saving SOP-8 & DFN-8 (3mmx3mmx0.6mm) Packages l User Adjustable Output Voltages l Low Temperature Coefficient l All AME's Lead Free Products Meet RoHS Standards
C1 1F R2 IN
EN IN OUT
Vref =1.215V
GND
n Typical Application
OUT C2 R1 100p C3 2.2F
AME8807
GND ADJ
n Applications
l Instrumentation l Portable Electronics l Wireless Devices l Cordless Phones l PC Peripherals l Battery Powered Widgets
VOUT = 1.215 ( R1/R2 +1 ) C2 is unnecessary if R1 or R2 < 20 K Ohms R R and R use resistance value within 1% accuracy for a d correct V 2 n1 OUT
Rev.M.01
1
AME, Inc.
AME8807
n Pin Configuration
SOP-8 Top View
8 7 6 5
600mA CMOS LDO
SOP-8 Top View AME8807AEHA 1. IN 2. GND 3. GND 4. EN
8 7 6 5
AME8807BEHA 1. OUT 2. ADJ 3. GND 4. NC 5. EN 6. NC
AME8807
i Ax
4
AME8807
i (c)u C E P SD5. ADJ Ax |~ N 3/4O 11
6. GND 7. GND 8. OUT * Die Attach: Conductive Epoxy
1 2 3 4 1 2 3
7. NC 8. IN * Die Attach: Conductive Epoxy
DFN-8 (3mmx3mmx0.6mm) Top View AME8807AEVA
8 7 6 5
1. EN 2. GND 3. GND 4. IN 5. OUT 6. GND
AME8807
1
2
3
4
7. GND 8. ADJ * Die Attach:
Conductive Epoxy Note: The area enclosed by dashed line represents Exposed Pad and connect to GND.
2
Rev.M.01
AME, Inc.
AME8807
n Ordering Information AME8807 x x x x x - x
Special Feature2 Special Feature1 Number of Pins Package Type Operating Ambient Temperature Range Pin Configuration
600mA CMOS LDO
Pin Operating Ambient Configuration Temperature Range A: 1. IN 2. GND 3. GND 4. EN 5. ADJ 6. GND 7. GND 8. OUT B: 1. OUT 2. ADJ 3. GND 4. NC 5. EN 6. NC 7. NC 8. IN A: 1. EN 2. GND 3. GND 4. IN 5. OUT 6. GND 7. GND 8. ADJ E: -40OC to 85OC
Package Type H: SOP-8 V: DFN
Number of Pins A: 8
Special Feature1
Special Feature 2 (For DFN package only) 3: 3x3x0.6(mm) (LxWxH)
(SOP-8)
Z: Lead Free Y: Lead Free & Low Profile
(SOP-8)
(DFN-8)
Rev.M.01
3
AME, Inc.
AME8807
n Ordering Information
Part Number
AME8807AEHA
600mA CMOS LDO
Marking*
8807 AEHA yyww
Output Voltage
Adjustable
Package
SOP-8
Operating Ambient Temperature Range
- 40oC to 85oC
AME8807AEHAZ
8807 AEHA E P SD 3/4O 11 yyww i Ax 8807 AME8807BEHA BEHA yyww
i (c)u C Ax |~ N
Adjustable
SOP-8
- 40oC to 85oC
Adjustable
SOP-8
- 40oC to 85oC
AME8807BEHAZ
8807 BEHA yyww BEX yyww
Adjustable
SOP-8 DFN-8 (3mmx3mmx0.6mm)
- 40oC to 85oC
AME8807AEVAY-3
Adjustable
- 40oC to 85oC
Note: yyww represents the date code * A line on top of the first letter represents lead free plating such as 8807 Please consult AME sales office or authorized Rep./Distributor for package type availability.
4
Rev.M.01
AME, Inc.
AME8807
n Absolute Maximum Ratings
Parameter
Input Voltage EN Voltage Output Voltage Output Current ESD Classification
600mA CMOS LDO
Maximum
-0.3 to 8 -0.3 to 8 -0.3 to VIN + 0.3 P D / (V IN - VOUT) B*
Unit
V V V mA
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device. *HBM B:2000V~3999V
n Recommended Operating Conditions
Parameter
Ambient Temperature Range Junction Temperature Range Storage Temperature Range
Symbol
TA TJ TSTG
Rating
- 40 to 85 - 40 to 125 - 65 to 150
Unit
o o o
C C C
n Thermal Information
Parameter
Thermal Resistance* (Junction to Case)
Package
SOP-8 DFN-6 (3mmx3mmx0.6mm) SOP-8 DFN-6 (3mmx3mmx0.6mm) SOP-8
Die Attach
Symbol
JC
Maximum
60 17 150
Unit
o
C/W
Thermal Resistance (Junction to Ambient)
Conductive Epoxy
JA
125 810 mW
Internal Power Dissipation
DFN-6 (3mmx3mmx0.6mm)
PD 800 150 350
o o
Maximum Junction Temperature Solder Iron (10 Sec)**
C C
* Measure JC on center of molding compound if IC has no tab. O ** MIL-STD-202G 210F F
Rev.M.01 5
AME, Inc.
AME8807
n Electrical Specifications
TA = 25OC unless otherwise noted
Parameter Input Voltage Output Voltage Accuracy Symbol VIN VO IO=600mA VO=VO(NOM) -2.0% IO=1mA 1.5V1.2V VO>1.2V VO<0.8V IO=0mA IO=1mA to 600mA IO=1mA VIN=VO+1 to VO+2 VO < 2.0V VO >= 2.0V 0.02 0.2 150 30 30 f=1kHz Power Supply Rejection PSRR IO=100mA CO=2.2F f=10Hz to 100kHz IO=10mA f=10kHz f=100kHz Co=2.2F 50 20 15 30 1.203 1.215 1.227 VIN=2.7V to 7V VIN=2.7V to 7V VEN=VIN, VIN=2.7V to 7V VEN=0V, VIN=2.7V to 7V VIN=5V, VO=0V, VENo o
600mA CMOS LDO
Units V %
Dropout Voltage
i (c)u C E P SD 3/4O 11 Ax |~ N
i Ax
IO ILIM ISC IQ IGND
VDROPOUT
mV
Output Current Current Limit Short Circuit Current Quiescent Current (For Fixed Output Voltage Options) Ground Pin Current Line Regulation Load Regulation Over Temperature Shutdown Over Temperature Hysterisis VO Temperature Coefficient
REGLINE REGLOAD OTS OTH TC
IO=1mA to 600mA
C C
ppm/oC
Output Voltage Noise ADJ Reference Voltage EN Input Threshold
eN VREF VEH VEL IEH IEL ISD
EN Input Bias Current Shutdown Supply Current
Note1:VIN(min)=VOUT+VDROPOUT
6
Rev.M.01
AME, Inc.
AME8807
n Detailed Description
The AME8807 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current protection, and thermal shutdown. The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds 150oC, or the current exceeds 600mA. During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops below 120oC. The AME8807 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents over-stress. The AME8807 also incorporates current fold-back to reduce power dissipation when the output is short circuited. This feature becomes active when the output drops below 0.8 volts, and reduces the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
600mA CMOS LDO
n Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered down. In this state, the quiescent current is less than 1A. This pin behaves much like an electronic switch.
n ADJ
The ADJ pin is the positive input to the error amplifier which, due to the pmos pass element inversion, means it is actually the negative input of the LDO feedback loop. The feedback works to keep the voltage at the ADJ pin 1.215V with respect to ground. Since the internal circuitry at the ADJ pin is essentially an ESD protected CMOS gate the input current at the ADJ pin is virtually zero.
n External Capacitors
The AME8807 is stable with an output capacitor to ground of 2.2F or greater. Ceramic capacitors have the lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1F ceramic capacitor with a 10F Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should be at least 0.1F to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This can be achieved with a "Star" connection.
Rev.M.01
7
AME, Inc.
AME8807
Ground Current vs. Input Voltage
45 40
600mA CMOS LDO
Load Step (1mA-600mA)
Vo(10mV/DIV)
Ground Current ( A)
35 30 25 20 15 10 5 0 0 1 2 3 4
85 OC
Output CL =2.2 =2.2
25 C
IL(200mA/DIV)
O
i (c)u C E P SD 3/4O 11 Ax |~ N
i Ax
5 6 7 8
I Load
0
TIME (20mS/DIV)
Input Voltage (V)
Drop Out Voltage vs. Output Voltage
1400 1200
Power Supply Rejection Ratio
0 -10 -20
Drop Out Voltage (mV)
1000 800 600 400
PSRR (dB)
Top to Bottom ILOAD=600mA ILOAD=500mA ILOAD=400mA ILOAD=300mA ILOAD=200mA ILOAD=100mA
CL=2.2F Tantalum Tantalum C BYP =0
100mA
-30 -40 -50 -60
100mA
10mA
200
-70 -80 10
100 A
1K
100 A
100K
1mA
10M
1
2
3
4
5
6
Output Voltage (V)
Frequency (Hz)
Safe Operating Area
600
Noise Measurement
8807AEHA Output Current (mA) 8807BEHA
Vo (1mV DIV)
CL=2.2F No Filter
100
10 0.1
1.0
8.0
Input-Output Voltage Differential (V)
TIME (20ms/DIV)
8
Rev.M.01
AME, Inc.
AME8807
Overtemperature Shutdown
I OUT (200mA/DIV)
VOUT (1V/DIV)
600mA CMOS LDO
Current Limit Response
0
IOUT (200mA/DIV)
R LOAD=6.6
VOUT (1V/DIV)
CLOAD=2.2F CIN=1.0F RLOAD=3.3 VOUTNOM=3.3V
0
TIME (0.5Sec/DIV)
TIME (2mS/DIV)
Short Circuit Response
CLOAD=2.2F CIN=1F RLOAD<100m
Chip Enable Transient Response
Enable (2V/DIV)
IOUT (200mV/DIV)
CL=2F RL=10
0
VOUT (1V/DIV)
Output (1V/DIV)
0
TIME (2mS/DIV)
TIME (1mS/DIV)
Line Transient Response
VIN(1V/DIV)
VOUT (10mV/DIV)
CLOAD=2.2F ILOAD=1mA VOUTDC=3.3V VINDC=4.5V
TIME (200mS/DIV)
Rev.M.01
9
AME, Inc.
AME8807
n External Resistor Divider Table
R1 (K Ohm) Vout 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 14.29 9.00 6.57 5.17 4.26 3.63 3.16 2.79 2.51 2.27 2.08 1.91 1.77 1.65 1.55 1.46 1.37 1.30 1.23 1.17 1.12 1.07 1.03 0.98 0.95 0.91 0.88 0.85 0.82 0.79 0.77 0.74 0.72 0.70 0.68 0.66 0.64 1 2 3 4 5 6 7 8 9 10
600mA CMOS LDO
R2(K Ohm)=(1.215*R1(K Ohm))/(Vout-1.215) 28.59 42.88 57.18 18.00 27.00 36.00 13.14 19.70 26.27 10.34 15.51 20.68 8.53P SD 3/4O 11 12.79 17.05 E i Ax 7.25 10.88 14.51 6.31 9.47 12.62 5.59 8.38 11.17 5.01 7.52 10.02 4.54 6.81 9.08 4.15 6.23 8.31 3.83 5.74 7.65 3.55 5.32 7.09 3.31 4.96 6.61 3.10 4.64 6.19 2.91 4.37 5.82 2.75 4.12 5.49 2.60 3.90 5.20 2.47 3.70 4.93 2.35 3.52 4.70 2.24 3.36 4.48 2.14 3.21 4.28 2.05 3.08 4.10 1.97 2.95 3.94 1.89 2.84 3.78 1.82 2.73 3.64 1.75 2.63 3.51 1.69 2.54 3.39 1.64 2.45 3.27 1.58 2.37 3.17 1.53 2.30 3.07 1.49 2.23 2.97 1.44 2.16 2.88 1.40 2.10 2.80 1.36 2.04 2.72 1.32 1.99 2.65 1.29 1.93 2.58 71.47 45.00 32.84 25.85 21.32 18.13 15.78 13.97 12.53 11.36 10.38 9.57 8.87 8.27 7.74 7.28 6.86 6.50 6.17 5.87 5.60 5.35 5.13 4.92 4.73 4.55 4.39 4.23 4.09 3.96 3.83 3.72 3.61 3.50 3.40 3.31 3.22 85.76 54.00 39.41 31.02 25.58 21.76 18.94 16.76 15.03 13.63 12.46 11.48 10.64 9.92 9.29 8.73 8.24 7.80 7.40 7.04 6.72 6.42 6.15 5.90 5.67 5.46 5.26 5.08 4.91 4.75 4.60 4.46 4.33 4.20 4.08 3.97 3.87 100.06 63.00 45.97 36.19 29.84 25.39 22.09 19.55 17.54 15.90 14.54 13.39 12.42 11.57 10.83 10.19 9.61 9.10 8.63 8.22 7.84 7.49 7.18 6.89 6.62 6.37 6.14 5.93 5.73 5.54 5.37 5.20 5.05 4.90 4.76 4.63 4.51 114.35 72.00 52.54 41.36 34.11 29.01 25.25 22.34 20.04 18.17 16.62 15.31 14.19 13.22 12.38 11.64 10.98 10.40 9.87 9.39 8.96 8.56 8.20 7.87 7.56 7.28 7.02 6.77 6.55 6.33 6.13 5.94 5.77 5.60 5.45 5.30 5.16 128.65 81.00 59.11 46.53 38.37 32.64 28.40 25.14 22.55 20.44 18.69 17.22 15.96 14.88 13.93 13.10 12.36 11.70 11.10 10.57 10.08 9.63 9.23 8.85 8.51 8.19 7.90 7.62 7.36 7.12 6.90 6.69 6.49 6.30 6.13 5.96 5.80 142.94 90.00 65.68 51.70 42.63 36.27 31.56 27.93 25.05 22.71 20.77 19.13 17.74 16.53 15.48 14.55 13.73 12.99 12.34 11.74 11.20 10.70 10.25 9.84 9.46 9.10 8.77 8.47 8.18 7.92 7.67 7.43 7.21 7.00 6.81 6.62 6.45
i (c)u C Ax |~ N
10
Rev.M.01
AME, Inc.
AME8807
n External Resistor Divider Table (contd.)
R1 (K Ohm) Vout 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 0.63 0.61 0.60 0.58 0.57 0.56 0.54 0.53 0.52 0.51 0.50 0.49 0.48 0.47 0.46 0.45 0.44 0.44 0.43 0.42 0.41 0.41 0.40 0.39 0.39 0.38 0.38 0.37 0.36 0.36 0.35 0.35 0.34 0.34 0.33 0.33 0.33 0.32 1.26 1.22 1.19 1.17 1.14 1.11 1.09 1.06 1.04 1.02 1.00 0.98 0.96 0.94 0.92 0.91 0.89 0.87 0.86 0.84 0.83 0.81 0.80 0.79 0.78 0.76 0.75 0.74 0.73 0.72 0.71 0.70 0.69 0.68 0.67 0.66 0.65 0.64 1.88 1.84 1.79 1.75 1.71 1.67 1.63 1.60 1.56 1.53 1.50 1.47 1.44 1.41 1.38 1.36 1.33 1.31 1.29 1.26 1.24 1.22 1.20 1.18 1.16 1.14 1.13 1.11 1.09 1.08 1.06 1.05 1.03 1.02 1.00 0.99 0.98 0.96 1 2 3 4 5 6 7 8 9 10
600mA CMOS LDO
R2(K Ohm)=(1.215*R1(K Ohm))/(Vout-1.215) 2.51 2.45 2.39 2.33 2.28 2.22 2.17 2.13 2.08 2.04 2.00 1.96 1.92 1.88 1.84 1.81 1.78 1.75 1.71 1.68 1.66 1.63 1.60 1.58 1.55 1.53 1.50 1.48 1.46 1.44 1.41 1.39 1.37 1.36 1.34 1.32 1.30 1.28 3.14 3.06 2.99 2.91 2.85 2.78 2.72 2.66 2.60 2.55 2.49 2.44 2.40 2.35 2.31 2.26 2.22 2.18 2.14 2.11 2.07 2.04 2.00 1.97 1.94 1.91 1.88 1.85 1.82 1.79 1.77 1.74 1.72 1.69 1.67 1.65 1.63 1.61 3.77 3.67 3.58 3.50 3.41 3.34 3.26 3.19 3.12 3.06 2.99 2.93 2.88 2.82 2.77 2.72 2.67 2.62 2.57 2.53 2.48 2.44 2.40 2.36 2.33 2.29 2.25 2.22 2.19 2.15 2.12 2.09 2.06 2.03 2.01 1.98 1.95 1.93 4.40 4.28 4.18 4.08 3.98 3.89 3.81 3.72 3.64 3.57 3.49 3.42 3.36 3.29 3.23 3.17 3.11 3.05 3.00 2.95 2.90 2.85 2.80 2.76 2.71 2.67 2.63 2.59 2.55 2.51 2.48 2.44 2.41 2.37 2.34 2.31 2.28 2.25 5.02 4.90 4.78 4.66 4.55 4.45 4.35 4.25 4.16 4.08 3.99 3.91 3.83 3.76 3.69 3.62 3.55 3.49 3.43 3.37 3.31 3.26 3.20 3.15 3.10 3.05 3.00 2.96 2.91 2.87 2.83 2.79 2.75 2.71 2.67 2.64 2.60 2.57 5.65 5.51 5.37 5.24 5.12 5.00 4.89 4.79 4.68 4.58 4.49 4.40 4.31 4.23 4.15 4.07 4.00 3.93 3.86 3.79 3.73 3.66 3.60 3.54 3.49 3.43 3.38 3.33 3.28 3.23 3.18 3.14 3.09 3.05 3.01 2.97 2.93 2.89 6.28 6.12 5.97 5.83 5.69 5.56 5.44 5.32 5.20 5.09 4.99 4.89 4.79 4.70 4.61 4.53 4.44 4.36 4.29 4.21 4.14 4.07 4.00 3.94 3.88 3.81 3.76 3.70 3.64 3.59 3.54 3.49 3.44 3.39 3.34 3.30 3.25 3.21
Rev.M.01
11
AME, Inc.
AME8807
n Tape and Reel Dimension
SOP-8
P
600mA CMOS LDO
i (c)u C E P SD 3/4O 11 Ax |~ N
i Ax
PIN 1
W
Carrier Tape, Number of Components Per Reel and Reel Size
Package SOP-8
Carrier Width (W) 12.00.1 mm
Pitch (P) 4.00.1 mm
Part Per Full Reel 2500pcs
Reel Size 3301 mm
DFN-8 (3mmx3mmx0.6mm)
P
PIN 1 W
AME AME
Carrier Tape, Number of Components Per Reel and Reel Size
Package DFN-8 (3x3x0.6mm) Carrier Width (W) 8.00.1 mm Pitch (P) 4.00.1 mm Part Per Full Reel 3000pcs Reel Size 3301 mm
12
Rev.M.01
AME, Inc.
AME8807
n Package Dimension
SOP-8
Top View Side View
600mA CMOS LDO
SYMBOLS
C
MILLIMETERS MIN MAX
1.75 0.30
INCHES MIN
0.05315
MAX
0.0689
A
H E
1.35 0.10
A1 A2 B C
L
c
0.00394 0.01181 0.05799 REF 0.01299 0.02008 0.00748 0.00984 0.18898 0.20984 0.14961 0.15748 0.05000 BSC 0.01575 0.05000 0.22835 0.24803 0
o
1.473 REF 0.33 0.19 4.80 3.80 0.51 0.25 5.33 4.00
D
D E e L
Front View
7o(4X)
1.27 BSC 0.40 5.80 0
o
1.27 6.30 0.10 8
o
A2
H y
A
A1
e B
0.00394 8o
Rev.M.01
13
AME, Inc.
AME8807
n Package Dimension
DFN-8 (3mmx3mmx0.6mm) D
SYMBOLS MILLIMETERS MIN MAX 0.650 3.100 3.100 0.550 2.900 2.900 INCHES MIN 0.022 0.114 0.114 MAX 0.026 0.122 0.122
600mA CMOS LDO
i (c)u C E P SD 3/4O 11 Ax |~ N
i Ax
A D E F e D2
E
0.550 TYP. 0.650 TYP. 1.500 TYP. 2.400 TYP. 0.200 0.450 0.010 0.000 0.300 0.550 0.090 0.050
0.220 TYP. 0.026 TYP. 0.059 TYP. 0.094 TYP. 0.0079 0.018 0.0004 0.000 0.012 0.022 0.004 0.002
TOP VIEW
E2 b L
H
D2
G
L b
H
PIN 1 ID E2 e
BOTTOM VIEW
A G F SIDE VIEW
14
Rev.M.01
www.ame.com.tw
E-Mail: sales@ame.com.tw
Life Support Policy: These products of AME, Inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of AME, Inc. AME, Inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. (c) AME, Inc. , June 2007 Document: 2006/2095-DS8807-M.01
Corporate Headquarter
AME, Inc.
2F, 302 Rui-Guang Road, Nei-Hu District Taipei 114, Taiwan, R.O.C. Tel : 886 2 2627-8687 Fax: 886 2 2659-2989
U.S.A. (Subsidiary)
Analog Microelectronics, Inc.
3100 De La Cruz Blvd., Suite 201 Santa Clara, CA. 95054-2438 Tel : (408) 988-2388 Fax : (408) 988-2489


▲Up To Search▲   

 
Price & Availability of AME8807AEHAY-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X