|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com This specification covers the characteristics of the ACTF446B/446.0/F11 SAW Filter. The filter is designed for use in Mobile Radio Applications ( Walkie Talkie - FRS/PMR ) ( Centre Frequency : 4469.0MHz ) 1. Package Dimension (F-11) 2. Pin 1 4 2/3 Dimensions A B C D E F Configuration Input / Output Output / Input Case Ground Data (unit: mm) 11.00.3 4.50.3 3.20.3 0.450.1 5.00.5 2.540.2 3. Test Circuit In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK Issue : 1 C1 Date : SEPT 04 http://www.actcrystals.com Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com 4. Typical Frequency Response 5. Performance 5-1.Maximum Ratings Rating RF Power Dissipation DC Voltage AC Voltage Operation Temperature Storage Temperature P VDC VAC Topr Tstg Value 0dBm 10V 10V50Hz/60Hz -20 to +60 C -40 to +85 C In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK Issue : 1 C1 Date : SEPT 04 http://www.actcrystals.com Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com 5-2.Electronic Characteristics Characteristics Centre Frequency User Signal Band Insertion Loss fC 2.0MHz Pass Band Ripple fC 2.0MHz fC -13.7 ~ fC Rejection level -7.7MHz -8 -45 --50 -150//0pF 2.0 ---dB dB fC BW IL -3.0 4.5 dB Min. --Typ. 446.00 2.0 Max. -Unit MHz MHz fC -45.8 ~ fC -39.8MHz fC +39.8 ~ fC* +45.8MHz Input / Output Impedance (Nominal) iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling! 1. 2. The frequency f C is defined as the midpoint between the 3dB frequencies. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50 test system with VSWR1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. Unless noted otherwise, specifications apply over the entire specified operating temperature range. The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies. 3. 4. 5. 6. In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK Issue : 1 C1 Date : SEPT 04 http://www.actcrystals.com |
Price & Availability of ACTF446B |