Part Number Hot Search : 
AN17821 HUL7281 6025074 PC250 DS18B20 AN79M20F B2520 LM618
Product Description
Full Text Search
 

To Download ACTF40244192QCC8C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
The ACTF4024/419.2/QCC8C is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter in a surface-mount ceramic QCC8C case, designed to provide front-end selectivity in 419.200 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. 1. Package Dimension (QCC8C)
Pin 2 5 1,3, 6,7 4,8 Sign A B C D Data (unit: mm) 2.08 0.60 1.27 2.54 Connection Input Output To be Grounded Case Ground Sign E F G H Data(unit:mm) 1.20 1.35 5.00 5.00
3. Test Circuit
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
1 OF 3
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
4. Typical Frequency Response
5. Performance 5-1.Maximum Rating
Rating Input Power Level DC Voltage Storage Temperature Soldering Temperature Value 10 12V -40 to +85 +235 Unit dBm VDC C C
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
2 OF 3
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
5-2.Electronic Characteristics
Characteristic Centre Frequency (Centre frequency between 3dB points) Insertion Loss 3dB Pass band at fC -21.4MHz (Image) Rejection at fC -10.7MHz (LO) Ultimate Turnover Temperature Temperature Turnover Frequency Frequency Temperature Coefficient Frequency Aging - Absolute Value during the First Year TO fO FTC |fA| fC -IL BW3 30 24 -25 fC 0.032 10 -419.200 3.0 600 38 32 60 ---55 C MHz ppm/C
2
Minimum
Typical
Maximum -4.5
Unit MHz dB kHz
dB
ppm/yr
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1. 2. The frequency f C is defined as the midpoint between the 3dB frequencies. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50 test system with VSWR 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. Unless noted otherwise, specifications apply over the entire specified operating temperature range. Frequency aging is the change in f C with time and is specified at +65C or less. Aging may exceed the specification for prolonged temperatures above +65C. Typically, aging is greatest the first year after manufacture, decreasing in subsequent years. Turnover temperature, T 0, is the temperature of maximum (or turnover) frequency, f 0. The nominal frequency at 2 any case temperature, T C, may be calculated from: f = f 0 [1 - FTC (T0 - TC) ]. The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies.
3. 4. 5. 6. 7. 8.
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
3 OF 3


▲Up To Search▲   

 
Price & Availability of ACTF40244192QCC8C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X