|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tel : Fax : email : 0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com ACT9000 The ACT9000 is a "J" leaded Plastic, SMD, Tristate Enable/ Disable controlled clock oscillator. This 14 x 9.8mm device can be used in a wide range of applications, especially where board space requires small size, and automatic assembly is desirable. Offering a wide frequency range and two voltage options, it is suitable for design into many applications including Communications Equipment, Audio Visual, Measuring Instruments and many, many more. N.B. There is no red phosphorus present in this product. Specification Parameter Supply Voltage Frequency Range Symbol Vdd fo Specification 3.3VDC 10% 5.0VDC 10% 1.50 ~ 35.328 MHz ( fundamental) 36.0 ~ 66.6MHz (3rd O/T) 66.7 ~ 180MHz (PLL) 66.7 ~ 70.0MHz (PLL) Please refer to Table 1 Please refer to Table 1 -55 to +125C 20mA (1.50 ~ 7.9 MHz) 25mA (1.50 ~ 7.9MHz) 40mA (8.0 ~29.9 MHz) 45mA (8.0 ~ 29.9 MHz) 50mA (30.0 ~ 69.9 MHz) 60mA (30.0 ~ 70.0 MHz) 60mA (70.0 ~ 79.9 MHz) 65mA (80.0 ~ 110.0 MHz) 70mA (110.1 ~ 180.0 MHz) 40/60% (45/55% available) 0.4VDC max (TTL) 10% VDD max (HCMOS) 2.4VDC min (TTL) 90% VDD min (HCMOS) 8nS (1.50 ~ 23.9 MHz) 8nS (1.50 ~ 23.9 MHz) 6nS (24.0 ~ 29.9 MHz) 6nS (24.0 ~ 29.9 MHz) 4nS (30.0 ~ 59.9 MHz) 4nS (30.0 ~ 59.9 MHz) 3nS (60.0~ 79.9 MHz) 3nS (60.0 ~70.0 MHz) 2nS (80.0 ~ 110.0 MHz) 1nS (110.1 ~ 180.0 MHz) 5TTL / 15pF 10TTL/50pF 5ppm / year Condition Please specify Please specify Please specify Frequency Stability f/fo Temp Operating Range Topr Temp Storage Range Tstg Supply Current (max) Iop Duty Cycle Output Level `0' Output Level `1' Rise & Fall Time (max) Tw/t VOL VOH TrTf Please specify Output Load Aging N/CL Fa Please specify @25C pad surface material Ag Table 1 Frequency v Stability (Temperature, Aging, Vdd+/-10%, Load, and Tolerance at 25C) +/-20ppm -10 ~ +70C -20 ~ +70C -40 ~ +85 C Please note that all parameters can not necessarily be specified in the same device Customer to specify : Frequency, Frequency Stability, Operating Temperature Range, Voltage, Duty Cycle In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice +/-25ppm +/-30ppm +/-50ppm +/-100ppm Standard ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK http://www.actcrystals.com 1 of 3 Issue: 4 D2 Date: 26/09/05 Tel : Fax : email : 0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com ACT9000 TAPE AND REEL DIMENSIONS (mm) Standard Reel 1000pcs In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK http://www.actcrystals.com 2 of 3 Issue: 4 D2 Date: 26/09/05 Tel : Fax : email : 0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com ACT9000 MAXIMUM REFLOW PROFILE TOTAL TIME 25 TO 50C MAXIMUM TEMPERATURE MAXIMUM TIME AT TOP TEMPERATURE 3 min 240c 10s In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK http://www.actcrystals.com 3 of 3 Issue: 3 D2 Date: 29/09/05 |
Price & Availability of ACT9000 |