Part Number Hot Search : 
XHXXX 13202 694322KB DS1230W 2N3262 75032 4425B ZS330L
Product Description
Full Text Search
 

To Download ACT1700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT1100 / ACT1700 Standard Clock Oscillators
The ACT1100 is a full size through hole oscillator. The ACT1700 is a half size through hole oscillator. The popularity of these families still remains even after the advent of smaller surface mount devices. With wide frequency and operating temperature ranges, these series offer low cost & good reliability for ATM, Networking, Microprocessor and Consumer applications. An option with a supply voltage of 2.5V is available please contact our sales desk for details. For frequencies < 500KHz, >125MHz & 10ppm stability please refer to the ACT1100HS/1700HS data.
Specification
Parameter
Frequency Range Frequency Stability Temp Operating Range Temp Storage Range Supply Voltage Supply Current Duty Cycle Output Level `0' Output Level `1' Output Logic Output Load Symbol fo f/fo Topr Tstg VDD Iop TW/t VOL VOH
Specification
500KHz ~ 125.0MHz 25ppm, 50ppm and 100ppm 0 ~ +70, -10 ~ +70C -40~85C 3.3Vdc 10% 5.0Vdc 10% 15mA max 25mA max 25mA max 35mA max 40/60%, 45/55% TTL 40/60%, 45/55% HCMOS TTL 0.4V max, HCMOS .33V max TTL 0.4V max, HCMOS 0.5V max TTL 2.4V min, HCMOS 2.97V min VDD TTL 2.4V min, HCMOS 4.5V min VDD TTL / HCMOS TTL 10 Gates CMOS 15 pF TTL 10nSec max, 3nSec typical Measured between 0.4V ~ 2.4V (RL = 390 ; CL = 15pF) CMOS 10nSec max, 3nSec typical Measured between 10%~ 90% VDD (CL = 15pF) 4mSec max, Tri State or No Connection 5ppm / year max
Condition
Please Specify Please Specify Please Specify Please Specify 0.5 - 27MHz 27 - 125MHz Measured at +1.4Volts Measured at 50% VDD VDD = 3.3V VDD = 5.0V VDD = 3.3V VDD = 5.0V
Rise & Fall Time
tr/tf
Start-up Time Option on Pin 1 Aging
Please Specify @25C
Plating Material on leads SnAgCu Soldering conditions please refer to page 3
ACT1100 ( 'V' SERIES ) ACT1700 ( 'CL' SERIES )
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Operating Temperature Range, Frequency Stability, Supply Voltage, Duty Cycle, Output Enable (Tristate) If required
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 5 C1A Date 23/3/6
1 of 3
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT1100 / ACT1700 Standard Clock Oscillators
Reliability tests
Test Test Method Measurement Requirements
Leak
Helium bomb: Pressure 200kpa Time 70 min pressure release 5 min measure within 30min 750mm height. 3 drops. Onto wood. Peak acceleration 981m/s2 Pulse duration 6ms Each of X, Y and Z axis. 3 shocks each axis 10 to 55Hz and return to 10Hzamplitude 1.5mm sweep time 1min. 2 hrs each of X, Y and Z axis. Total test time 6 hrs As per profile fig.1 below and/or soldering iron applied for 5s max tip temperature 35010C
<4x10-9pa.m3/s
Drop
Shock
Vibration
Resistance to Soldering Heat
Aging
853C 30 days measurements after at least 1 hr at atmospheric conditions. Specification as per page 1 must be met.
High Temperature 1053C 16 hrs measurements after at least 1 hr at atmospheric conditions Storage
Low Temperature -553C 2hrs measurements after at least 1 hr at atmospheric conditions Storage 100cycles to the temperature profile fig 2 below. Measurements after at least 1 hr at atmospheric conditions
Thermal Cycling
Damp Heat Constant
Temperature 402C RH 90~95% for 56 days. Measurements after at 1 hr at atmospheric conditions
Solderability
2555C for 100.5s using Rosin resin methyl alcohol flux Solvent (1:4) dipped to a nominal depth of 0.5mm.
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 5 C1A Date 23/3/6
2 of 3
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT1100 / ACT1700 Standard Clock Oscillators
Application circuits
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 5 C1A Date 23/3/6
3 of 3


▲Up To Search▲   

 
Price & Availability of ACT1700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X