Part Number Hot Search : 
1N5247 APW7057 F40J25K PD70F D78365 S0720940 1N942 B963012
Product Description
Full Text Search
 

To Download AA3528AVGC-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5x2.8 mm SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: AA3528AVGC/Z
Green
Features
SINGLE COLOR. SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER PROCESS. AVAILABLE ON TAPE AND REEL. IDEAL FOR BACKLIGHTING. PACKAGE : 1500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH4235 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1201002902
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AA3528AVGC/Z Green (InGaN) WATER CLEAR 480 Typ. 950 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 525 535 39 65 3.2 3.7 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 111 30 100 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH4235 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1201002902
Green
AA3528AVGC/Z
SPEC NO: DSAH4235 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1201002902
AA3528AVGC/Z
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH4235 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1201002902
PACKING & LABEL SPECIFICATIONS
AA3528AVGC/Z
SPEC NO: DSAH4235 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1201002902


▲Up To Search▲   

 
Price & Availability of AA3528AVGC-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X