Part Number Hot Search : 
TT46F12 MS6821G 18627131 15005 PH311 5460A 18627131 N74AC
Product Description
Full Text Search
 

To Download AA3528AMGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5x2.8 mm SMD CHIP LED LAMP
Part Number: AA3528AMGC Mega Green
Features
SINGLE COLOR. SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER PROCESS. AVAILABLE ON TAPE AND REEL. IDEAL FOR BACKLIGHTING. PACKAGE : 1500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH4231 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1201002880
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AA3528AMGC Mega Green (InGaAlP) WATER CLEAR 70 Typ. 150 Viewing Angle [1] 2:1/2 120
Notes: 1. :1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol Dpeak DD [1] JD1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Mega Green Mega Green Mega Green Mega Green Mega Green Mega Green Typ. 574 568 26 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Mega Green 125 50 150 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH4231 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1201002880
Mega Green
AA3528AMGC
SPEC NO: DSAH4231 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1201002880
AA3528AMGC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH4231 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1201002880
PACKING & LABEL SPECIFICATIONS
AA3528AMGC
SPEC NO: DSAH4231 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1201002880


▲Up To Search▲   

 
Price & Availability of AA3528AMGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X