Part Number Hot Search : 
LR120N UNR5225 B5950 DC702 EV30L B1134 1812C KBL02
Product Description
Full Text Search
 

To Download 9966010701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCcomponents
DATA SHEET
MKP 336 1 Interference suppression film capacitors
Product specification Supersedes data of April 1999 File under BCcomponents, BC05 2000 Feb 08
BCcomponents
Product specification
Interference suppression film capacitors
MKP RADIAL POTTED TYPE
MKP 336 1
PITCH 10/15/22.5/27.5 mm
296x12(full_width)
P =10 mm
P = 15 mm
P = 22.5 and 27.5 mm
CBA207
Fig.1 Simplified outlines.
FEATURES * 10 to 27.5 mm lead pitch * Supplied loose in box and taped on reel * Consists of a low-inductive wound cell of metallized polypropylene film, potted in a flame-retardant case. APPLICATIONS * For X1 electromagnetic interference suppression * Specially designed to meet the NEW REQUIREMENTS of the new "IEC 60384-14 2nd edition and EN 132400", requiring a 4 kV peak pulse voltage test UL1414 and CSA-C22.2 No. 1 specifications. DETAIL SPECIFICATION For more detailed data and test requirements see "Type detail specification HQN-384-14/108".
QUICK REFERENCE DATA DESCRIPTION Capacitance range (E12 series) Capacitance tolerance Rated (AC) voltage, 50 to 60 Hz Rated (DC) voltage Climatic category Rated temperature Maximum application temperature Reference specifications Safety approvals: 250 V 275 V UL1414; CSA-C22.2 No 1; note 2 UL1283; SEV; VDE; FI; N; D; S; IMQ; OVE; note 2 CCEE; note 1 Materials Safety class Notes 1. Pending. 2. Approved. qualified in accordance with UL94V-O X1 1 nF to 1 F 20%; 10%; 5% 275 V 630 V 55/100/21/B 100 C 100 C IEC 60384-14 2nd edition and EN 132400 VALUE
2000 Feb 08
2
BCcomponents
Product specification
Interference suppression film capacitors
SAFETY APPROVALS SAFETY APPROVALS (X1) UL1414 VOLTAGE 250 V (AC) VALUE 1 nF to 1 F
MKP 336 1
FILE NUMBERS E 112471
UL1283
275 V (AC)
1 nF to 1 F
E 109565
CSA-C22.2 No.1
250 V (AC)
1 nF to 1 F
LR 94054
SEV (EN132400)
275 V (AC)
1 nF to 1 F
99,6 60107,01
V DE
VDE (EN132400)
275 V (AC)
1 nF to 1 F
83619
FI (EN132400)
275 V (AC)
1 nF to 1 F
178882
N
D
NEMKO (EN132400)
275 V (AC)
1 nF to 1 F
P99102660
DEMKO (EN132400)
275 V (AC)
1 nF to 1 F
99-06011
SEMKO (EN132400)
275 V (AC)
1 nF to 1 F
9447024
IMQ (EN132400)
275 V (AC)
1 nF to 1 F
V 3731
.. OVE
OVE (EN132400)
275 V (AC)
1 nF to 1 F
E 260-001
2000 Feb 08
3
BCcomponents
Product specification
Interference suppression film capacitors
COMPOSITION OF CATALOGUE NUMBER TYPE AND PITCHES 10.0 mm 336 1 15.0 mm 22.5 mm 27.5 mm CAPACITANCE (numerically)
MKP 336 1
MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
X1
Example: 104 = 10 x 10 = 100 nF
2222
336
1X XX X
TYPE 336 1
PACKAGING(1) loose in box
LEAD CONFIGURATION lead length 3.5 mm lead length 25.0 mm
C-TOL 20%
PREFERRED TYPES 2222 336 10... 2222 336 16... ON REQUEST
X1
336 1
loose in box taped on reel
lead length 3.5 mm lead length 25.0 mm H = 18.5 mm; note 2
10% 20% 10%
2222 336 11... 2222 336 17... 2222 336 13... 2222 336 14...
X1
Notes 1) For SPQ refer to this handbook, chapter "Packaging information"; taped on reel pitch = 27.5 mm is not available. 2) H = in-tape height; for detailed specifications refer to this handbook, chapter "Packaging information".
2000 Feb 08
4
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1 GENERAL DATA
MKP 336 1
PITCH 10/15 mm
296x12(full_width)
l
b
h
lt P Odt
CBA196
Fig.3 Outline. Specific reference data for the 275 V AC (X1) capacitors VALUE DESCRIPTION at 10 kHz Tangent of loss angle: C 100 nF Rated voltage pulse slope (dU/dt)R at 385 V (DC) P = 10 mm P = 15 mm R between leads, for C 0.33 F at 100 V; 1 minute R between leads and case; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (AC) voltage between leads and case 200 V/s 500 V/s >15000 M >30000 M 3400 V; 1 minute 2050 V; 1 minute 10 x 10-4 50 x 10-4 at 100 kHz
2000 Feb 08
5
BCcomponents
Product specification
Interference suppression film capacitors
URac = 275 V (X1); URdc = 630 V CATALOGUE NUMBER C (F) DIMENSIONS bxhxl (mm) LOOSE IN BOX MASS (g) lt = 3.5 +1/-0.5mm(1) C-tol = 20% catalogue number(2) Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 6.0 x 12.0 x 12.5 1.0 Pitch = 15.0 0.4 mm; dt = 0.80 0.08 mm 0.01 0.015 0.022 0.033 0.047 0.068 0.1 Notes 1. lt = 3.5 0.3 mm for pitch = 15 mm. 2. The shading indicates preferred types. 6.0 x 12.0 x 17.5 7.0 x 13.5 x 17.5 8.5 x 15.0 x 17.5 10.0 x 16.5 x 17.5 1.4 1.9 2.6 3.1 5.0 x 11.0 x 17.5 1.2 2222 336 19001 2222 336 10153 2222 336 10223 2222 336 10333 2222 336 10473 2222 336 10683 2222 336 10104 5.0 x 11.0 x 12.5 0.9 4.0 x 10.0 x 12.5 0.6 2222 336 10102 2222 336 10152 2222 336 10222 2222 336 10332 2222 336 10472 2222 336 10682 2222 336 10103
MKP 336 1
lt = 25.0 2.0 mm
last 5 digits(2)
.. 16102 .. 16152 .. 16222 .. 16332 .. 16472 .. 16682 .. 16103
.. 19007 .. 16153 .. 16223 .. 16333 .. 16473 .. 16683 .. 16104
2000 Feb 08
6
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1 GENERAL DATA
MKP 336 1
PITCH 22.5/27.5 mm
296x12(full_width)
l
b
h
lt P Odt
CBA196
Fig.4 Outline. Specific reference data for the 275 V AC (X1) capacitors VALUE DESCRIPTION at 10 kHz Tangent of loss angle: 100 nF < C 470 nF C > 470 nF Rated voltage pulse slope (dU/dt)R at 385 V (DC) P = 22.5 mm P = 27.5 mm R between leads, for C 0.33 F at 100 V; 1 minute RC between leads, for C > 0.33 F at 100 V; 1 minute R between leads and case; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (AC) voltage between leads and case 300 V/s 200 V/s >15000 M >5000 s >30000 M 3400 V; 1 minute 2050 V; 1 minute 20 x 10-4 70 x 10-4 100 x 10-4 - at 100 kHz
2000 Feb 08
7
BCcomponents
Product specification
Interference suppression film capacitors
URac = 275 V (X1); URdc = 630 V CATALOGUE NUMBER C (F) DIMENSIONS bxhxl (mm) LOOSE IN BOX MASS (g) lt = 3.5 0.3 mm C-tol = 20% catalogue number(1) Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.1 0.15 0.22 7.0 x 16.5 x 26.0 8.5 x 18.0 x 26.0 10.0 x 19.5 x 26.0 11.0 x 21.0 x 31.0 13.0 x 23.0 x 31.0 15.0 x 25.0 x 31.0 18.0 x 28.0 x 31.0 21.0 x 31.0 x 31.0 3.2 4.4 5.5 2222 336 19003 2222 336 10154 2222 336 10224
MKP 336 1
lt = 25.0 2.0 mm
last 5 digits(1)
.. 19008 .. 16154 .. 16224
Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.22 0.33 0.47 0.68 1 Note 1. The shading indicates preferred types. 7.8 10.4 12.8 17.2 20.4 2222 336 19005 2222 336 10334 2222 336 10474 2222 336 10684 2222 336 10105 .. 19009 .. 16334 .. 16474 .. 16684 .. 16105
2000 Feb 08
8
BCcomponents
Product specification
Interference suppression film capacitors
CONSTRUCTION Description * Low-inductive wound cell of metallized polypropylene (PP) film, potted with epoxy resin in a flame-retardant polypropylene case * Radial leads, solder-coated: - Copper clad steel wire for original pitch = 7.5, 10 and 15 mm (b 6 mm) - Copper wire for original pitch = 15 (b 7 mm), 22.5 and 27.5 mm * Small stand-off pips allow removal of solder flux etc. during cleaning of the printed-circuit board.
MKP 336 1
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATION
AND SHOCK
In order to withstand vibration and shock tests, it must be ensured that the stand-off pips are in good contact with the printed-circuit board: * For pitches 15 mm capacitors shall be mechanically fixed by the leads. * For larger pitches the capacitors shall be mounted in the same way and the body clamped. SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD The maximum length and width of film capacitors is shown in Fig.6: * Eccentricity as in Fig.6. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned.
144x12(halfpage)
MKP metallized polypropylene film
* Product height with seating plane as given by "IEC 60717" as reference: hmax h + 0.3 mm.
144x12(halfpage) bmax = b + 0.3 mm eccentricity metal spray layer connecting wire
CBA198
lmax = l + 0.3 mm
CBA116
Fig.5 Construction. Mounting NORMAL USE The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for mounting on printed-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to this handbook, chapter "Packaging information".
Fig.6 Lay-out.
Storage temperature * Storage temperature: Tstg = -25 to +40 C with RH maximum 80% without condensation. RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS Unless otherwise specified, all electrical values apply to an ambient temperature of 23 1 C, an atmospheric pressure of 86 to 106 kPa and a relative humidity of 50 2%. For reference testing, a conditioning period shall be applied over 96 4 hours by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
2000 Feb 08
9
BCcomponents
Product specification
Interference suppression film capacitors
CHARACTERISTICS Capacitance
MKP 336 1
CBA505
296x12(full_width) 4 C/C (%) 2 typical
0
max. -2
-4
-6 -50
min. 0 50 Tamb (C) 100
Fig.7 Capacitance change at 1 kHz as a function of temperature. Tangent of loss angle
296x12(full_width) 10 3 dissipation factor (x 10-4)
CBA877
10 2
n
220
4
F 1 C= F 1 C F<
C 220 nF
< 7 nF
10 1
10 n
nF 47 F10 0 10 1
10 2
10 3
10 4
f (Hz)
10 5
Fig.8 Tangent of loss angle as a function of frequency: typical curves.
2000 Feb 08
10
BCcomponents
Product specification
Interference suppression film capacitors
Impedance
MKP 336 1
296x12(full_width) 10 3 Impedance () 10
2
CBA208
1 nF 4.7 10 n nF
F
47 n
10
1
100
470
100
F
nF
nF
10 0
0 nF
10-1
10-2 10 4
10 5
10 6
10 7
f (Hz)
10 8
Fig.9 Impedance as a function of frequency: typical curves. Resonant frequency
2 296x12(full_width) 10
CBA878
f (MHz)
10 1
10 0 X1
10-1 1nF 10 nF 100 nF 1000 nF C (nF)
Fig.10 Resonant frequency as a function of capacitance: typical curves.
2000 Feb 08
11
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
Maximum RMS voltage and AC current (sinewave) as a function of frequency for Tamb 100 C
296x12(full_width) 10 3 AC voltage (V)
CBA210
10 2
10 1 10 1
10 2
10 3
10 4
f (Hz)
10 5
Fig.11 AC voltage (RMS value) as a function of frequency at Tamb 100 C.
296x12(full_width) 10 3 AC current (mA)
2
CBA936
1000 nF 470 nF
10
100 nF 47 nF
10 1
10 nF 4.7 nF
10
0
1 nF
10 -1 10 1
10 2
10 3
10 4
f (Hz)
10 5
Fig.12 AC current (RMS value) as a function of frequency at Tamb 100 C.
2000 Feb 08
12
BCcomponents
Product specification
Interference suppression film capacitors
Insulation resistance
MKP 336 1
296x12(full_width) 10 6 RC (s)
CBA204
10 5
10 4 0 20 40 60 80 Tamb(C) 100
Fig.13 RC product as a function of ambient free air temperature: typical curve.
APPLICATION NOTES * For X1 electromagnetic interference suppression in across the line applications (50/60 Hz) with a maximum mains voltage of 275 V (AC). * These capacitors are not intended for continuous pulse applications. For these situations, capacitors of the AC and pulse program must be used, such as: 2222 375 .....; 2222 383 ..... or 2222 479 ..... * The maximum ambient temperature must not exceed 100 C. * Rated voltage pulse slope: - If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 385 V (DC) and divided by the applied voltage.
2000 Feb 08
13
BCcomponents
Product specification
Interference suppression film capacitors
MARKING Product marking The capacitors are marked by laser print; on the top for pitch 22.5 mm (see Fig.16), on the top and one side for pitch = 15 mm (see Fig.15) or on one side for pitch = 10 mm (see Fig.14) with the following information: 1. Rated capacitance code in accordance with "IEC 60062" 2. Tolerance on rated capacitance; M = 20%; K = 10%; J = 5% 3. Rated (AC) voltage (275 V) 4. Sub-class (e.g. X1) 5. Manufacturer's type designation (e.g. 336 1) 6. Code for dielectric material (MKP) for pitch 15 mm 7. Manufacturer 8. Year and week of manufacture (e.g. 0001) for pitch 15 mm 9. Safety approvals: products will be marked with approvals depending on the available marking space per product. Although all approvals remain valid as indicated in the reference data.
HEAD FACE 144x12(halfpage)
MKP 336 1
144x12(halfpage)
FRONT FACE
10n M 336 1 BC 275V~X1 250V~ ND
V DE
OVE
PB501
CBB055
Fig.14 Example of marking for a capacitor with pitch = 10 mm.
FRONT FACE
100n M 275V~X1 336 1 MKP
BC
PB501 OVE
V DE
0001
250V~
EN132400
CBB056
Fig.15 Example of marking for a capacitor with pitch = 15 mm.
HEAD FACE
144x12(halfpage)
220n M 275V~X2 OVE 336 1 MKP PB501 BC 0001 EN132400
250V~
V DE
CBB057
Fig.16 Example of marking for a capacitor with pitch = 22.5 or 27.5 mm.
2000 Feb 08
14
BCcomponents
Product specification
Interference suppression film capacitors
Package marking The package containing the capacitors is marked as shown Fig.17.
MKP 336 1
Barcode label marking LINE 1 2 3 4 5 6 7 MARKING EXPLANATION Manufacturer's name Country of origin Sub-family Type description and sub class Capacitance value, tolerance, voltage and climatic category ("IEC 60068-1") Safety approvals Preference origin code: A Country of origin in code: 170 (Belgium) Responsible production centre: HQ Work order: WO Wage number of final inspection (only for capacitors with pitch = 10 mm) Product type description Quantity and production period, year and week code Product code (12NC)
8 9 10
Fig.17 Barcode label.
2000 Feb 08
15
BCcomponents
Product specification
Interference suppression film capacitors
QUICK REFERENCE TEST REQUIREMENTS (see note 1) TEST Robustness of leads Tensile strength: "IEC 60068-2-21" Bending: "IEC 60068-2-21" Resistance to soldering heat: "IEC 60068-2-20" Component solvent resistance Robustness of component Rapid change of temperature: "IEC 60068-2-14" Vibration: "IEC 60068-2-6" Shock: "IEC 60068-2-27" Climatic sequence Dry heat: "IEC 60068-2-2" Damp heat, cyclic, test Db, first cycle: "IEC 60068-2-30" Cold: "IEC 60068-2-1" Damp heat, cyclic, test Db, remaining cycles: "IEC 60068-2-30" Voltage proof: "IEC 60384-14" Other applicable tests Damp heat, steady state: "IEC 60068-2-3" 21 days; 40 C; 90 to 95% RH no load Vp = 1200 V (DC); 1 minute 3 x 4.0 kV pulse voltage C/C 5% tan 70 x 10-4 Rins 50% of specified value C/C 10% Vp = 1200 V (DC); 1 minute 2 hours; -55 C 16 hours; 100 C 5 cycles 1 cycle = 30 minutes at -55 C and 30 minutes at 100 C 10 to 55 Hz; amplitude 0.75 mm; 6 hours half sinewave; 490 m/s2; 11 ms C/C 5% load 10 N; 10 s load 5 N; 4 x 90 solder bath: 260 C; 10 s no visible damage legible marking C/C 5% PROCEDURE (quick reference)
MKP 336 1
REQUIREMENTS
tan 100 x 10-4 (C 100 nF); note 2 tan 200 x 10-4 (100 nF < C 470 nF); note 2 -4 isopropyl alcohol; 23 C; 5 minutes tan 70 x 10 (C > 470 nF); note 2
tan 100 x 10-4 (C 100 nF); note 2 tan 200 x 10-4 (100 nF < C 470 nF); note 2 tan 70 x 10-4 (C > 470 nF); note 2
C/C 5% tan 100 x 10-4 (C 100 nF); note 2 tan 200 x 10-4 (100 nF < C 470 nF); note 2 tan 70 x 10-4 (C > 470 nF); note 2 Rins 50% of specified value
Endurance (AC): "IEC 60384-14"
1000 hours; 1.25 x URac at tan 100 x 10-4 (C 100 nF); note 2 100 C; once per hour; 0.1 s; tan 200 x 10-4 (100 nF < C 470 nF); note 2 1000 V (RMS) via resistor of 47 ; tan 70 x 10-4 (C > 470 nF); note 2 Vp = 1200 V (DC); 1 minute Rins 50% of specified value
2000 Feb 08
16
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
TEST Charge and discharge: "IEC 60384-14"
PROCEDURE (quick reference) 10000 cycles; 5 ms; 1.5 x dV/dt C/C 10%
REQUIREMENTS
tan 100 x 10-4 (C 100 nF); note 2 tan 200 x 10-4 (100 nF < C 470 nF); note 2 tan 70 x 10-4 (C > 470 nF); note 2 Rins 50% of specified value
Passive flammability: "IEC 60384-14" Active flammability: "IEC 60384-14" Heat storage: "IEC 60384-14"
class B 20 x 4 kV discharge 1000 hours; 100 C
no burning no burning C/C 5% tan 100 x 10-4 (C 100 nF); note 2 tan 200 x 10-4 (100 nF < C 470 nF); note 2 tan 70 x 10-4 (C > 470 nF); note 2 C/C 5% tan 100 x 10-4 (C 100 nF); note 2 tan 200 x 10-4 (100 nF < C 470 nF); note 2 tan 70 x 10-4 (C > 470 nF); note 2
Resistance to soldering heat preheating: 100 C; with preheating: solder bath: 260 C; 10 s "IEC 60384-14" Voltage proof up to 2 x peak impulse voltage of 4.13 or until breakdown (100 V/sec, current limited 2mA) Failed capacitors connected to a 250 V (AC) power supply during 5 minutes Notes
Active flammability test
no burning
1. For detailed information: see "Type detail specification HQN-384-14/108". 2. Measuring frequency 100 kHz for C 470 nF and 10 kHz for C > 470 nF.
2000 Feb 08
17


▲Up To Search▲   

 
Price & Availability of 9966010701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X