Part Number Hot Search : 
KL731JT EDZ16 01006 48D05 EDZ16 FSUSB GP1A71A1 4ALVCH1
Product Description
Full Text Search
 

To Download 6R1MBI75P-160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6R1MBI75P-160
Diode Module with Brake
Diode:1600V / 75A, IGBT:1400A/50A
Features
* Compact Package * P.C. Board Mount Module * Converter Diode Bridge Dynamic Brake Circuit
Diode Module
Applications
* Inverter for Motor Drive * AC and DC Servo Drive Amplifier * Uninterruptible Power Supply
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25C unless without specified)
Item Repetitive peak reverse voltage Non-repetitive peak reverse voltage Average output current One cycle surge current I2t Operation junction temperature Collector-Emitter voltage Gate-Emitter voltage Collector current Symbol VRRM VRSM IO IFSM I2t Tj VCES VGES IC 50Hz/60Hz sine wave Tc=115C From rated load From rated load Condition Rating 1600 1760 75 600 1440 -40 to +125 1400 20 50 35 100 70 240 1400 +150 -40 to +125 3000 2.0 to 2.5 Unit V V A A A 2s C V V A A W V C C V N*m
Converte
arc m 1ms ICP on . te Collector power disspation 1 device PC ole esign Repetitive peak reverse voltage VRRM obs w d Operation junction temperature Tj be ne AC : 1 minuteed Tstg Storage junction temperature r l M5 screw Viso Isolation voltage du nd fo e Mounting screw torque sch me is c ct otherwiseom Electrical characteristics (Tj=25C unless re specified) odu Symbol Condition Item Min. Typ. Max. ot r N Fofward voltage VFM 1.35 sp Tj=25C, IFM=75A i Reverse current Th IRRM 15 Tj=150C, VR=VRRM
DC Tc=25C Tc=75C Tc=25C Tc=75C
Brake Co.
h
0 20
7.
Unit V mA mA nA V s
Zero gate voltage Collector current Gate-Emitter leakage current Collector-Emitter saturation voltage Turn-on time
Brake
Turn-off time Reverse current
ICES IGES VCE(sat) ton tr toff tf IRRM
VGE=0V. VCE=1400V VCE=0V. VGE=20V VGE=15V. IC=35A Vcc=800V Ic=35A VGE=15V RG=33ohm
2.4 0.35 0.25 0.45 0.08
1.0 200 2.8 1.2 0.6 1.0 0.3 1.0
mA
Thermal characteristics
Item Thermal resistance Symbol Rth(j-c) Condition Converter Per total loss Per each device Brake IGBT (1 device) with thermal compound Min. Typ. Max. 0.16 0.96 0.70 0.08 Unit C/W
Thermal Resistance(Case to fine)
Rth(c-f)
C/W
Diode Module
Forward Characteristics
250
6R1MBI75P-160
O utp ut C urre nt - T o ta l L o s s
80 max 70 typ
200
Forward Current IF (A )
60 50 40 30 20
50
150deg 25deg
Total Loss (W)
1.4
150
100
10 0 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3
0 0 20 40 60 80
Forward Voltage
O u t p u t C u rre n t Io (A )
O u tp u t C u r re n t - C a s e T e m p e ra tu r e
130
S u rg e C u rre n t
700
120
600
Case Temperature Tc(deg.C)
110
Peak Surge Current IFSM(A)
500
100
90
80
70
60
50 0
1
h arc m on . te ole esign obs w d e d b or ne le du nd f e T im e sch me s i om uct t rec Transient Thermal Impedance d [ B ra ke ] Tra nsie nt The rm a l Im p e d a nce pro No his T
400 300 200 100
20 40 60 80
0 20
7.
0 0 .0 1
0 .1
1
O u t p u t C u rre n t Io ( A )
10
FW D
Zth(j-c)(t) (deg.C/W)
Zth(j-c)(deg.C/W)
0.1
1
IG BT
0.01
0.1
0.001 0.001
0.01
0.1
1
10
0.01 0.001
0.01
0.1
1
10
Tim e ( )
Tim e (s ec )
Diode Module
[ Brake ] Collector current vs. Collector-Emitter voltage Tj= 25C (typ.)
80 VGE= 20V 15V 12V 80
6R1MBI75P-160
[ Brake ] Collector current vs. Collector-Emitter voltage Tj= 125C (typ.)
VGE= 20V 15V 12V
60
60
Collector current : Ic [ A ]
Collector current : Ic [ A ]
10V 40
10V 40
20
20
8V 0 0 1 2 3 4 5 0 0 1 2 3 4
8V
5
Collector - Emitter voltage : VCE [ V ]
Collector - Emitter voltage : VCE [ V ]
[ Brake ] Collector current vs. Collector-Emitter voltage VGE=15V (typ.)
80 Tj= 25C Tj= 125C 10
[ Brake ] Collector-Emitter voltage vs. Gate-Emitter voltage Tj= 25C (typ.)
60
Collector - Emitter voltage : VCE [ V ]
8
Collector current : Ic [ A ]
6
40
20
0 0 1
Collector - Emitter voltage : VCE [ V ]
10000
[ Brake ] Capacitance vs. Collector-Emitter voltage (typ.) VGE=0V, f= 1MHz, Tj= 25C
Th
arc m on . te ole esign obs w d e d b or ne le du nd f e sch me is ct recom odu ot r N is p
4 Ic= 70A Ic= 35A 2 Ic= 17.5A 0 2 3 4 5 5 10 15 20
h
0 20
7.
25
Gate - Emitter voltage : VGE [ V ]
1000
[ Brake ] Dynamic Gate charge (typ.) Vcc=800V, Ic=35A, Tj= 25C
25
Capacitance : Cies, Coes, Cres [ pF ]
600
15
1000 Coes
400
10
200
5
Cres
100 0 5 10 15 20 25 30 35
0 0 100 200 300
0 400
Collector - Emitter voltage : VCE [ V ]
Gate charge : Qg [ nC ]
Gate - Emitter voltage : VGE [ V ]
Cies
Collector - Emitter voltage : VCE [ V ]
800
20
Diode Module
Outline Drawings, mm
6R1MBI75P-160
90 78.5 4- O 6.1 C3 2- O5.5 11.75 7 14 7 0.5 21 7
+
23.5 16
-
G
E
C
11
K
11.75
O 2.5
14
14
28.5
11
32
3
3.4
O 2.1
2 x t1
R1
arc 6R1MBi100P-160 6R1MBI75P-160 m on . te ole esign obs w d e d b or ne le du nd f e Equivalent Circuit Schematic sch me is ct recom odu ot r N is p h T
6
JAPAN
K
C
G E
13
17
20.4
h
0 20
7.
1.5


▲Up To Search▲   

 
Price & Availability of 6R1MBI75P-160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X