Part Number Hot Search : 
A3280 AD626AN ADG431 KBP206 MB89689 DA332M FTZ56E TD62107
Product Description
Full Text Search
 

To Download 5SMX12K1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCE IC
= =
1200 V 75 A
IGBT-Die
5SMX 12K1273
Die size: 11.0 x 11.0 mm
Doc. No. 5SYA 1633-00 June 05
* * * * *
Low loss, rugged SPT technology Smooth switching for good EMC Minimized gate charge, short delay times Optimized for paralleling Large bondable emitter area
Maximum rated values
Parameter Collector-emitter voltage DC collector current Peak collector current Gate-emitter voltage IGBT short circuit SOA Junction temperature
1)
1)
Symbol Conditions VCES IC ICM VGES tpsc Tvj VCC = 900 V, VCEM 1200 V VGE 15 V, Tvj 125 C Limited by Tvjmax VGE = 0 V, Tvj 25 C
min
max 1200 75 150
Unit V A A V s C
-20
20 10
-40
150
Maximum rated values indicate limits beyond which damage to the device may occur per IEC 60747 - 9
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
5SMX 12K1273
IGBT characteristic values
Parameter Collector (-emitter) breakdown voltage Collector-emitter saturation voltage Collector cut-off current Gate leakage current Gate-emitter threshold voltage Gate charge Input capacitance Output capacitance Reverse transfer capacitance Internal gate resistance Turn-on delay time Rise time Turn-off delay time Fall time
2)
Symbol Conditions V(BR)CES VCE sat ICES IGES VGE(TO) Qge Cies Coes Cres RGint td(on) tr td(off) tf VCC = 600 V, IC = 75 A, RG = 10 , VGE = 15 V, L = 60 nH, inductive load VCC = 600 V, IC = 75 A, RG = 15 , VGE = 15 V, L = 60 nH, inductive load VCC = 600 V, IC = 75 A, VGE = 15 V, RG = 10 , L = 60 nH, inductive load, FWD: 5SLX12F1200 VCC = 600 V, IC = 75 A, VGE = 15 V, RG = 15 , L = 60 nH, inductive load Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C VGE = 0 V, IC = 1 mA, Tvj = 25 C IC = 75 A, VGE = 15 V VCE = 1200 V, VGE = 0 V Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C
min 1200 1.7
typ
max
Unit V
1.9 2.1
2.3 100
V V A A nA V nC nF ns ns ns ns
300 -200 4.5 710 6.92 0.46 0.29 5 170 195 60 65 415 470 45 70 6.3 200 6.5
VCE = 0 V, VGE = 20 V, Tvj = 125 C IC = 3 mA, VCE = VGE, Tvj = 25 C IC = 75 A, VCE = 600 V, VGE = -15 ..15 V VCE = 25 V, VGE = 0 V, f = 1 MHz, Tvj = 25 C
Turn-on switching energy
Eon
mJ 9.2 4.9 mJ 7.8 420 A
Turn-off switching energy
Eoff
Short circuit current
2)
ISC
tpsc 10 s, VGE = 15 V, Tvj = 125 C, VCC = 900 V, VCEM 1200 V
Characteristic values according to IEC 60747 - 9
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA 1633-00 June 05 page 2 of 5
5SMX 12K1273
Mechanical properties
Parameter Overall die L x W Dimensions exposed L x W (except gate pad) front metal gate pad thickness Metallization
3) 3)
Unit 11.0 x 11.0 9.5 x 9.5 1.2 x 1.2 130 20 AlSi1 Al / Ti / Ni / Ag 4 1.8 mm mm mm m m m
LxW
front (E) back (C)
For assembly instructions refer to : IGBT and Diode chips from ABB Switzerland Ltd, Semiconductors, Doc. No. 5SYA 2033.
Outline drawing
G
Emitter
Note: all dimensions are shown in mm
This is an electrostatic sensitive device, please observe the international standard IEC 60747-1, Chap. IX. This product has been designed and qualified for Industrial Level.
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA 1633-00 June 05 page 3 of 5
5SMX 12K1273
150
150 VCE = 20 V
125 25 C 100 125 C
125
100
IC [A]
75
IC [A]
75
50
50 125 C 25 C
25 VGE = 15 V 0 0 1 2 VCE [V] 3 4 5
25
0 0 1 2 3 4 5 6 7 8 9 10 11 12 VGE [V]
Fig. 1
Typical on-state characteristics
Fig. 2
Typical transfer characteristics
0.06 VCC = 600 V RGon = 10 ohm RGoff = 15 ohm VGE = 15 V Tvj = 125 C L = 60 nH Eon, Eoff [J]
0.040 0.035 0.030 0.025 VCC = 600 V IC = 75 A VGE = 15 V Tvj = 125 C L = 60 nH Eon
0.05
0.04 Eon, E off [J]
0.03
Eon
0.020 0.015
0.02 Eoff 0.01 0.005 0 0 50 100 IC [A] 150 200 250 0.000 0 20 40 60 80 100 RG [ohm] 0.010 Eoff
Fig. 3
Typical switching characteristics vs collector current
Fig. 4
Typical switching characteristics vs gate resistor
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA 1633-00 June 05 page 4 of 5
5SMX 12K1273
20
10 Cies
VCC = 600 V
15 VCC = 800 V VGE [V]
VGE = 0 V fOSC = 1 MHz VOSC = 50 mV
10
C [nF]
1
Coes
5
Cres
IC = 75 A Tvj = 25 C 0 0.0 0.1 0.2 0.3 0.4 Qg [C] 0.5 0.6 0.7
0.1 0 5 10 15 20 VCE [V] 25 30 35
Fig. 5
Typical gate charge characteristics
Fig. 6
Typical capacitances vs collector-emitter voltage
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
ABB Switzerland Ltd Semiconductors Fabrikstrasse 3 CH-5600 Lenzburg, Switzerland Telephone Fax Email Internet +41 (0)58 586 1419 +41 (0)58 586 1306 abbsem@ch.abb.com www.abb.com/semiconductors
Doc. No. 5SYA 1633-00 June 05


▲Up To Search▲   

 
Price & Availability of 5SMX12K1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X