Part Number Hot Search : 
PLL350 MC332 12LE2052 2SC4378 T8502 BUL65A NCP333 MMBTA05
Product Description
Full Text Search
 

To Download 39-06-A5C-AQSC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Side Emitting POWER LED
39-06/A5C-AQSC
Features
. High Flux Output. . Designed for High Current Operation. . Low Profile. . Packaged in Tubes for Use with Automatic Insertion Equipment. .The product itself will remain within RoHS compliant version. . Viewing angle 180 degree
Descriptions
This revolutionary package design allows the light designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This is possible through the efficient optical package design and high-current capabilities. The low profile package can be easily coupled with reflectors or lenses to efficiently distribute light and provide the desired light appearance.
Applications
. Automotive Lighting . Electronic Signs and Signals . Special Lighting application
Device Selection Guide
Chip Material AlGaInP Emitted Color Reddish Orange
PART NO. 39-06/A5C-AQSC
Lens Color Water Clear
Everlight Electronics Co., Ltd. Device number: DLE-309-005
http:\\www.everlight.com Established date: 05-18-2007
Rev. 1
Page: 1 of 6
Established by: Jim Lin
Technical Data Sheet Side Emitting POWER LED
39-06/A5C-AQSC
Package Dimensions
5.990.10 127
0.500.10
1.55(TYP.)
0.400.10
Notes: 1.All dimensions are in millimeters 2.An epoxy meniscus may extend about 1.5mm(0.059") down the leads 3.Tolerances unless dimensions 0.25mm
Absolute Maximum Ratings (Ta=25)
Parameter Continuous Forward Current Peak Forward Current(Duty 1/10 @ 1KHZ) Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature(T=5 sec) LED Junction Temperature Power Dissipation Electrostatic Discharge Symbol IF IFP VR Topr Tstg Tsol Tj Pd ESD Rating 70 160 5 -40 ~ +100 -40 ~ +100 260 5 115 220 2K Units mA mA V mW V
Everlight Electronics Co., Ltd. Device number: DLE-309-005
http:\\www.everlight.com Established date: 05-18-2007
Rev. 1
0.500.10
Established by: Jim Lin
0.950.10 4.400.10
Page: 2 of 6
Technical Data Sheet Side Emitting POWER LED
39-06/A5C-AQSC
Electro-Optical Characteristics (Ta=25)
Parameter Total Flux Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol v 21/2 p d VF IR Min. 3600 ------611 ---2.1 ---Typ. 4200 180 621 616 18 2.6 ---Max. 7150 ------620 ---3.1 10 Condition IF=70mA IF=70mA IF=70mA IF=70mA IF=70mA IF=70mA VR=5V Unit mlm deg nm nm nm V A
Rank 39-06/A5C-AQSC (1) VF(V)
Bin 3 4 5 6 7 Min 2.1 2.3 2.5 2.7 2.9 Max 2.3 2.5 2.7 2.9 3.1
(1)
(2)
(3) (3)v(mlm)
Max 614 617 620 Bin Q R S Min 2850 3600 4500 Max 3600 4500 5650
(2) d(nm)
Bin 6 7 8 Min 611 614 617
*Measurement Uncertainty of Forward Voltage0.1V *Measurement Uncertainty of Luminous Intensity: 15% *Measurement Uncertainty of Dominant Wavelength 1.0nm
Everlight Electronics Co., Ltd. Device number: DLE-309-005
http:\\www.everlight.com Established date: 05-18-2007
Rev. 1
Page: 3 of 6
Established by: Jim Lin
Technical Data Sheet Side Emitting POWER LED
39-06/A5C-AQSC
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
1.00
Forward Current vs. Forward Voltage
80
FORWARD CURRENT (mA)
580 600 620 640 WAVELENGTH (nm) 660
RELATIVE INTENSITY
60
0.50
40
20
0.00 560
0 1.40 1.60 1.80 2.00 2.20 2.40 2.60 2.80 3.00 3.20 FORWARD VOLTAGE (V)
Relative Intensity vs. Forward Current
1.00
Forward Current vs. Ambient Temp.
80 70
MAXMUM DC CURRENT(mA)
0.80
RELATIVE INTENSITY
60 50 40 30 20 10 0 0 20 40 60 80 100 120 140
AMBIENT TEMPERATURE (C)
0.60
0.40
0.20
0.00
0
10
20 30 40 50 60 FORWARD CURRENT (mA)
70
Relative Intensity vs. Angle Displacement
1.0
Relative Intensity vs. Off Axis Angle
15 30 0 -15 -30 -45
0.8
Relative Intensity(a.u.)
45
0.6
60
0.4
-60
75
0.2
-75
90 1.0
-90 -75 -60 -45 -30 -15 0 15 30 45 60 75 90
-90 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 0.8 1.0
Viewing angle(degree)
Relative Intensity(a.u.)
Everlight Electronics Co., Ltd. Device number: DLE-309-005
http:\\www.everlight.com Established date: 05-18-2007
Rev. 1
Page: 4 of 6
Established by: Jim Lin
Technical Data Sheet Side Emitting POWER LED
39-06/A5C-AQSC
Packing Quantity Specification
(1) 60 pcs/1 tube, 30 tubes/1 small inside box, 12 small inside boxes/1 outside box. (2) 60 pcs/1 tube, 105 tubes/1 big inside box, 8 big inside boxes/1 outside box.
Label Form Specification
(1)Tube Label Form
PART NO: 39-06/A5C-AQSC LOT NO: QTY: 60 CAT:
(2)Box Label Form EVERLIGHT CPN: P/N:
RoHS
39-06/A5C-AQSC QTY LOT NO MADE IN TAIWAN
CAT: HUE: REF:
PART NO: Everlgiht's Production Number QTY: Packing Quantity LOT NO: Lot Number CAT: Ranks of Forward Voltage, Dominant Wavelength and Total Flux CPN: Customer's Production Number P/N : Production Number HUE: Reference REF: Reference MADE IN TAIWAN: Production Place
Everlight Electronics Co., Ltd. Device number: DLE-309-005 http:\\www.everlight.com Established date: 05-18-2007 Rev. 1 Page: 5 of 6
Established by: Jim Lin
Technical Data Sheet Side Emitting POWER LED
39-06/A5C-AQSC
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 4. Soldering Condition Careful attention should be paid during soldering. When soldering, leave more then 3mm from solder joint to case, and soldering beyond the base of the tie bar is recommended. Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly when soldering. Recommended soldering conditions: Hand Soldering
Temp. at tip of iron Soldering time Distance 400 Max. (30W Max.) 3 sec Max. 3mm Min.(From solder joint to case) Distance 3mm Min. Preheat temp. Bath temp. Bath time.
DIP Soldering
100 Max. (60 sec Max.) 265 Max. 5 sec Max.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device number: DLE-309-005
http:\\www.everlight.com Established date: 05-18-2007
Rev. 1
Page: 6 of 6
Established by: Jim Lin


▲Up To Search▲   

 
Price & Availability of 39-06-A5C-AQSC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X