Part Number Hot Search : 
6EDK3 LVA477A PZU24DDG FZT788B R471G R471G LM5164 MPB031
Product Description
Full Text Search
 

To Download 2SA1993 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 < SMALL-SIGNAL TRANSISTOR >
2SA1235A
2SA1602A 2SA1993
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type) FEATURE Super mini package for easy mounting OUTLINE DRAWING
2SA1602A
2.1 0.425 1.25 0.425 0.5
Unit
2SA1235A
2.5 1.5 0.5
Excellent linearity of DC forward gain
Small collector to emitter saturation voltage VCE(sat)=-0.3V max 0.65
0.95
APPLICATION
For Hybrid IC,small type machine low frequency voltageAmplify application 2.0 1.3
0.3


2.9 1.90
0.65
0.9
1.1
0.95
0.15
0.7
0.8
JEITASC-70 JEDEC TERMINAL CONNECTER BASE EMITTER COLLECTOR
00.1
JEITASC-59 JEDECTO-236 TERMINAL CONNECTER BASE EMITTER COLLECTOR 2SA1993
4.0
3.0
00.1
14.0
1.0
1.0
0.1 0.45
1.27 1.27 0.4 2.5
JEITA JEDEC TERMINAL CONNECTER EMITTER COLLECTOR BASE
ISAHAYA ELECTRONICS CORPORATION
0.16
0.4
< SMALL-SIGNAL TRANSISTOR >
2SA1235A
2SA1602A 2SA1993
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
MAXIMUM RATINGS
Symbol Parameter Collector to Base voltage Emitter to Base voltage Collector to Emitter voltage Collector current Collector dissipation Junction temperature Storage temperature Ratings
2SA1235A -60 -6 -50 200 200 200 +150 -55+150 450 2SA1602A -60 2SA1993 -50
Unit
V V V mA mW
ELECTRICAL CHARACTERISTICSTa=25
Parame ter

E
Symbol
C to E break down voltage Collector cut off current Emitter cut off current DC forward current gain DC forward current gain C to E Saturation Vlotage Gain bandwidth product Collector output capacitance C to E break down voltage 2SA1993
Test conditions
I C=-100ARBE=
2SA1235A,2SA1602A
Min
-50
E E
Limits Typ
Max
-0.1 -0.1 -0.1 500
Unit
V A A V MHz pF dB
VCB=-50VI VCB=-60VI
=0 =0 150
* Cob NF
VEB=-6VI VCE=-6VI
2SA1993
C
=0 C =-1mA VCE=-6VI
C
2SA1235A,2SA1602A
=-0.1mA
50 90 -0.3 200 4.0 20
Noise figure
E F
I C =-100mAI B =-10mA VCE=-6VI E =10mA VCB=-6VI E =0,f=1MHz VCE=-6VI E =0.3mA,f=100Hz,RG=10
* It shows hFE classification in below table.
FE 2SA1235A 2SA1602A 2SA1993
150300
250500
ISAHAYA ELECTRONICS CORPORATION
< SMALL-SIGNAL TRANSISTOR >
2SA1235A
2SA1602A 2SA1993
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
2SA1235A2SA1602
COLLECTOR DISSIPATION VS.AMBIENT TEMPERTURE 250 500
2SA1993
COLLECTOR DISSIPATION VS.AMBIENT TEMPERTURE
COLLECTOR DISSIPATION Pc (mW)
200
COLLECTOR DISSIPATION Pc (mW)
0 25 50 75 100 AMBIENT TEMPERTURE Ta () 125 150
400
150
300
100
200
50
100
0
0 0 25 50 75 100 AMBIENT TEMPERTURE Ta () 125 150
ISAHAYA ELECTRONICS CORPORATION
< SMALL-SIGNAL TRANSISTOR >
2SA1235A
2SA1602A 2SA1993
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
COMMON EMITTER OUTPUT -50 0.18mA 0.16mA COLLECTOR CURRENT IC(mA) -40
-50
COMMON EMITTER TRANSFER
Ta=25 0.14mA 0.12mA
COLLECTOR CURRENT IC(mA) -40
Ta=25 VCE=-6V
-30
0.10mA 0.08mA
-30
-20
0.06mA 0.04mA
-20
-10
0.02mA IB=0
-10
-0 -0 -1 -2 -3 -4 -5 COLLECTOR EMITTER VOLTAGE VCE(V)
-0 -0.0 -0.2 -0.4 -0.6 -0.8 -1.0 BASE TO EMITTER VOLTAGE VBE(V)
DC FORWARD CURRENT GAIN VS. COLLECTOR CURRENT 10000 Ta=25 VCE=-6V 100(@IC=-1mA) 1000
250 Ta=25 VCE=-6V GAIN BAND WIDTH PRODUCT fT(MHz) 200
GAIN BAND WIDTH PRODUCT VS. EMITTER CURRENT
RELATIVE VALUE OF DC FORWARD CURRENT GAIN hFE
150
100
100
10
50
1 -0.1 -1 -10 -100 COLLECTOR CURRENT IC(mA)
COLLECTOR OUTPUT CAPACITANCE VS. COLLECTOR TO BASE VOLTAGE 100 COLLECTOR OUTPUT CAPACITANCE Cob(pF) Ta=25 IE=0 f=1MHz
0
-1000
0.1
1 10 EMITTER CURRENT IE(mA)
100
10
1
0.1 -0.1 -1 -10 COLLECTOR TO BASE VOLTAGE VCB(V) -100
ISAHAYA ELECTRONICS CORPORATION
Marketing division, Marketing planning department
6-41 Tsukuba, Isahaya, Nagasaki, 854-0065 Japan
Keep safety first in your circuit designs! *ISAHAYA Electronics Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1) placement of substitutive, auxiliary, (2) use of non-farmable material or (3) prevention against any malfunction or mishap. Notes regarding these materials *These materials are intended as a reference to our customers in the selection of the ISAHAYA products best suited to the customer's application; they don't convey any license under any intellectual property rights, or any other rights, belonging ISAHAYA or third party. *ISAHAYA Electronics Corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagrams, charts or circuit application examples contained in these materials. *All information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, and are subject to change by ISAHAYA Electronics Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact ISAHAYA Electronics Corporation or an authorized ISAHAYA products distributor for the latest product information before purchasing product listed herein. *ISAHAYA Electronics Corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact ISAHAYA electronics corporation or an authorized ISAHAYA products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. *The prior written approval of ISAHAYA Electronics Corporation is necessary to reprint or reproduce in whole or in part these materials. *If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or re-export contrary to t e export control laws and regulations of Japan and/or the country of destination is h prohibited. *Please contact ISAHAYA Electronics Corporation or authorized ISAHAYA products distributor for further details on these materials or the products contained therein.
Jan.2007


▲Up To Search▲   

 
Price & Availability of 2SA1993

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X