Part Number Hot Search : 
167BZI 80001 ADN4662 1450C 54LS181J EPSA1 CP4725 4006B
Product Description
Full Text Search
 

To Download 1N5819S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
1N5817S - - - 1N5819S
VOLTAGE RANGE: 20 --- 40 V CURRENT: 1.0 A
A - 405
MECHANICAL DATA
Case:JEDEC A--405,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,method 208 Polarity: Color band denotes cathode Weight: 0.008 ounces,0.23 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1N5817S
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA =75
1N5818S
30 21 30 1.0
1N5819S
40 28 40
UNITS
V V V A
V RRM V RMS VDC IF(AV)
20 14 20
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =70
IFSM
0.45 0.75
25.0
A
Maximum instantaneous forw ard voltage @ 1.0A z (Note 1) @ 3.0A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA =25 @TA =100 (Note2) (Note3)
VF IR CJ R JA TJ TSTG
0.55 0.875 1.0 10.0 110 50 - 55 ---- + 125 - 55 ---- + 150
0.60 0.90
V
mA pF
Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test : 300 s pulse width,1% duty cy cle.
www.galaxycn.com
2. Measured at 1.0MH Z and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient
Document Number 0266038
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
1N5817S - - - 1N5819S
FIG.1 -- FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT PEAK FORWARD SURGE CURRENT AMPERES
FIG.2 -- PEAK FORWARD SURGE CURRENT
1.0
30 25 20 25 10 5 0 1 10 100 TJ=TJMAX 8.3ms Single Half Sine-Wave
0.75
AMPERES
0.5
0.25
Resistive or Inductive Load 0.375"(9.5mm)Lead Length
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD X -CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
20
400
CAPACITANCE, pF
10
1N5817S 1N5819S
TJ=25ae f=1.0MHz Vsig=50mVp-p
AMPERES
100
1
1N5818S
T J = 25 P ulse w id th= 300 1 % D uty C yc le
s
10 0.1 1 10 100
.1
.1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0266038
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of 1N5819S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X