Part Number Hot Search : 
5KE150 ZTNI54W SC6928 2SD224 OZ8022 EUP7961 UM0442 CFSKNG
Product Description
Full Text Search
 

To Download 1N5614GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5614GP thru 1N5622GP
Vishay General Semiconductor
Glass Passivated Junction Rectifier
FEATURES
(R)
* Superectifier structure for high reliability application * Cavity-free glass-passivated junction * Low forward voltage drop
* nted e Pat
* Glass-plastic encapsulation technique is covered by Patent No. 3,996,602, and brazed-lead assembly by Patent No. 3,930,306
* Low leakage current, IR less than 0.1 A * High forward surge capability * Meets environmental standard MIL-S-19500
DO-204AC (DO-15)
* Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes application.
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max. 1.0 A 200 V to 1000 V 50 A 0.5 A 1.2 V 175 C
MECHANICAL DATA Case: DO-204AC, molded epoxy over glass body Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage (1) Maximum RMS voltage Maximum DC blocking voltage
(1)
SYMBOL 1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP VRRM VRMS VDC IF(AV) IFSM TJ, TSTG 200 140 200 400 280 400 600 420 600 1.0 50 - 65 to + 175 800 560 800 1000 700 1000
UNIT V V V A A C
Maximum average forward rectified current 0.375" (9.5 mm) lead length at TA = 55 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (1) Operating junction and storage temperature range (1) Note: (1) JEDEC registered values
Document Number: 88520 Revision: 03-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
1N5614GP thru 1N5622GP
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Minimum reverse breakdown voltage (1) Maximum instantaneous forward voltage (1) Maximum DC reverse current at rated DC blocking voltage (1) Maximum reverse recovery time (1) Maximum junction capacitance Note: (1) JEDEC registered values TEST CONDITIONS 50 A 1.0 A TA = 25 C TA = 100 C IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A at 12 V, 1 MHz SYMBOL 1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP UNIT VBR VF 220 440 660 1.2 0.5 25 880 1100 V V
IR
A
trr CJ 45 35
2.0 25 20 15
s pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) SYMBOL 1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP UNIT RJA 45 C/W
Note: (1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
ORDERING INFORMATION (Example)
PREFERRED P/N 1N5618GP-E3/54 1N5618GP-E3/73 1N5618GPHE3/54 (1) 1N5618GPHE3/73 (1) UNIT WEIGHT (g) 0.425 0.425 0.425 0.425 PREFERRED PACKAGE CODE 54 73 54 73 BASE QUANTITY 4000 2000 4000 2000 DELIVERY MODE 13" diameter paper tape and reel Ammo pack packaging 13" diameter paper tape and reel Ammo pack packaging
Note: (1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.00 50
Average Forward Rectified Current (A)
Peak Forward Surge Current (A)
60 Hz Resistive or Inductive Load 0.75
TJ = TJ Max. 8.3 ms Single Half Sine-Wave 40
30
0.50
20
0.25 0.375" (9.5 mm) Lead Length 0 25 50 75 100 125 150 175
10
0 1 10 100
Ambient Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-repetitive Peak Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88520 Revision: 03-Apr-08
1N5614GP thru 1N5622GP
Vishay General Semiconductor
10
100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
1 TJ = 25 C
Junction Capacitance (pF)
TJ = 150 C
10
0.1
Pulse Width = 300 s 1 % Duty Cycle 0.01 0.4 1 0.6 0.8 1.0 1.2 1.4 1.6 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance
10
Instantaneous Reverse Current (A)
TJ = 125 C 1
TJ = 75 C 0.1
TJ = 25 C 0.01 0 20 40 60 80 100
Rated Peak Reverse Voltage (%)
Figure 4. Typical Reverse Characteristics
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AC (DO-15)
0.034 (0.86) 0.028 (0.71) DIA.
1.0 (25.4) MIN.
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
Document Number: 88520 Revision: 03-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 1N5614GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X