Part Number Hot Search : 
IRFZ44CN 07A01 425F3XGM 74HC32 DD200GB NTE5487 UFT12770 284884
Product Description
Full Text Search
 

To Download 1N4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SMALL SIGNAL SWITCHING DIODE
FEATURES
Silicon epitaxial planar diode High speed switching diode 500 mW power dissipation
1N4448
REVERSE VOLTAGE : 75 V CURRENT: 0.15 A
DO - 35(GLASS)
MECHANICAL DATA
Case: DO-35, glass case Polarity: Color band denotes cathode Weight: 0.004 ounces, 0.13 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
MAXIMUM RATINGS 1N4448
Reverse voltage Peak reverse voltage Average forw ard rectified current Half w ave rectification w ith resist.load @ TA =25 and f 50Hz Forw ard surge current @ t<1s and TJ =25 Pow er dissipation @ TA =25 Junction temperature Storage temperature range
UNITS
V V mA mA mW
VR VRM IAV IFSM Ptot TJ TSTG
MIN 0.62 100.0 0.45
75.0 100.0 1501) 500.0 5001) 175 -55 --- +175
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS
Forw ard voltage Leakage current @ V R=20V @ V R=75V @ V R=20V TJ =150 Capacitance @ V F=V R=0V Reverse breakdow n voltage tested w ith 100A pulses Reverse recovery time from IF=10mA to IR=1mA, V R=6V. RL=100. Thermal resistance junction to ambient Rectification efficiency @ f=100MHz,V RF=2V @ IF=5mA @ IF=10mA
VF IR CJ V(BR)R trr RJA
TYP -
MAX 0.72 1.0 25 5 50 4 4 350 1) -
UNITS V V nA A A pF V ns K/W -
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
www.galaxycn.com
Document Number 0268003
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- ADMISSIBLE POWER DISSIPATION NNNNNN VERSUS AMBIENT TEMPERATURE
1N4448
FIG.2 -- FORWARD CHARACTERISTICS
mW 1000 900 800
mA
10
3
10
2
Ptot
700 600 500 400 300 200 100 0 0 100 200ae
10
-2
IF 10
TJ=100 TJ=25
1
10
-1
0
1
TA
VF
2V
FIG.3 -- ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
A
100
V=tp/T T=1/fp IFRM
IFRM
10
n=0
tp
0.1
1
T
0.2 0.5
0.1
10
-5
10
-4
10
-3
10
-2
10
-1
1
10S
tp
www.galaxycn.com
Document Number 0268003
BLGALAXY ELECTRICAL
2.
RATINGS AND CHARACTERISTIC CURVES
FIG.4 -- RECTIFICATION EFFICIENCY JJJJJJJJMEASUREMENT CIRCUIT
1N4448
FIG.5 -- RELATIVE CAPACITANCE VERSUS JJJJJJJJJJJJJJ VOLTAGE
1.1 TJ=25 f=1MHz
1.0
D.U.T. 60 VRF=2V 2nF 5K VO
Ctot(VR) Ctot(OV)
0.9
0.8
0.7 0 2 4 6 VR 8 10V
FIG.6 -- LEAKAGE CURRENT VERSUS JUNCTION TEMPERATUREFF
FIG.7 -- DYNAMIC FORWARD RESISTANCE FFFVERSUS FORWARD CURRENT
nA
10 4
10
4
TJ=25ae f=1kHz
10 3
10
3
r
10 2
F
10
2
10
10
V R =50V
1
1
10
-2
10
-1
1
10
10
2
mA
0
100
2 0 0 ae
IF
www.galaxycn.com
Document Number 0268003
BLGALAXY ELECTRICAL
3.


▲Up To Search▲   

 
Price & Availability of 1N4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X