Part Number Hot Search : 
256P30 RN2324A FC6156 MAX15022 C221A 15A02 AAT4680 FC6156
Product Description
Full Text Search
 

To Download 1N4148-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148-P
Vishay Semiconductors
Small Signal Fast Switching Diodes
Features
* * * * Silicon epitaxial planar diodes Automotive graded device Lead (Pb)-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
e2
Applications
* Extreme fast switches
94 9367
Mechanical Data
Case: DO35 glass case Weight: approx. 125 mg Cathode Band Color: black Packaging Codes/Options: TR/10 k per 13" reel (52 mm tape), 50 k/box TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Part 1N4148-P Ordering code 1N4148-P-TAP or 1N4148-P-TR Type Marking 1N4148 Remarks Ammopack/tape and reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified
Parameter Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward continuous current Average forward current Power dissipation VR = 0 l = 4 mm, TL = 45 C l = 4 mm, TL 25 C tp = 1 s Test condition Symbol VRRM VR IFSM IFRM IF IFAV Ptot Ptot Value 100 75 2 500 300 150 440 500 Unit V V A mA mA mA mW mW
Thermal Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range Test condition l = 4 mm, TL = constant Symbol RthJA Tj Tstg Value 350 175 - 65 to + 150 Unit K/W C C
Document Number 81873 Rev. 1.0, 31-Mar-08
For technical support, please contact: Diodes-SSP@vishay.com
www.vishay.com 1
1N4148-P
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Forward voltage Reverse current Test condition IF = 10 mA VR = 20 V VR = 20 V, Tj = 150 C VR = 75 V Breakdown voltage Diode capacitance Rectification efficiency Reverse recovery time IR = 100 A, tp/T = 0.01, tp = 0.3 ms VR = 0, f = 1 MHz, VHF = 50 mV VHF = 2 V, f = 100 MHz IF = IR = 10 mA, iR = 1 mA IF = 10 mA, VR = 6 V, iR = 0.1 x IR, RL = 100 Symbol VF IR IR IR V(BR) CD r trr trr 45 8 4 100 4 Min. Typ. Max. 1000 25 50 5 Unit mV nA A A V pF % ns ns
Typical Characteristics
Tamb = 25 C, unless otherwise specified
1.2 1.0 VF - Forward Voltage (V) 0.8 10 mA 0.6 0.4 0.1 mA 0.2 0 - 30
94 9169
1000
I F = 100 mA
IR- Reverse Current (nA)
Tj = 25 C 100
1 mA
Scattering Limit 10
1
0 30 60 90 120
94 9098
1
10 VR- Reverse Voltage (V)
100
Tj - Junction Temperature (C)
Figure 1. Forward Voltage vs. Junction Temperature
Figure 3. Reverse Current vs. Reverse Voltage
1000 1N4148-P IF - Forward Current (mA) 100 Scattering Limit 10
1 Tj = 25 C 0 0.4 0.8 1.2 1.6 2.0
0.1
94 9170-1
VF - Forward Voltage (V)
Figure 2. Forward Current vs. Forward Voltage
www.vishay.com 2
For technical support, please contact: Diodes-SSP@vishay.com
Document Number 81873 Rev. 1.0, 31-Mar-08
1N4148-P
Vishay Semiconductors Package Dimensions in millimeters (inches): DO35
Cathode Identification
0.55 max. (0.022)
1.7 (0.067)
Rev. 6 - Date: 29. January 2007 Document no.: 6.560-5004.02-4
94 9366
Document Number 81873 Rev. 1.0, 31-Mar-08
1.5 (0.059)
www.vishay.com 3
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
For technical support, please contact: Diodes-SSP@vishay.com
1N4148-P
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
For technical support, please contact: Diodes-SSP@vishay.com
Document Number 81873 Rev. 1.0, 31-Mar-08
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 1N4148-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X