Part Number Hot Search : 
CM8501C FN4044 TE28F C4495 LTC1420 MU1231A LTC1420 UN4115
Product Description
Full Text Search
 

To Download 1MBI400U-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1MBI400U-120
IGBT Module U-Series
Features
* High speed switching * Voltage drive * Low inductance module structure
1200V / 400A 1 in one-package
Equivalent Circuit Schematic
Applications
* Inverter for Motor drive * AC and DC Servo drive amplifier * Uninterruptible power supply * Industrial machines, such as Welding machines
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25C unless otherwise specified)
Item Collector-Emitter voltage Gate-Emitter voltage Collector current Symbol VCES VGES IC ICp -IC -IC pulse PC Tj Tstg Viso Conditions Rating 1200 20 600 400 1200 800 400 800 2155 +150 -40 to +125 2500 3.5 4.5 1.7 Unit V V A
Continuous 1ms
Tc=25C Tc=80C Tc=25C Tc=80C
1ms Collector Power Dissipation 1 device Junction temperature Storage temperature Isolation voltage between terminal and copper base *1 AC:1min. Screw Torque Mounting *2 Terminals *2 Terminals *2 *1 : All terminals should be connected together when isolation test will be done. *2 : Recommendable value : Mounting 2.5 to 3.5N*m(M5 or M6), Terminal 3.5 to 4.5 N*m(M6), 1.3 to 1.7 N*m(M4)
W C VAC N*m
Electrical characteristics (at Tj=25C unless otherwise specified)
Item Zero gate voltage collector current Gate-Emitter leakage current Gate-Emitter threshold voltage Collector-Emitter saturation voltage Symbols ICES IGES VGE(th) VCE(sat) (terminal) VCE(sat) (chip) Cies ton tr tr(i) toff tf VF (terminal) VF (chip) trr R lead Conditions VGE=0V, VCE=1200V VCE=0V, VGE=20V VCE=20V, IC=400mA VGE=15V, IC=400A Tj=25C Tj=125C Tj=25C Tj=125C VCE=10V, VGE=0V, f=1MHz VCC=600V IC=400A VGE=15V RG=1.5 VGE=0V IF=400A Tj=25C Tj=125C Tj=25C Tj=125C Characteristics Min. Typ. - - - - 4.5 6.5 - 1.95 - 2.20 - 1.75 - 2.00 - 45 - 0.36 - 0.21 - 0.03 - 0.37 - 0.07 - 1.80 - 1.90 - 1.60 - 1.70 - - - 0.40 Unit Max. 4.0 800 8.5 2.30 - 2.10 - - 1.20 0.60 - 1.00 0.30 2.10 - 1.90 - 0.35 - mA nA V V
Input capacitance Turn-on time
nF s
Turn-off time Forward on voltage
V
Reverse recovery time Lead resistance, terminal-chip*3
IF=400A
s m
*3:Biggest internal terminal resistance among arm.
Thermal resistance characteristics
Items Thermal resistance Contact Thermal resistance Symbols Rth(j-c) Rth(j-c) Rth(c-f)*4 Conditions IGBT FWD With thermal compound Characteristics Min. Typ. - - - - - 0.0125 Unit Max. 0.058 0.100 - C/W C/W C/W
*4 : This is the value which is defined mounting on the additional cooling fin with thermal compound.
1MBI400U-120
Characteristics (Representative)
IGBT Module
Collector current vs. Collector-Emitter voltage (typ.) Tj= 25C / chip
1000 VGE=20V 15V 800 Collector current : Ic [A] Collector current : Ic [A] 12V
Collector current vs. Collector-Emitter voltage (typ.) Tj= 125C / chip
1000 VGE=20V 15V 12V
800
600 10V 400
600 10V 400
200 8V 0 0 1 2 3 4 5 Collector-Emitter voltage : VCE [V]
200
8V
0 0 1 2 3 4 5 Collector-Emitter voltage : VCE [V]
Collector current vs. Collector-Emitter voltage (typ.) VGE=15V / chip
1000 Tj=25C Collector - Emitter voltage : VCE [ V ]
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.) Tj=25C / chip
10
800 Collector current : Ic [A]
8
600
Tj=125C
6
400
4 Ic=800A Ic=400A Ic=200A
200
2
0 0 1 2 3 4 5
0 5 10 15 20 25
Collector-Emitter voltage : VCE [V]
Gate - Emitter voltage : VGE [ V ]
Capacitance vs. Collector-Emitter voltage (typ.) VGE=0V, f= 1MHz, Tj= 25C
Collector-Emitter voltage : VCE [ 200V/div ] Gate - Emitter voltage : VGE [ 5V/div ] 100.0 Capacitance : Cies, Coes, Cres [ nF ] Cies
Dynamic Gate charge (typ.) Vcc=600V, Ic=400A, Tj= 25C
VGE
10.0 Cres
Coes 1.0 0 10 20 30
VCE
0
0 500 1000 1500 2000 2500
Collector-Emitter voltage : VCE [V]
Gate charge : Qg [ nC ]
1MBI400U-120
IGBT Module
Switching time vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=1.5, Tj= 25C
10000 Switching time : ton, tr, toff, tf [ nsec ] Switching time : ton, tr, toff, tf [ nsec ] 10000
Switching time vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=1.5, Tj=125C
1000 ton toff tr 100 tf
1000 toff ton tr 100
tf
10 0 200 400 600 800 Collector current : Ic [ A ]
10 0 200 400 600 800 Collector current : Ic [ A ]
Switching time vs. Gate resistance (typ.) Vcc=600V, Ic=400A, VGE=15V, Tj= 25C
10000 Switching loss : Eon, Eoff, Err [ mJ/pulse ] Switching time : ton, tr, toff, tf [ nsec ] 80 70 60 50 40 30 20 10 0 0.1 1.0 10.0 100.0 0
Switching loss vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=1.5
Eoff(125C)
ton toff 1000
Eoff(25C) Err(125C) Eon(125C) Err(25C) Eon(25C)
tr 100 tf
10
200
400
600
800
Gate resistance : Rg [ ]
Collector current : Ic [ A ]
Switching loss vs. Gate resistance (typ.) Vcc=600V, Ic=400A, VGE=15V, Tj= 125C
300 Switching loss : Eon, Eoff, Err [ mJ/pulse ]
Reverse bias safe operating area (max.) +VGE=15V,-VGE <= 15V, RG >= 1.5 ,Tj <= 125C
1000
800 200 Eon Collector current : Ic [ A ]
600
400
100
Eoff
200 Err 0.10 1.00 10.00 100.00
0
0 0 400 800 1200 Collector - Emitter voltage : VCE [ V ]
Gate resistance : Rg [ ]
1MBI400U-120
Forward current vs. Forward on voltage (typ.) chip
1000 Tj=25C 1000
IGBT Module
Reverse recovery characteristics (typ.) Vcc=600V, VGE=15V, Rg=1.5
Forward current : IF [ A ]
800
600
Tj=125C
Reverse recovery current : Irr [ A ] Reverse recovery time : trr [ nsec ]
Irr (125C) Irr (25C) trr (125C) trr (25C) 100
400
200
0 0 1 2 3 4 Forward on voltage : VF [ V ]
10 0 200 400 600 800 Forward current : IF [ A ]
Transient thermal resistance (max.)
1.000 Thermal resistanse : Rth(j-c) [ C/W ]
0.100
FWD IGBT
0.010
0.001 0.001
0.010
0.100
1.000
Pulse width : Pw [ sec ]
Outline Drawings, mm M127


▲Up To Search▲   

 
Price & Availability of 1MBI400U-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X