Part Number Hot Search : 
24CB642 LS831 R57166 IRFP264 XR2211D SA2002H 85EBZ ALD521D
Product Description
Full Text Search
 

To Download 065SDPDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 065 Switch
(R)
Miniature Slide Switches
Features
* UL and CSA approved for SPST and SPDT functions UL file E10412 * Insulated case, UL grade 94V-2 fire retardant housing * Dust-proof construction * Metal to metal wiping contacts * Withstands flow soldering without deformation * High performance, low cost design * RoHS Compliant
Electrical and Mechanical Specifications
Switch Function Single pole single throw Single pole double throw Double pole single throw (top actuated only) Double pole double throw (top actuated only) Current Rating 1Amp @ 24VDC 1Amp @ 125VAC Switch Contact Resistance 15 milliohm maximum initial 30 milliohm (typical) after life (20,000 cycles @ 1Amp, 24VDC) (6,000 cycles @ 1Amp, 125VAC) Insulation Resistance 100 megohm minimum Dielectric Strength 1,000 VAC (60Hz) for 1 minute Switch Electrical Life 20,000 cycles min.@ 1Amp,24 VDC full load 6,000 cycles min.@ 1Amp,125 VAC full load Temperature Operating: 0C to +70C Storage: -25C to +125C Operating Force SPST/SPDT/DPST: 220 gf - 500 gf (7.7 oz - 17.5 oz) DPDT: 220 gf - 600 gf (7.7 oz - 21 oz) Materials Housing and Actuator - Black nylon 6/6 UL 94V-2 Contactor - Silver plated phosphor bronze Terminal - Silver plated brass
1-2 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
www.ctscorp.com
TYPE 065T Top Actuated
3.8 .150 REF 3.18 .125
5.08 .200
"L" .020
0.5
2.80 .110
10.8 .425
7.30.4 .288.016
MODEL NO 065T SPST 065T SPDT 065T DPST 065T DPDT
POS1
SWITCH FUNCTION
POS2
8.89 .350 19.30 .760
1.78 .070
REMARK
1121414252 2 3 2 5 2 5 3 6
5.590.05 .220.002
TERM 3 4 5 6 NOT PRESENT TERM 4 5 6 NOT PRESENT TERM 3 6 NOT PRESENT
TYP. 1.27 .050 4.600.05 .181.002
5.3 .208
ON ON OFF ON ON OFF
112141425-
2 2 3 2 5 2 5 3 6
OFF OFF ON OFF OFF ON
4.600.05 .181.002
2.540.05 .100.002
3 6
2 5
1 4
0.89 0.35 TYP.
PCB LAYOUT
1.65 TYP. 0.65
DIMENSION:
mm INCH
TYPE 065S Side Actuated
3.18 .125 7.92 .312 3.55 TRAVEL .140 8.510.5 .335.020
5.08 .200
7.17 .282
1.78 .070
3.96 .156
2.54 .100 1.27 .050
3.96 .156 1.270.1 .050.004 TYP.
10.16 .400
0.89 .035
3
1.65 TYP. .065 2 1
2.54 .100
4.75 .187 1.27 0.1 .050 .004
4.75 .187
MODEL NO 065S SPST 065S SPDT
SWITCH FUNCTION POS1 POS2 ON ON
112 2
REMARK
122 3
19.30 .760
OFF ON
TERM 3 NOT PRESENT
DIMENSION: mm INCH
Ordering Information
065
T
SPST
A
ACTUATOR LENGTH "L" TOP ACTUATED A - .200" (5.08mm) B - .500" (12.7mm) C - .375" (9.53mm) SIDE ACTUATED BLANK - .335" (8.51mm) ONLY
SWITCH STYLE T - TOP ACTUATED S - SIDE ACTUATED
SWITCH FUNCTION CODE SPST - SPDT - DPST - FUNCTION SINGLE POLE SINGLE THROW SINGLE POLE DOUBLE THROW DOUBLE POLE SINGLE THROW
(TOP ACTUATED ONLY) (TOP ACTUATED ONLY)
DPDT - DOUBLE POLE DOUBLE THROW SPST AND SPDT SWITCHES UL FILE NO.E10412
2-2 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/30/06


▲Up To Search▲   

 
Price & Availability of 065SDPDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X