Part Number Hot Search : 
74LCX11 4815D QF180 FQPF8N25 N5248 M62021 2SC3922 R13096
Product Description
Full Text Search
 

To Download ZTTCV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ZTTCV SMD Resonators
The ACT ZTTCV families comprise of a range of surface mount, ceramic resonators ("chip" type) in both two and three pad format. Three pad versions have built in capacitors. This family offers a cost effective solution for applications requiring good stability over a wide temperature range, together with accuracy.
Specification
Part Type/ Number Frequency Range (MHz) Test IC Frequency Accuracy % (-20 ~ +80 C) Stability over temp. range (-20 ~ +80C) Aging over Ten Year (%) Capacitors (pF) Internal C1 & C2
ZTTCV MT 7.68-13# 1/6TC4069UBPx2 0.5 0.4% Mode Thickness expander 74HCU04 x 2 ZTTCV MX 13.01-50 0.5 0.4% Specification may vary from above please enquire 50.01-60 Mode Thickness expander 3rd O/T
0.3 0.3
22 internal 22 Internal
#For frequencies from 7.68 to 8.0MHz ACT CC MG series is recommended as the characteristics are better.
Important note when using Ceramic resonators with micro controllers: Some resonator parameters vary considerably with frequency and physical construction/size . These differences are too great to be able to be practically shown in a data sheet. However, these parameters can be critical when the resonators are used with micro controllers. Even if two different resonators appear to have the same specification the typical values of these critical parameters can be considerably different. When enquiring about resonators for use with micro controllers it is important to supply the make and part number of the IC to be used and/or the list of recommended resonators, if this is given.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered Issue: 7 C1r For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK Date: 10/10/05
http://www.actcrystals.com
Tel : Fax : email : ZTTCV SMD TAPE AND REEL / SOLDERING INFORMATION
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Issue: 7 C1r Date: 10/10/05
http://www.actcrystals.com


▲Up To Search▲   

 
Price & Availability of ZTTCV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X