Part Number Hot Search : 
G9001 2N6714 LU1S041 10PBF MAX4698 1MA15 NCV330 C9S12
Product Description
Full Text Search
 

To Download XN0121M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN0121M (XN121M)
Silicon NPN epitaxial planar type
Unit: mm
For switching/digital circuits Features
* Two elements incorporated into one package (Emitter-coupled transistors with built-in resistor) * Reduction of the mounting area and assembly cost by one half
3
2.90+0.20 -0.05 1.90.1 (0.95) (0.95) 4 5
0.16+0.10 -0.06
1.50+0.25 -0.05
2.8+0.2 -0.3
2 0.30+0.10 -0.05 10
1
Basic Part Number
* UNR221M (UN221M) x 2
1.1+0.2 -0.1
(0.65)
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector current Total power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO IC PT Tj Tstg
Rating 50 50 100 300 150 -55 to +150
Unit V V mA mW C C
1: Collector (Tr1) 2: Collector (Tr2) 3: Base (Tr2) EIAJ: SC-74A
0 to 0.1
Absolute Maximum Ratings Ta = 25C
4: Emitter 5: Base (Tr1) Mini5-G1 Package
Marking Symbol: EM Internal Connection
3 4 5
Tr2
1.1+0.3 -0.1
Tr1 1
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio hFE Ratio * Collector-emitter saturation voltage Output voltage high-level Output voltage low-level Input resistance Resistance ratio Transition frequency Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE(Small
/Large)
2
Conditions IC = 10 A, IE = 0 IC = 2 mA, IB = 0 VCB = 50 V, IE = 0 VCE = 50 V, IB = 0 VEB = 6 V, IC = 0 VCE = 10 V, IC = 5 mA VCE = 10 V, IC = 5 mA IC = 10 mA, IB = 0.3 mA VCC = 5 V, VB = 0.5 V, RL = 1 k VCC = 5 V, VB = 2.5 V, RL = 1 k
Min 50 50
Typ
Max
Unit V V A A mA
0.1 0.5 0.2 80 0.50 0.99 0.25 4.9 0.2 -30% 2.2 0.047 +30%
VCE(sat) VOH VOL R1 R1 / R 2 fT
V V V k MHz
VCB = 10 V, IE = -2 mA, f = 200 MHz
150
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Ratio between 2 elements Note) The part number in the parenthesis shows conventional part number.
Publication date: June 2003 SJJ00026BED
0.40.2
5
1
XN0121M
PT Ta
500
240
IC VCE
Ta = 25C IB = 1.0 mA 0.9 mA 0.8 mA 0.7 mA 0.6 mA
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
10
IC / IB = 10
Total power dissipation PT (mW)
400
200
Collector current IC (mA)
1
160
300
Ta = 75C
0.1
120
200
0.5 mA 0.4 mA 0.3 mA 0.2 mA
25C
80
-25C
0.01
100
40
0.1 mA
0
0
0
40
80
120
160
0
2
4
6
8
10
12
0.001
1
10
100
1 000
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (mA)
hFE IC
Collector output capacitance C (pF) (Common base, input open circuited) ob
500
Cob VCB
5 f = 1 MHz IE = 0 Ta = 25C 4
104
VCE = 10 V
IO VIN
VO = 5 V Ta = 25C
Forward current transfer ratio hFE
400
300
Ta = 75C 25C
3
Output current IO (A)
1 10 100
103
102
200
2
-25C
10
100
1
0
1
10
100
1 000
0 0.1
1
0.4
0.6
0.8
1.0
1.2
1.4
Collector current IC (mA)
Collector-base voltage VCB (V)
Input voltage VIN (V)
VIN IO
100
VO = 0.2 V Ta = 25C
Input voltage VIN (V)
10
1
0.1
0.01
0.1
1
10
100
Output current IO (mA)
2
SJJ00026BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of XN0121M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X