Part Number Hot Search : 
DT454P 2C10LI30 PJ120A 10C80 JCR1LB 825J250E BA80JC5T FDMB380
Product Description
Full Text Search
 

To Download XFPN-03PGVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pre-amplified/5V Excitation/Gauge
Features
. . . . Volt level output On-chip amplification and temperature compensations Pre-calibration of offset voltage and span Surface mount package (XFGN)
XFPN,XFGN-6 Data sheet
Applications
. Non-Invasive Blood Pressure(NIBP)monitor for home health care . Vacuum cleaner . Washing machine
Part number for ordering
XFGN - 6 025KP G S R
Model XFPN XFGN Rated pressure (Pa) Length of the pressure port (XFGN only) Pressure type 6 : 6mm G : Gauge (Positive pressure) GV : Gauge (Negative pressure)
Gauge pressure XFPN XFGN-6
Terminal leads direction (See Outline Diagram) No mark : R :
Terminal leads configuration No mark : DIP (XFPN) S : Surface mount package (XFGN)
Pressure type
Model
Package configuration Measurable pressure range (kPa) 0 24.5 0 100 0 25 0 50 0 100 0 200
Dual-In-line-Package (DIP) Part number for ordering XFPN-03PGVR XFPN-100KPGVR XFPN-025KPGR XFPN-050KPGR XFPN-100KPGR XFPN-200KPGR
Surface mount package,6mm pressure port
XFPN-03PGV XFPN-100KPGV XFPN-025KPG XFPN-050KPG XFPN-100KPG XFPN-200KPG
XFGN-603PGVSR XFGN-6100KPGVSR XFGN-6025KPGSR XFGN-6050KPGSR XFGN-6100KPGSR XFGN-6200KPGSR
Specifications
Model/Rated pressure 03PGV 100KPGV 025KPG 050KPG 100KPG 200KPG Unit Recommended operating conditions Pressure type Gauge pressure 24.5 100 25 50 100 Rated pressure 0.250 1.020 0.255 1.020 1.020 Pressure media Non-corrosive gas Excitation voltage 5 0.25 Absolute maximum rating Maximum load pressure Twice of rated pressure Maximum excitation voltage 8 Operating temperature 10 80 Storage temperature 20 100 Operating humidity 30 80 (No dew condensation) Electric performances/characteristics (Excitation voltage Vcc=5.0V constant, Ambient temperature Ta=25 ) Current consumption less than 10 Output impedance less than 10 Source current less than 0.2 Sink current less than 2 Mechanical response time 2 (For the reference) Full scale span voltage 4.0 Offset voltage 0.5 0.1 Full scale span voltage 4.5 0.1 Accuracy 5.0
Note ; Excluding input voltage error.
200 2.040
kPa kg/cm2 VDC
VDC
RH mA mA mA msec V V V FS/0 50
1
Pre-amplified/5V Excitation/Gauge
Outline dimensions
XFPN,XFGN-6 Data sheet
Unit : mm
XFPN
12 0.5 6 5 4 4 2.2 8
5 0.2
max 15
Pressure port 0.8 0.6 Vent hole
4.5 4 5 6
15.24(600mil)
R1.5 3 C0.5
14
1
2
3 Terminal leads
3
2
1
Labelled faceplate
6.8 2.8
Recommended footprint for PCB
6- 0.9(Diameter of through holes)
2.54 2.54
6- 1.8(Diameter of lands)
1.2
60
15.2
(Unit : mm)
Unit : mm
XFPN-R
0.2
12
max 15
4 0.5 2.2
8
5
6
5
4
0.8 Pressure port
4
5
6
R1.5 14 3
C0.5 1 2 3 Terminal leads Labelled faceplate 0.6 Vent hole 32 4.5 1
0.5
15.24(600mil)
2.54 2.54
Recommended footprint for PCB
6- 0.9(Diameter of through holes) 6- 1.8(Diameter of lands)
1.2
60
2.8 6.8
15.2
(Unit : mm)
2
2.54 2.54
2.54 2.54
0.5
Pre-amplified/5V Excitation/Gauge
Outline dimensions
2.54 2.54
XFPN,XFGN-6 Data sheet
Unit : mm
XFPN-6
Pressure port 1 2 3
0.8
7
6
5 7
4 3
Vent hole
Index
6 9.5
0.25
3.5
Recommended footprint for PCB
1.7 1.4 2- 1(Holes for projections)
0.8 10.3
15
MA
Projections
0.5
X.
6
5
4
2-R0.5
2.54 2.54 6.0 9.4
1
Land-pads
Projections 1 2 3 Labelled faceplate
(Unit : mm)
Connection diagram XFPN, XFGN-6
Vcc(DC5V) Vcc
Vout Vout GND C2 C1
Remarks :
GND
1) C1 : Connect 680pF capacitor within 2cm distance from leads. 2) C2 : Connect 0.01 F or more capacitor within 2cm distance from leads. 3) 4 and 5 pins must be No Connection. Open them as floating ones completely, and do NOT connect to other line or each other.
Transfer Function
Vout=Vs (P + ) (Pressure Error Temperature Error Multiplier Vs) Vs=5.0volts Notes ; The output voltage (Vout) is no perfect ratiometric with the power supply voltage. P=Input Pressure(kPa) Model pressure range Temperature Error Multiplier
6
Temperature Error Multiplier
5 4 3 2 1 0 -10
03PGV 025KPG 050KPG 100KPG 100KPGV 200KPG
0
24.5kPa 0 25kPa 0 50kPa 0 100kPa 0 100kPa 0 200kPa
0.03266 0.032 0.016 0.008 0.008 0.004
0.1 0.1 0.1 0.1 0.1 0.1
Pressure Error(kPa) 0.612 0.625 1.25 2.5 2.5 5.0
0
10
20
30
40
50
60
70
80
Temperature
Note ; Please read instruction "Notes" before using the sensor. Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us. Sensor Engineering Department 5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan Phone +81-(0)3-5606-1072 Fax. +81-(0)3-5606-1538 3 E-mail : sensor@fujikura.co.jp
6.0


▲Up To Search▲   

 
Price & Availability of XFPN-03PGVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X