Part Number Hot Search : 
LUG01D 5R105 092316 HV2901 S6512 TA114T 74HCT 25C80
Product Description
Full Text Search
 

To Download TIL111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Features
* TIL11X series: TIL111, TIL117 * MCT2X series: MCT2, MCT2E * High isolation voltage between input and output Viso = 5000 Vrms * Creepage distance >7.6mm * Compact dual-in-line package * Operating temperature up to +110C * Pb free and RoHS compliant. * UL approved (No. E214129) * VDE approved (No. 132249) * SEMKO approval (No.716108 / No. 716109) * NEMKO approved (No. P06206474) * DEMKO approved (No. 313924) * FIMKO approved (No. FI 22807) * CSA approval (No.1969132)
TIL11X Series MCT2X Series
Description
The TIL11X series and MCT2X series of devices each consist of an infrared emitting diode optically coupled to a phototransistor detector. They are packaged in a 6-pin DIP package and available in wide-lead spacing and SMD option.
Schematic
Applications
Power supply regulators Digital logic inputs Microprocessor inputs Appliance system Industrial controls
1. Anode 2. Cathode 3. No Connection 4. Emitter 5. Collector 6. Base
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
1
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Absolute Maximum Ratings (TA=25C)
Parameter Forward current Peak forward current (t = 10s) Input Reverse voltage Power dissipation Derating factor (above 100C) Collector power dissipation Derating factor (above 100C) Output Collector-Emitter voltage Collector-Base voltage Emitter-Collector voltage Total power dissipation Isolation voltage *2 Operating temperature Storage temperature Soldering temperature *3 Symbol IF IFM VR PD
TIL11X Series MCT2X Series
Rating 50 1 6 70 3.8 150
Unit mA A V mW mW/C mW mW/C V V V mW Vrms C C C
PC 9.0 VCEO VCBO VECO Ptot Viso Topr Tstg Tsol 80 80 7 200 5000 -55~+110 -55~+125 260
Notes *1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6 are shorted together. *2 For 10 seconds.
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
2
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Electrical Characteristics (TA=25 unless specified otherwise)
Input
Parameter TIL111 Symbol Min. Forward voltage TIL117 MCT2 MCT2E Reverse current IR VF Typ.* 1.22 1.32 1.1 1.23 Max. 1.4 1.4 1.5 10 A V Unit
TIL11X Series MCT2X Series
Condition IF = 16mA TA=0-70, IF = 16mA TA= -55, IF = 16mA TA=110, IF = 16mA IF = 20mA VR = 6V
Output
Parameter Collector-Base dark current All ICEO TIL117 Collector-Emitter breakdown voltage Collector-Base breakdown voltage Emitter-Collector breakdown voltage Emitter-Base breakdown voltage BVCEO BVCBO BVECO BVEBO 80 80 7 7 0.2 50 A V V V V Symbol ICBO Min. Typ.* 1 Max. 20 50 Unit nA nA Condition VCB = 10V VCE = 10V, IF = 0mA VCE = 30V, IF = 0mA, TA=70 IC = 1mA IC = 0.01mA IE = 0.1mA IE = 0.1mA
Collector-Emitter dark current
Transfer Characteristics
Parameter Collector current (Phototransistor operation) Collector current (Photodiode operation) Current Transfer Ratio Symbol Min. 2 TIL111 IC(ON) 7 TIL117 MCT2 MCT2E CTR 20 50 % IF = 10mA ,VCE = 10V A IF = 16mA ,VCB = 0.4V IF = 10mA ,VCE = 10V Typ.* Max. Unit mA Condition IF = 16mA ,VCE = 0.4V
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
3
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Transfer Characteristics
Parameter Collector-Emitter saturation voltage Isolation resistance Input-output capacitance Turn-on time Turn-off time Rise time Fall time Turn-on time Turn-off time Rise time Fall time TIL117 TIL117 TIL117 TIL111 TIL117 TIL111 MCT2 MCT2E MCT2 MCT2E MCT2 MCT2E MCT2 MCT2E All VCE(sat) TIL117 RIO CIO Ton Toff tr tf Ton Toff tr tf 1011 10 9 6 8 3 3 3 3 0.4 2 12 12 10 10 10 10 s 10 10 s pF Symbol Min. Typ.* Max. 0.4 V Unit
TIL11X Series MCT2X Series
Condition IF = 16mA , IC = 2mA IF = 10mA , IC = 0.5mA VIO = 500Vdc VIO = 0, f = 1MHz
VCC = 10V, IC = 2mA, RL = 100
VCC = 10V, IF = 10mA, RL = 100
* Typical values at Ta = 25C
Typical Performance Curves
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2 4 http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X Series MCT2X Series
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
5
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X Series MCT2X Series
VCC IF Input Pulse Output
10% 90%
IC
RL
Input RIN
RBE
Output Pulse tr ton
tf toff
Figure 11. Switching Time Test Circuit & Waveforms
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
6
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Order Information
Part Number
TIL11X Series MCT2X Series
TIL11XY(Z)-V
or
MCT2XY(Z)-V
Note X = Part no. for MCT2X series (E or none) = Part no. for TIL11X series (1 or 7) Y = Lead form option (S, S1, M or none) Z = Tape and reel option (TA, TB or none). V = VDE optional
Option None M S (TA) S (TB) S1 (TA) S1 (TB) Standard DIP-6
Description
Packing quantity 65 units per tube 65 units per tube 1000 units per reel 1000 units per reel 1000 units per reel 1000 units per reel
Wide lead bend (0.4 inch spacing) Surface mount lead form + TA tape & reel option Surface mount lead form + TB tape & reel option Surface mount lead form (low profile) + TA tape & reel option Surface mount lead form (low profile) + TB tape & reel option
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
7
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Package Drawings
(Dimensions in mm)
TIL11X Series MCT2X Series
Standard DIP Type
Option M Type
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
8
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Option S Type
TIL11X Series MCT2X Series
Option S1 Type
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
9
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Recommended pad layout for surface mount leadform
TIL11X Series MCT2X Series
Device Marking
EL TIL117 YWWV
Notes EL TIL117 Y WW V denotes Everlight denotes Device Number denotes 1 digit Year code denotes 2 digit Week code denotes VDE optional
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
10
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Tape & Reel Packing Specifications
Option TA
TIL11X Series MCT2X Series
Option TB
Direction of feed from reel
Direction of feed from reel
Tape dimensions
Dimension No. Dimension (mm)
A 10.40.1
B 7.520.1
Do 1.50.1
D1 1.5+0.1/-0
E 1.750.1
F 7.50.1
Dimension No. Dimension (mm)
Po 4.00.15
P1 16.00.1
P2 2.00.1
t 0.350.03
W 16.00.2
K 4.50.1
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
11
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Solder Reflow Temperature Profile
TIL11X Series MCT2X Series
260 C (peak) >255 C (30s Min) 217C 200C 1-3 C/Sec Max 60 - 140 Sec
150C 70 - 170 Sec
1-3 C/Sec Max
TIME (S)
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
12
http://www.everlight.com April 1, 2008
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
DISCLAIMER
TIL11X Series MCT2X Series
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT. Reproduction in any from is prohibited without the specific consent of EVERLIGHT.
Everlight Electronics Co., Ltd. Document NoPDS-ELST-117 Rev. 2
13
http://www.everlight.com April 1, 2008


▲Up To Search▲   

 
Price & Availability of TIL111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X