Part Number Hot Search : 
TA1152A 2SD1816 EGA16 200A12N2 0KGKT 2SB113 F1005 BCX71G
Product Description
Full Text Search
 

To Download TD62785FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TD62785PG/FG
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62785PG,TD62785FG
8CH SOURCE DRIVER
The TD62785PG, TD62785FG are eight Channel Non-Inverting Source current transistor Array. All units feature input pull-up resistors and output pull-down resistors. These device are specifically designed for multiplexed digit driving of eight digit common-anode LED and also can be employed as a source drivers for multiplexed LED displays using with the TD62381PG, TD62381FG at standard supply voltage, 5 V. Applications include relay, hammer and lamp drivers. The suffix (G) appended to the part number represents a Lead (Pb)-Free product.
TD62785PG
TD62785FG
Features
Low saturation voltage VCE (sat) = 1.35 V MAX. @IOUT = -500 mA
Output current (single output) IOUT = -500 mA MIN. Input pull-up resistor RIN = 5.6 k Typ. Output pull-down resistor Low level active inputs Package Type-PG : Package Type-FG : DIP-18 pin SOP-18 pin Weight DIP18-P-300-2.54D : 1.47 g (typ.) SOP18-P-375-1.27 : 0.41 g (typ.) RIN = 15 k Typ.
Pin Connection (top view)
Schematics (each driver)
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
1
2006-06-14
TD62785PG/FG
Absolute Maximum Ratings (Ta = 25C)
CHARACTERISTIC Supply Voltage Output Voltage Output Current Input Voltage Input Current Power Dissipation Operating Temperature Storage Temperature PG FG SYMBOL VCC VOUT IOUT VIN IIN PD (Note 1) Topr Tstg RATING 7.0 VCC -500 VCC -10 1.47 0.96 -40~85 -55~150 UNIT V V mA / ch V mA W C C
Note 1: Delated above 25C in the proportion of 11.7 mW / C (PG-Type), 7.7 mW / C (FG-Type).
Recommended Operating Conditions (Ta = -40~85C)
CHARACTERISTIC Supply Voltage Output Voltage PG FG Output Current PG IOUT SYMBOL VCC VOUT TEST CONDITION DC 1 Circuit, Ta = 25C Duty = 10% Tpw 25 ms 8 Circuits On Ta = 85C Tj = 120C Duty = 50% Duty = 10% Duty = 50% MIN 4.5 0 0 0 0 0 0 0 0 0 VCC -1.0 TYP. 5.0 MAX 5.5 -VCC -400 -400 -376 -67 -248 -38 VCC 0.8 VCC 0.52 0.35 V V mA / ch UNIT V V
FG VIN Input Voltage Output On Output Off Power Dissipation PG FG VIN (ON) VIN (OFF) PD
W
2
2006-06-14
TD62785PG/FG
Electrical Characteristics (Ta = 25C)
CHARACTERISTIC "H" Level "L" Level Input Current Input Pull-Up Resistor Output Pull-Down Resistor "L" Level SYMBOL VIH VIL IIL RIP ROP 2 TEST CIR- CUIT 1 TEST CONDITION VCC = 5.5 V, VIN = 0.8 V IOUT = 500 mA VCC = 0 V GND = -4.5 V VIN = GND IOUT = 500 mA VCC = 55 V, VIN = GND VCC = 55 V, VIN = OPEN 4 VCC = 5 V, RL = 16 CL = 15 pF MIN VCC -1.0 TYP. -1.5 5.6 15 0.1 3.5 MAX 0.8 -2.3 VCC -1.35 VCC -1.30 12.5 10 mA k k UNIT
Input Voltage
V
Output Voltage
"H" Level
VOH
3
V
Supply Current Turn-On Delay Turn-Off Delay
ICC (ON) ICC (OFF) tON tOFF
1
mA / ch A s s
3
2006-06-14
TD62785PG/FG
Test Circuit
1. VIH, VIL, ICC 2. IIL
3.
VCE (sat)
4.
tON, tOFF
Note 1: Pulse width 50 s, duty cycle 10% Output impedance 50 , tr 5 ns, tf 10 ns Note 2: CL includes probe and jig capacitance
Precautions for Using
This IC does not integrate protection circuits such as overcurrent and overvoltage protectors. Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that excess current or voltage will not be applied to the IC. Utmost care is necessary in the design of the output line, VCC and GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
4
2006-06-14
TD62785PG/FG
5
2006-06-14
TD62785PG/FG
Package Dimensions
DIP18-P-300-2.54D Unit: mm
Weight: 1.47 g (Typ.)
6
2006-06-14
TD62785PG/FG
Package Dimensions
SOP18-P-375-1.27 Unit: mm
Weight: 0.41 g (Typ.)
7
2006-06-14
TD62785PG/FG
Notes on Contents
1. Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
2. Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These components and circuits are not guaranteed to prevent malfunction or failure from occurring in the application equipment.
IC Usage Considerations
Notes on Handling of ICs
(1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a moment. Do not exceed any of these ratings. Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. Use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over current and/or IC failure. The IC will fully break down when used under conditions that exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case of breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location, are required. If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the design to prevent device malfunction or breakdown caused by the current resulting from the inrush current at power ON or the negative current resulting from the back electromotive force at power OFF. IC breakdown may cause injury, smoke or ignition. Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable, the protection function may not operate, causing IC breakdown. IC breakdown may cause injury, smoke or ignition. Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive and negative terminals of power supplies are connected properly. Otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. In addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly even just one time. Carefully select external components (such as inputs and negative feedback capacitors) and load components (such as speakers), for example, power amp and regulator. If there is a large amount of leakage current such as input or negative feedback condenser, the IC output DC voltage will increase. If this output voltage is connected to a speaker with low input withstand voltage, overcurrent or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition from the IC itself.) In particular, please pay attention when using a Bridge Tied Load (BTL) connection type IC that inputs output DC voltage to a speaker directly.
(2)
(3)
(4)
(5)
8
2006-06-14
TD62785PG/FG
Points to Remember on Handling of ICs
(1) Heat Radiation Design In using an IC with large current flow such as power amp, regulator or driver, please design the device so that heat is appropriately radiated, not to exceed the specified junction temperature (Tj) at any time and condition. These ICs generate heat even during normal use. An inadequate IC heat radiation design can lead to decrease in IC life, deterioration of IC characteristics or IC breakdown. In addition, please design the device taking into considerate the effect of IC heat radiation with peripheral components. Back-EMF When a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor's power supply due to the effect of back-EMF. If the current sink capability of the power supply is small, the device's motor power supply and output pins might be exposed to conditions beyond absolute maximum ratings. To avoid this problem, take the effect of back-EMF into consideration in system design.
(2)
9
2006-06-14
TD62785PG/FG
About solderability, following conditions were confirmed * Solderability (1) Use of Sn-37Pb solder Bath * solder bath temperature = 230C * dipping time = 5 seconds * the number of times = once * use of R-type flux (2) Use of Sn-3.0Ag-0.5Cu solder Bath * solder bath temperature = 245C * dipping time = 5 seconds * the number of times = once * use of R-type flux
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
10
2006-06-14


▲Up To Search▲   

 
Price & Availability of TD62785FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X