Part Number Hot Search : 
P82C42PD A2603 IFR802 DA103M 2SB1215 IRF540N SDHN5KS F10UP20S
Product Description
Full Text Search
 

To Download STPR1505D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPR1505D thru STPR1520D
Ultra Fast Recovery Diodes
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
A=Anode, C=Cathode, TAB=Cathode VRRM V 50 100 150 200 VRMS V 35 70 105 140 VDC V 50 100 150 200
STPR1505D STPR1510D STPR1515D STPR1520D
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol I(AV) IFSM VF IR CJ TRR ROJC
Characteristics Maximum Average Forward Rectified Current @TC=115 oC
Maximum Ratings 15 150 1.25 1.20 50 1000 160 30 2.0 -55 to +150
Unit A A V uA pF ns
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage IF=15A (Note 1) Maximum DC Reverse Current At Peak Reverse Voltage (Note 1) Typical Junction Capacitance Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance (Note 3) @TJ=25oC @TJ=125oC @TJ=25oC @TJ=100oC VR=4V, f=1MHz
C/W
o
TJ, TSTG Operating And Storage Temperature Range NOTES: 1. Pulse Test: Pulse Width=300us, Duty Cycle. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 3. Thermal Resistance Junction To Case.
C
FEATURES
* Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity
MECHANICAL DATA
* Case: TO-220AC molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
STPR1505D thru STPR1520D
Ultra Fast Recovery Diodes
25
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
20
15 10
RESISTIVE OR INDUCTIVE LOAD
5
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ = 100 C
10
INSTANTANEOUS FORWARD CURRENT ,(A)
TJ = 125 C
TJ = 25 C
10
1.0
TJ = 25 C
0.1
1.0
0.01
0.001 0 20 40 60 80 100 120 140 160
0.1 0 0.2 0.4 0.6 0.8
PERCENT OF RATED PEAK REVERSE VOLTAGE (VOLTS)
PULSE WIDTH 300ua 300us 2% Duty cycle
1.0
1.2
1.4
1..6
1.8
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
100
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of STPR1505D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X