Part Number Hot Search : 
CDRH5D28 752B0 AI4100 ACT2804 OM5222SW 20TC15M T218010 M81731FP
Product Description
Full Text Search
 

To Download STP60NF0607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP60NF06
N-channel 60V - 0.014 - 60A TO-220 STripFET IITM Power MOSFET
General features
Type STP60NF06

VDSS 60V
RDS(on) <0.016
ID 60A
Exceptional dv/dt capability 100% avalanche tested Application oriented characterization
1 2 3
Description
This Power MOSFET series realized with STMicroelectronics unique STripFET process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced highefficiency isolated DC-DC converters for Telecom and Computer application. It is also intended for any application with low gate charge drive requirements.
TO-220
Internal schematic diagram
Applications
Switching application
Order code
Part number STP60NF06 Marking P60NF06 Package TO-220 Packaging Tube
March 2007
Rev 6
1/12
www.st.com 12
Contents
STP60NF06
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5
Test circuit
................................................ 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
2/12
STP60NF06
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VDS VGS ID ID IDM
(1)
Absolute maximum ratings
Parameter Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuos) at TC = 25C Drain current (continuos) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor Value 60 20 60 42 240 110 0.74 7.5 - 55 to 175 Max. operating junction temperature Unit V V A A A W W/C V/ns C
PTOT dv/dt (2) Tstg Tj
Peak diode recovery voltage slope Storage temperature
1. Pulse width limited by safe operating area 2. ISD 60A, di/dt 400 A/s, VDD 48V, Tj Tjmax
Table 2.
Symbol Rthj-case Rthj-a Tl
Thermal data
Parameter Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose Value 1.36 62.5 300 Unit C/W C/W C
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25C, Id=Iar, Vdd=30V) Value 30 370 Unit A mJ
3/12
Electrical characteristics
STP60NF06
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source Breakdown voltage Zero gate voltage Drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS = 0 VDS = Max rating VDS=Max rating, TC=125C VGS = 20V VDS = VGS, ID = 250A VGS = 10V, ID = 30A 2 0.014 Min. 60 1 10 100 4 0.016 Typ. Max. Unit V A A nA V
Table 5.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge VDS = 25V, f = 1 MHz, VGS = 0 Test conditions VDS = 15V, ID=30A Min. Typ. 50 1660 400 140 VDD = 30V, ID = 60A, VGS = 10V (see Figure 12) 54 9 23 73 Max. Unit S pF pF pF nC nC nC
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5%
Table 6.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off-delay time Fall time Test conditions VDD = 30V, ID = 30A RG = 4.7 VGS = 10V (see Figure 11) VDD = 30V, ID = 30A, RG = 4.7, VGS =10V (see Figure 11) Min. Typ. 15 65 45 20 Max. Unit ns ns ns ns
4/12
STP60NF06 Table 7.
Symbol ISD ISDM VSD
(1) (2)
Electrical characteristics Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 60A, VGS = 0 ISD = 60A, VDD=30V di/dt = 100A/s, Tj = 150C (see Figure 13) 70 185 5 Test conditions Min Typ. Max Unit 60 240 1.3 A A V ns nC A
trr Qrr IRRM
1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5%
5/12
Electrical characteristics
STP60NF06
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area Figure 2. Thermal impedance
Figure 3.
Output characteristics
Figure 4.
Transfer characteristics
Figure 5.
Source-drain diode forward characteristics
Figure 6.
Static drain-source on resistance
6/12
STP60NF06 Figure 7. Gate charge vs gate-source voltage Figure 8.
Electrical characteristics Capacitance variations
Figure 9.
Normalized gate threshold voltage vs temperature
Figure 10. Normalized on resistance vs temperature
7/12
Test circuit
STP60NF06
3
Test circuit
Figure 12. Gate charge test circuit
Figure 11. Switching times test circuit for resistive load
Figure 13. Test circuit for inductive load Figure 14. Unclamped Inductive load test switching and diode recovery times circuit
Figure 15. Unclamped inductive waveform
Figure 16. Switching time waveform
8/12
STP60NF06
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/12
Package mechanical data
STP60NF06
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
10/12
STP60NF06
Revision history
5
Revision history
Table 8.
Date 09-Sep-2004 17-Aug-2006 04-Oct-2006 02-Mar-2007
Revision history
Revision 3 4 5 6 Complete version The document has been reformatted Changes in Dynamic Safe operating area has been updated Changes
11/12
STP60NF06
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of STP60NF0607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X