Part Number Hot Search : 
21A155M DS446 4HC404 SM4934 2SB1269Q 00145 EM84513 KBL04G
Product Description
Full Text Search
 

To Download STB55NF06T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB55NF06 - STB55NF06-1 STP55NF06 - STP55NF06FP
N-channel 60V - 0.015 - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFETTM II Power MOSFET
General features
Type STB55NF06 STB55NF06-1 STP55NF06 STP55NF06FP VDSS 60V 60V 60V 60V RDS(on) <0.018 <0.018 <0.018 <0.018 ID 50A
3
3 1
50A 50A 50A
(1)
1
2
TO-220
D2PAK
1. Refer to soa for the max allowable current value on FP-type due to Rth value
100% avalanche tested Exceptional dv/dt capability
1 2
3
3 12
TO-220FP
I2PAK
Description
This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STB55NF06T4 STB55NF06-1 STP55NF06FP STP55NF06 Marking B55NF06 B55NF06 P55NF06FP P55NF06 Package D I
2PAK 2PAK
Packaging Tape & reel Tube Tube Tube
TO-220FP TO-220
June 2006
Rev 10
1/18
www.st.com 18
Contents
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5 6
Test circuit
............................................... 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Parameter TO-220 D2PAK I2PAK TO-220FP Value Unit
VDS VGS ID ID IDM
(2)
Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor 50 35 200 110 0.73
60 20 50(1) 35(1) 200(1) 30 0.20 340 7 -55 to 175 2500
V V A A A W W/C mJ V/ns V C
Ptot
(3) (4)
EAS dv/dt
Single pulse avalanche energy Peak diode recovery voltage slope Insulation withstand voltage (DC) Storage temperature Max. operating junction temperature
VISO Tstg Tj
1. Refer to soa for the max allowable current value on FP-type due to Rth value 2. Pulse width limited by safe operating area. 3. Starting Tj = 25C, VDD = 30V, ID =25A 4. ISD 50A, di/dt 400A/s, VDD V(BR)DSS, Tj TJMAX
Table 2.
Thermal data
TO-220 D2PAK I2PAK TO-220FP
Rthj-case Rthj-amb TJ
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose(1)
1.36 62.5 300
5
C/W C/W C
1. for 10 sec. 1.6mm from case
3/18
Electrical characteristics
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol V(BR)DSS
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS =0 VDS = max ratings VDS = max ratings, TC = 125C VGS = 20V VDS = VGS, ID = 250A VGS = 10V, ID = 27.5A 2 3 0.015 Min. 60 1 10 100 4 0.018 Typ. Max. Unit V A A nA V
IDSS
IGSS VGS(th) RDS(on)
Table 4.
Symbol gfs (1) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 15V, ID = 27.5A Min. Typ. 18 1300 300 105 20 50 36 15 44.5 10.5 17.5 60 Max. Unit S pF pF pF ns ns ns ns nC nC nC
VDS = 25V, f = 1MHz, VGS = 0
VDD = 30V, ID = 27.5A RG = 4.7 VGS = 10V (see Figure 14) VDD = 48V, ID = 55A, VGS = 10V (see Figure 15)
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %.
4/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Electrical characteristics
Table 5.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage ISD = 50A, VGS = 0 75 170 4.5 Test conditions Min. Typ. Max. 50 200 1.5 Unit A A V ns nC A
ISD = 50A, Reverse recovery time di/dt = 100A/s, Reverse recovery charge VDD = 30V, Tj = 150C Reverse recovery current (see Figure 16)
1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
5/18
Electrical characteristics
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO220/D2PAK/I2PAK Figure 2. Thermal impedance TO220/D2PAK/I2PAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance TO-220FP
Figure 5.
Output characterisics
Figure 6.
Transfer characteristics
6/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP Figure 7. Transconductance Figure 8.
Electrical characteristics Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/18
Electrical characteristics Figure 13. Source-drain diode forward characteristics
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
8/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Test circuit
3
Test circuit
Figure 15. Gate charge test circuit
Figure 14. Switching times test circuit for resistive load
Figure 16. Test circuit for inductive load Figure 17. Unclamped Inductive load test switching and diode recovery times circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform
9/18
Test circuit
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Figure 20. Diode recovery times waveform
10/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/18
Package mechanical data
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
12/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Package mechanical data
TO-262 (I2PAK) MECHANICAL DATA
mm. DIM. MIN. A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 TYP MAX. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 MIN. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 TYP. MAX. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch
13/18
Package mechanical data
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
14/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Package mechanical data
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
15/18
Packaging mechanical data
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
16/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Revision history
6
Revision history
Table 6.
Date 19-Oct-2005 02-Dec-2005 28-Mar-2006 26-Jun-2006
Revision history
Revision 7 8 9 10 Preliminary document New datasheet according to PCN MLD-PMT/05/1115 Inserted ecopack indication New template, no content change Changes
17/18
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
18/18


▲Up To Search▲   

 
Price & Availability of STB55NF06T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X