Part Number Hot Search : 
N2576 2SK854 HS13003 A1700 FS20KM FSM30C 2005G 50397G
Product Description
Full Text Search
 

To Download STB30NF10T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB30NF10 STP30NF10 - STP30NF10FP
N-channel 100V - 0.038 - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFETTM II Power MOSFET
General features
Type STB30NF10 STP30NF10 STP30NF10FP

VDSS 100V 100V 100V
RDS(on) <0.045 <0.045 <0.045
ID 35A 35A 35A TO-220
1 2 3
3 1
D2PAK
Exceptional dv/dt capability 100% avalanche tested Application oriented characterization
3 1 2
Description
This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.
TO-220FP
Internal schematic diagram
Applications
Switching application
Order codes
Sales type STB30NF10T4 STP30NF10 STP30NF10FP Marking B30NF10 P30NF10 P30NF10FP Package D
2PAK
Packaging Tape & reel Tube Tube
TO-220 TO-220FP
June 2006
Rev 2
1/16
www.st.com 16
Contents
STB30NF10 - STP30NF10 - STP30NF10FP
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5 6
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2/16
STB30NF10 - STP30NF10 - STP30NF10FP
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Parameter D2PAK TO-220 Value TO-220FP 100 100 20 35 25 140 115 0.77 28 275 -2500 -55 to 175 Max. operating junction temperature 18 13 72 30 0.2 V V V A A A W W/C V/ns mJ V C Unit
VDS VDGR VGS ID ID IDM
(1)
Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20 k) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor
Ptot dv/dt (2) EAS
(3)
Peak diode recovery voltage slope Single pulse avalanche energy Insulation withstand voltage (DC) Storage temperature
VISO Tstg Tj
1. Pulse width limited by safe operating area. 2. ISD 30A, di/dt 400A/s, VDD V(BR)DSS, Tj TJMAX 3. Starting Tj = 25 C, ID = 15A, VDD = 30V
Table 2.
Thermal data
D2PAK TO-220 TO-220FP 5 62.5 300 C/W C/W C
Rthj-case Rthj-amb TJ
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose
1.30
3/16
Electrical characteristics
STB30NF10 - STP30NF10 - STP30NF10FP
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol V(BR)DSS
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS =0 VDS = max ratings VDS = max ratings, TC = 125C VGS = 20V VDS = VGS, ID = 250A VGS = 10V, ID = 15A 2 3 0.038 Min. 100 1 10 100 4 0.045 Typ. Max. Unit V A A nA V
IDSS
IGSS VGS(th) RDS(on)
Table 4.
Symbol gfs (1) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 15V, ID = 15A Min. Typ. 10 1180 180 80 15 40 45 10 40 8 15 55 Max. Unit S pF pF pF ns ns ns ns nC nC nC
VDS = 25V, f = 1MHz, VGS = 0
VDD = 50V, ID = 15A RG = 4.7 VGS = 10V (see Figure 15) VDD = 80V, ID = 12A, VGS = 10V (see Figure 16)
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %.
4/16
STB30NF10 - STP30NF10 - STP30NF10FP
Electrical characteristics
Table 5.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage ISD = 30A, VGS = 0 110 390 7.5 Test conditions Min. Typ. Max. 35 140 1.3 Unit A A V ns nC A
ISD = 30A, Reverse recovery time di/dt = 100A/s, Reverse recovery charge VDD = 55V, Tj = 150C Reverse recovery current (see Figure 17)
1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
5/16
Electrical characteristics
STB30NF10 - STP30NF10 - STP30NF10FP
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO220/D2PAK Figure 2. Thermal impedance for TO220/D2PAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characterisics
Figure 6.
Transfer characteristics
6/16
STB30NF10 - STP30NF10 - STP30NF10FP Figure 7. Transconductance Figure 8.
Electrical characteristics Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/16
Electrical characteristics Figure 13. Source-drain diode forward characteristics
STB30NF10 - STP30NF10 - STP30NF10FP Figure 14. Normalized BVDSS vs temperature
8/16
STB30NF10 - STP30NF10 - STP30NF10FP
Test circuit
3
Test circuit
Figure 16. Gate charge test circuit
Figure 15. Switching times test circuit for resistive load
Figure 17. Test circuit for inductive load Figure 18. Unclamped Inductive load test switching and diode recovery times circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform
9/16
Package mechanical data
STB30NF10 - STP30NF10 - STP30NF10FP
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/16
STB30NF10 - STP30NF10 - STP30NF10FP
Package mechanical data
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
11/16
Package mechanical data
STB30NF10 - STP30NF10 - STP30NF10FP
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
E
L2 L5
123
L4
12/16
G
STB30NF10 - STP30NF10 - STP30NF10FP
Package mechanical data
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
13/16
Packaging mechanical data
STB30NF10 - STP30NF10 - STP30NF10FP
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
14/16
STB30NF10 - STP30NF10 - STP30NF10FP
Revision history
6
Revision history
Table 6.
Date 21-Jun-2004 26-Jun-2006
Revision history
Revision 1 2 First version New template, no content change Changes
15/16
STB30NF10 - STP30NF10 - STP30NF10FP
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of STB30NF10T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X