Part Number Hot Search : 
7N0607 UF101 N5404 UFT2040 G791B 143EC 1W1RJ 042N10N
Product Description
Full Text Search
 

To Download SMV1269-074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SMV1269-074, SMV1269-074LF: Hyperabrupt Junction Tuning Varactor
Features


High capacitance ratio Ultrasmall SC-70 package Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C per JEDEC J-STD-020 Designed for high-volume, low-cost battery applications Available in tape and reel packaging
Absolute Maximum Ratings
Characteristic Value 20 mA 250 mW -55 C to +150 C -55 C to +125 C Class 0 Forward current (IF) Power dissipation (PD) Storage temperature (TST) Operating temperature (TOP) ESD human body model
Description
The SMV1269-074 is a dual silicon hyperabrupt junction varactor diode in a common cathode configuration specifically designed for battery operation.The specified high capacitance ratio and low RS of this varactor make it appropriate for low noise VCOs used at frequencies in wireless systems to beyond 2.5 GHz. Applications include low noise and wideband UHF and VHF VCO for GSM, PCS, CDMA and analog phones.
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200064 Rev. C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * March 10, 2006
1
DATA SHEET * SMV1269-074, SMV1269-074LF
Electrical Specifications at 25C
Parameter Reverse current (IR) Capacitance (CT) Capacitance (CT) Capacitance ratio (CTR) Series resistance (RS) Breakdown voltage (VBR) VR = 8 V CT @ 0.5 V, VR = 0.5 V, F = 1 MHz CT @ 2.5 V, VR = 2.5 V, F = 1 MHz CT (0.5 V)/CT (2.5 V) VR = 1 V, F = 900 MHz IR = 10 A 10 19.2 6.5 2.5 20.5 7.3 2.8 0.6 0.8 V Condition Min. Typ. Max. 20 21.8 8.1 Unit nA pF pF
Common Cathode SC-70 SMV1269-074 Marking: AE3 SMV1269-074LF Marking: EE3 LS = 1.4 nH
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative to our standard tin/lead (Sn/Pb) packaging.
Typical Performance Data
30 5 4 VVAR = 1 V VVAR = 2.5 V VVAR = 4 V
Percent of Variation (%)
0 1 2 3 4 5
25
3 2 1 0 -1 -2 -3
Capacitance (pF)
20 15 10 5 0
-4 -40
-20
0
20
40
60
80
Voltage (V)
Temperature (C)
Varactor (SMV1269-074)
Relative Capacitance Change vs. Temperature
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
March 10, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200064 Rev. C
DATA SHEET * SMV1269-074, SMV1269-074LF
SPICE Model
PORT P_anode port = 1 IND LS L = LS DIODEM Diode_Model IS = 1.00e-14 RS = 0 N=1 TT = 0 CJO = CJO M=M VJ = VJ EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 0 IBV = 1e-3 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
Capacitance vs. Voltage
VR (V) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 CT (pF) 29 25.3 22.4 20.1 18 16.2 14.6 13.2 11.9 10.7 9.6 8.7 7.8 7 6.3 5.7 5.2 4.8 4.4 4.1 3.9 3.7 3.5 3.3 3.2 3.1
RES RS R = RS DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
CAP CP C = CP
PORT P_Cathode port = 2
Part Number SMV1269-074
CJO (pF) 28.5
VJ (V) 6.3
M 4.2
CP (pF) 0.5
RS () 0.6
LS (nH) 1.4
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
3.8 4 4.2 4.4 4.6
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
4.8 5
SC-70
0.071 (1.80 mm) Min. 0.087 (2.20 mm) Max. 0.010 (0.25 mm) Min. 0.016 (0.40 mm) Max. 0.071 (1.80 mm) Min. 0.094 (2.40 mm) Max. 1 0.014 (0.35 mm) Ref. 0.026 (0.65 mm) Ref. 0.051 (1.30 mm) Ref. 0.004 (0.10 mm) Min. 0.007 (0.18 mm) Max. 0.031 (0.80 mm) Min. 0.039 (1.00 mm) Max. 2
3 0.045 (1.15 mm) Min. 0.053 (1.35 mm) Max.
0.004 (0.10 mm) Min. 0.012 (0.30 mm) Max.
0.000 (0.00 mm) Min. 0.004 (0.10 mm) Max.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200064 Rev. C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * March 10, 2006
3
DATA SHEET * SMV1269-074, SMV1269-074LF
Copyright (c) 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
March 10, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200064 Rev. C


▲Up To Search▲   

 
Price & Availability of SMV1269-074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X