Part Number Hot Search : 
AT89C20 FU240 SAMTEC M39432NC 475M5 78M24B 13V6YSZX IRFZ4
Product Description
Full Text Search
 

To Download SKY65230-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SKY65230-11: WLAN 802.11n 2 x 2 MIMO InteraTM Front-End Module with 3 Antenna Ports
Features
G G G G G
Description
The SKY65230-11 Intera nFEM combines two complete dual-band transmit/receive chains in one compact RF front end module optimized for 2 x 2 MIMO (multiple in--multiple out) operation, in compliance with the 802.11n draft standard. The SKY65230-11 includes two 5 GHz PAs and two 2 GHz PAs, each with integrated input filtering for 3-4 GHz rejection, and two temperaturecompensated, directional power detectors with 20 dB dynamic range. Also included are low loss, high rejection GaAs diplexers and diversity switches which provide high linearity in all transmit paths and low loss in all receive paths. Additionally, a third antenna port is added to provide switch diversity capability on both chains. All RF ports are matched to 50 . The SKY65230-11 Intera nFEM achieves outstanding gain matching between both 2 GHz transmit paths and both 5 GHz transmit paths, which is a critical requirement for MIMO operation. This is accomplished though mirrored layout symmetry. The SKY65230-11 is packaged in a lead (Pb)-free, RoHS-compliant laminate package, which measures 140 mm2. This tiny footprint enables more functionality in less printed circuit board space.
G G G
G G G
2 x 2 MIMO architecture Two full dual-band transmit/receive chains 3rd antenna provides switch diversity on both chains Backward-compatible with 802.11a/b/g standards POUT @ 2.5% EVM: 16 dBm (-11a); 19 dBm (-11b); 19 dBm (-11g) Gain matching: <1.5 dB @ 2 GHz, < 2 dB @ 5 GHz Single 3.0-3.6 V power supply, internal voltage regulation Temperature-compensated PA bias networks and directional power detection Separate digital controls for each PA Package size: 10 x 14 x 0.9 mm Lead (Pb)-free and RoHS-compliant MSL-3 @ 250 C per JEDEC J-STD-020
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
Functional Block Diagram
RxMain0 RxAux0 R0g R0a Diplexer 2 GHz T0g 5 GHz T0a PD0ag PU0g PU0a PU1g PU1a PD1ag T1a 5 GHz T1g 2 GHz R1a R1g Diplexer RxMain1 RxAux1 Dir Det A1 TxMain1 TxAux1 Dir Det CTRL0A2 PA Controller A2 Dir Det Diplexer TxAux0 TxMain0 A0
CTRL0A1 Dir Det Diplexer
BUY NOW
Innovation to GoTM Now available for purchase online.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
1
DATA SHEET * SKY65230-11
Absolute Maximum Ratings
Parameter VCC PU0g, PU1g, PU0a, PU1a T0g,T1g,T0a,T1a Operating temperature range Storage temperature range Moisture sensitivity level Thermal resistance Symbol VCC PU RFin TOP TSTO MSL-3 JC 0 -65 Condition Min. -0.3 -0.3 Typ. Max. 5.5 5.5 10 85 125 250 60 Unit V V dBm C C C C/W
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
Recommended Operating Conditions
Parameter Supply Voltage Operating Temperature Symbol VCC TOP Condition Min. 3 0 Typ. 3.3 25 Max. 3.6 85 Unit V C
DC Characteristics
Conditions: VCC = 3.3 V, TOP = 25 C. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 unless otherwise specified.
Parameter Total 802.11g Tx supply current, T0g or T1g Symbol ICC-g Condition POUT = 18 dBm, 54 Mbps OFDM, PU0g or PU1g = 3.3 V PU0a or PU1a = 0 V No RF POUT = 18 dBm, 11 Mbps CCK PU0g or PU1g = 3.3 V PU0a or PU1a = 0 V POUT = 15 dBm, 54 Mbps OFDM, PU0g or PU1g = 0 V PU0a or PU1a = 3.3 V No RF Min. Typ. 190 Max. Unit mA
Total 802.11g Tx quiescent current, T0g or T1g Total 802.11b Tx supply current, T0g or T1g
ICQ-g ICC-b
95 190
mA mA
Total 802.11a Tx supply current, T0a or T1a
ICC-a
180
mA
Total 802.11a Tx quiescent current, T0g or T1g
ICQ-a
135
mA
PA Logic Characteristics
Conditions: VCC = 3.3 V, TOP = 25 C. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 unless otherwise specified.
Parameter Logic high voltage for PU0g, PU1g, PU0a, PU1a (Tx On) Logic low voltage for PU0g, PU1g, PU0a, PU1a (Tx Off) Input current logic high voltage for PU0g, PU1g, PU0a, PU1a Input current logic low voltage for PU0g, PU1g, PU0a, PU1a Symbol Condition Min. 2 0 100 0.2 Typ. Max. VCC 0.5 200 Unit V V A A
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
May 7, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200547 Rev. F
DATA SHEET * SKY65230-11
PA Bias Control Line Truth Table
Control Pin PU0g PU0a PU1g PU1a Logic Level = 1 (3 V) g Band PA0 On a Band PA0 On g Band PA1 On a Band PA1 On Logic Level = 0 (0 V) g Band PA0 Off a Band PA0 Off g Band PA1 Off a Band PA1 Off
Switch Control Line Truth Tables
H = 3 V, L = 0 V, X = Don't Care
Path A0-R0g A0-R0a A2-R0g A2-R0a A0-T0g A0-T0a A2-T0g A2-T0a RxMain0 H H L L L L L L TxMain0 L L L L H H L L RxAux0 L L H H L L L L TxAux0 L L L L L L H H Ctrl0A2 X X H H X X H H Ctrl1A2 X X L L X X L L
Path A1-R1g A1-R1a A2-R1g A2-R1a A1-T1g A1-T1a A2-T1g A2-T1a
RxMain1 H H L L L L L L
TxMain1 L L L L H H L L
RxAux1 L L H H L L L L
TxAux1 L L L L L L H H
Ctrl0A2 X X L L X X L L
Ctrl1A2 X X H H X X H H
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
3
DATA SHEET * SKY65230-11
802.11b,g Transmit Specifications (Tx Chain 0, Tx Chain 1)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Linear output power - g Compliant output power - b Backed off EVM 1 dB compression point Small signal gain Smal signal gain variation over frequency band Gain matching, T0g to A0 vs. T1g to A1 Gain, 3.2-3.3 GHz Harmonics Tx switching time Input return loss Output return loss Isolation between T0g and A1 Isolation between T1g and A0 Stability Symbol F Plin_g POUT_b BEVM P1 dB lS21l lS21l lS21l - M lS21l - 3.2 2f, 3f t_sw lS11l lS22l ISO-A1 ISO-A0 STAB POUT = 18 dBm, 1 Mbps, CCK, 802.11b 50 % of VCTL to 90/10 % RF output power level T0g or T1g A0 or A1 CW power into T0g and measure ratio of power at A0 to A1 CW power into T1g and measure ratio of power at A1 to A0 POUT < 18 dBm, load VSWR = 3:1 -10 -8 -25 -25 Compared frequency by frequency 54 Mbps OFDM, 64 QAM, EVM = 2.5 % 11 Mbps CCK 54 Mbps OFDM, 64 QAM, Pin = 8 dBm 22.5 Condition Min. 2.4 19 19 1.5 25 25 1 1 -2 -50 -42 500 2.5 Typ. Max. 2.5 Unit GHz dBm dBm % dBm dB dB dB dB dBm/MHz nS dB dB dBc dBc
All non-harmonically related outputs less than -50 dBc/1 MHz
802.11b,g Receive Specifications (Rx Chain 0, Rx Chain 1)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Insertion loss Input return loss Output return loss Insertion loss delta Symbol F lS21l lS11l lS22l lS21l R0g or R1g A0 or A1 A0 to R0g and A1 to R1g Condition Min. 2.4 1.5 -20 -15 0.5 Typ. Max. 2.5 2.0 Unit GHz dB dB dB dB
802.11b,g Power Detector Specification
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Power detect range Power detector accuracy DC load impedance Output voltage, no RF Output voltage, 20 dBm Power detector -3 dB corner frequency LPF-3 dB 10 k load 270 Symbol F PDR PDacc2 Zload 0.80 0.35 300 400 A0 or A1 Over 3:1 VSWR Condition Min. 2.4 0 1 3 0.95 Typ. Max. 2.5 20 Unit GHz dBm dB kohm V V kHz
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
May 7, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200547 Rev. F
DATA SHEET * SKY65230-11
802.11b,g Transmit Specifications (Tx Chain 2)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Linear output power - g Compliant output power - b Backed off EVM 1 dB compression point Small signal gain Smal signal gain variation over frequency band Gain matching, T0g to A0 vs. T1g to A1 Gain, 3.2-3.3 GHz Harmonics Tx switching time Input return loss Output return loss Isolation between T0g and A1 Isolation between T1g and A0 Stability Symbol F Plin_g POUT_b BEVM P1 dB lS21l lS21l lS21l - M lS21l - 3.2 2f, 3f t_sw lS11l lS22l ISO-A1 ISO-A0 STAB POUT = 18 dBm, 1 Mbps, CCK, 802.11b 50 % of VCTL to 90/10 % RF output power level T0g or T1g A2 CW power into T0g and measure ratio of power at A0 to A1 CW power into T1g and measure ratio of power at A1 to A0 POUT < 18 dBm, load VSWR = 3:1 -10 -8 -25 -25 Compared frequency by frequency 54 Mbps OFDM, 64 QAM, EVM = 2.5 % 11 Mbps CCK 54 Mbps OFDM, 64 QAM, Pin = 8 dBm 22 Condition Min. 2.4 18.5 18.5 1.5 25 25 1 1 -2 -48 -42 500 2.5 Typ. Max. 2.5 Unit GHz dBm dBm % dBm dB dB dB dB dBm/MHz nS dB dB dBc dBc
All non-harmonically related outputs less than -50 dBc/1 MHz
802.11b,g Receive Specifications (Rx Chain 2)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Insertion loss Input return loss Output return loss Insertion loss delta Symbol F lS21l lS11l lS22l lS21l R0g or R1g A2 A2 to R0g and A2 to R1g Condition Min. 2.4 1.8 -20 -15 0.5 Typ. Max. 2.5 2.5 Unit GHz dB dB dB dB
802.11b,g Power Detector Specification
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Power detect range Power detector accuracy DC load impedance Output voltage, no RF Output voltage, 20 dBm Power detector -3 dB corner frequency LPF-3 dB 10 k load 270 Symbol F PDR PDacc2 Zload 0.80 0.35 300 400 A0 or A1 Over 3:1 VSWR Condition Min. 2.4 0 1 3 0.95 Typ. Max. 2.5 20 Unit GHz dBm dB kohm V V kHz
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
5
DATA SHEET * SKY65230-11
802.11a Transmit Specifications (Tx Chain 0, Tx Chain 1)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Linear output power - a Backed off EVM 1 dB compression point Small signal gain Smal signal gain variation over any 20 MHz band Gain matching, T0g to A0 vs. T1g to A1 Gain, 3.2-3.9 GHz Harmonics Tx switching time Input return loss Output return loss Isolation between T0g and A1 Isolation between T1g and A0 Stability Symbol F Plin_a BEVM P1 dB lS21l lS21l lS21l - M lS21l - 3.9 2f, 3f t_sw lS11l lS22l ISO-A1 ISO-A0 STAB POUT = 15 dBm, OFDM542 50 % of VCTL to 90/10 % RF output power level T0a or T1a A0 or A1 CW power into T0a and measure ratio of power at A0 to A1 CW power into T1a and measure ratio of power at A1 to A0 POUT < 18 dBm, load VSWR = 3:1 -6 -10 -25 -25 Compared frequency by frequency 2 0 -50 -42 500 54 Mbps OFDM, 64 QAM, EVM = 2.5 % 54 Mbps OFDM, 64 QAM, Pin = 7dBm 21.5 Condition Min. 4.9 16 1.5 24 24 0.5 Typ. Max. 5.85 Unit GHz dBm % dBm dB dB dB dB dBm/MHz nS dB dB dBc dBc
All non-harmonically related outputs less than -50 dBc/1 MHz
802.11a Receive Specifications (Rx Chain 0, Rx Chain 1)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Insertion loss Input return loss Output return loss Insertion loss delta Symbol F lS21l lS11l lS22l lS21l R0g or R1g A0 or A1 A0 to R0g and A1 to R1g Condition Min. 4.9 2.5 -20 -15 0.5 Typ. Max. 5.85 3 Unit GHz dB dB dB dB
802.11a Power Detector Specification
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Power detect range Power detector accuracy DC load impedance Output voltage, no RF Output voltage, 18 dBm Power detector -3 dB corner frequency LPF-3 dB 10 k load 270 Symbol F PDR PDacc5 Zload 0.75 0.35 300 400 A0 or A1 Over 3:1 VSWR Condition Min. 4.9 0 0.7 3 0.95 Typ. Max. 5.85 20 Unit GHz dBm dB kohm V V kHz
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 6
May 7, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200547 Rev. F
DATA SHEET * SKY65230-11
802.11a Transmit Specifications (Tx Chain 2)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Linear output power - a Backed off EVM 1 dB compression point Small signal gain Smal signal gain variation over any 20 MHz band Gain matching, T0g to A0 vs. T1g to A1 Gain, 3.2-3.9 GHz Harmonics Tx switching time Input return loss Output return loss Isolation between T0g and A1 Isolation between T1g and A0 Stability Symbol F Plin_a BEVM P1 dB lS21l lS21l lS21l - M lS21l - 3.9 2f, 3f t_sw lS11l lS22l ISO-A1 ISO-A0 STAB POUT = 15 dBm, OFDM542 50 % of VCTL to 90/10 % RF output power level T0a or T1a A2 CW power into T0a and measure ratio of power at A0 to A1 CW power into T1a and measure ratio of power at A1 to A0 POUT < 18 dBm, load VSWR = 3:1 -6 -10 -25 -25 Compared frequency by frequency 2 0 -50 -42 500 54 Mbps OFDM, 64 QAM, EVM = 2.5 % 54 Mbps OFDM, 64 QAM, Pin = 7dBm 21.5 Condition Min. 4.9 15.5 1.5 24 24 0.5 Typ. Max. 5.85 Unit GHz dBm % dBm dB dB dB dB dBm/MHz nS dB dB dBc dBc
All non-harmonically related outputs less than -50 dBc/1 MHz
802.11a Receive Specifications (Rx Chain 2)
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Insertion loss Input return loss Output return loss Insertion loss delta Symbol F lS21l lS11l lS22l lS21l R0g or R1g A2 A2 to R0g and A2 to R1g Condition Min. 4.9 3 -20 -15 0.5 Typ. Max. 5.85 3.5 Unit GHz dB dB dB dB
802.11a Power Detector Specification
Conditions: VCC = 3.3 V, TOP = 25 C. PA enables and switch control voltages set according to Truth Tables in this document. Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50 .
Parameter Frequency range Power detect range Power detector accuracy DC load impedance Output voltage, no RF Output voltage, 18 dBm Power detector -3 dB corner frequency LPF-3 dB 10 k load 270 Symbol F PDR PDacc5 Zload 0.75 0.35 300 400 A0 or A1 Over 3:1 VSWR Condition Min. 4.9 0 0.7 3 0.95 Typ. Max. 5.85 20 Unit GHz dBm dB kohm V V kHz
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
7
DATA SHEET * SKY65230-11
Typical Performance Data (2.4-2.5 GHz)
VCC = 3.3 V, TA = 25 C, OFDM 54 Mbps, Z0 = 50 , unless otherwise noted
2.4 0.300 0.275 0.250 0.225 0.200 0.175 0.150 0.125 0.100 0.075 0.050 0.025 0 2 3 4 5 7 6 8 9 10 12 11 13 14 15 16 17 18 19 20 2.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 2 3 4 5 7 6 8 9 10 12 11 13 14 15 16 17 18 19 20 2.4 2.5
Error Vector Magnitude (%)
Supply Current (A)
POUT (dBm)
Output Power (dBm)
Supply Current vs. Output Power
2.4 0.95 0.85 2.5 30 25 20 15 10 5 0 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 0 2 4 2.4
EVM vs. Output Power
2.5
Detector Voltage (V)
0.75 0.65 0.55 0.45 0.35
Gain (dB)
6
8 10 12 14 16 18 20 22
Output Power (dBm)
Output Power (dBm)
Detector Voltage vs. Output Power
5.0 27 26 25
Gain vs. Output Power
Error Vector Magnitude (%)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 2350 2400 2450 2500 2550
Gain (dB)
24 23 22 21 20 2350 2400 2450 2500 2550
Frequency (GHz)
Frequency (GHz)
EVM vs. Frequency (POUT = 18 dBm)
Gain vs. Frequency
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 8
May 7, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200547 Rev. F
DATA SHEET * SKY65230-11
Typical Performance Data (4.9-5.85 GHz)
VCC = 3.3 V, TA = 25 C, OFDM 54 Mbps, Z0 = 50 , unless otherwise noted
0.300 0.275 0.250 0.225 0.200 0.175 0.150 0.125 0.100 0.075 0.050 0.025 0 4.9 5.3 5.85 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 2 3 4 5 7 6 8 9 10 12 11 13 14 15 16 17 18 19 20 0 2 3 4 5 7 6 8 9 10 12 11 13 14 15 16 17 18 19 20 4.9 5.3 5.85
Output Power (dBm)
Error Vector Magnitude (%)
Supply Current (A)
Output Power (dBm)
Supply Current vs. Output Power
4.9 0.95 0.85 5.3 5.85 30 25 20 15 10 5 0 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 0 2 4 4.9
EVM vs. Output Power
5.3 5.85
Detector Voltage (V)
0.75 0.65 0.55 0.45 0.35
Gain (dB)
6
8 10 12 14 16 18 20 22
Output Power (dBm)
Output Power (dBm)
Detector Voltage vs. Output Power
5.0 4.5 30 29 28 27
Gain vs. Output Power
Error Vector Magnitude (%)
4.0 3.5
Gain (dB)
3.0 2.5 2.0 1.5 1.0 0.5 0 4800 5000 5200 5400 5600 5800 6000
26 25 24 23 22 21 20 4800 5000 5200 5400 5600 5800 6000
Frequency (GHz)
Frequency (GHz)
EVM vs. Frequency @ POUT = 15 dBm
Gain vs. Frequency
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
9
DATA SHEET * SKY65230-11
Module Pin Out
48 47 46 45 44 43 42 41 40 39
Pin Descriptions
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 Name R0g GND R0a GND T0g T0a GND GND T1a T1g GND R1a GND R1g GND PU1g PU1a VCC PD1ag GND VCC RxMain1 RxAux1 TxAux1 TxMain1 GND A1 GND Ctrl1A2 GND GND A2 GND Ctrl0A2 GND A0 GND TxMain0 TxAux0 RxAux0 RxMain0 VCC GND PD0ag PU0g PU0a VCC GND GND Description Receiver output Ground Receiver output Ground Transmitter input Transmitter input Ground Ground Transmitter input Transmitter input Ground Receiver output Ground Receiver output Ground Power amp enable input Power amp enable input 3.3 V Power detector 1 output Ground 3.3 V Diversity switch control input Diversity switch control input Diversity switch control input Diversity switch control input Ground Antenna 1 Ground TR switch control input Ground Ground Antenna 2 Ground TR switch control input Ground Antenna 0 Ground Diversity switch control input Diversity switch control input Diversity switch control input Diversity switch control input 3.3 V Ground Power detector 0 output Power amp enable input Power amp enable input 3.3 V Ground Ground
VCC RxMain0 RxAux0 TxAux0 PDOag PUOg PUOa GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14
GND
VCC
R0g GND R0a GND T0g T0a GND GND T1a T1g GND R1a GND R1g GND Slug (Pin 49)
TxMain0 GND
38 37
A0 36 GND 35 Ctrl0A2 34 GND 33 A2 32 GND 31 GND 30 Ctrl1A2 29 GND 28 A1 27 GND 26
RxMain1 TxMain1 25 RxAux1
23
PU1g
PU1a
15
16
17
18
19
20
21
22
24
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 10
May 7, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200547 Rev. F
TxAux1
PD1ag
GND
GND
VCC
VCC
DATA SHEET * SKY65230-11
Recommended Footprint
10.34 mm Pin 47 0.425 mm 24X 0.5 mm 24X 0.75 mm
Solder Mask
10.44 mm Pin 48 0.20 X 45 48X 0.85 mm 48X 0.6 mm 0.425 mm
Pin 1 0.175 mm Typ. 0.85 mm Typ. 0.35 mm 1.4 mm C L 1.4 mm 0.7 mm 14.34 mm
Pin 1
6X 2.1 mm 6X 5 mm
0.85 mm Typ.
6X 0.725 mm C L 0.425 mm 14.44 mm
2.2 mm Typ. 0.25 mm Typ. C L Thermal Via Array 0.3 mm on 0.7 mm Pitch 0.35mm Additional Vias in Common Ground Pad Will Improve Thermal Performance Thermal vias should be tented and filled with solder mask 30-35 m copper plating recommended. 0.7 mm 2X 1.525 mm 2X 1.875 mm C L 2 mm Typ. 8X 2.3 mm 2X 4.075 mm Package Outline
Stencil Pattern
0.20 X 45 mm 10.34 mm 48X 0.5 mm 0.425 mm 48X 0.75 mm 0.85 mm Typ.
6X 5 mm 0.425 mm C L 6X 2.1 mm 14.34 mm
Stencil Aperture Size of 80-100% of the Module/Pkg. Solder Mask Openings
Package Outline C L 8X 2.3 mm 2X 2.975 mm
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
11
DATA SHEET * SKY65230-11
Package Outline
Pin 1 Indicator
Skyworks SKY65230-11 Lot # YYWWCC
14 0.1
10 0.1 0.9 0.1 Top View 28x 4.92 4x 3.825 4x 2.125 Side View
Pin 48 0 Pin 1 Indicator A Pin 1 See Detail B See Detail C See Detail D 4x 0.425 4x 2.125 4x 3.825 4x 5.525
48x SMT Pad 6x 5 6x 2.1 0 4x 1.275 4x 2.975 4x 4.675 20x 6.92 6x 2.975 8x 2.3 4x 1.275 4x 0.424
15x Solder Mask Openings
Bottom View 0.5 0.075 (0.1) Metal Pad Edge 2.2 0.03 2 0.03 Detail A Pad Scale: 2X 14X Rotated 180 10X Rotated 90 CW 10X Rotated 90 CCW 3.05 0.03 R 0.05 Max. 1.45 0.03 Detail C Scale: Full Detail B Scale: Full 12X R 0.05 Max.
0.5 0.03
2.2 0.03 1.45 0.03 Detail D Scale: Full 2X R 0.05 Max.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 12
May 7, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200547 Rev. F
DATA SHEET * SKY65230-11
Copyright (c) 2006, 2007, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, "Breakthrough Simplicity" and Intera are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200547 Rev. F * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 7, 2007
13


▲Up To Search▲   

 
Price & Availability of SKY65230-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X