Part Number Hot Search : 
M54563FP 080B1 Z200D5 MBRF20 1346341 UT6120 SS3P3L 27C47
Product Description
Full Text Search
 

To Download SFS1601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFS1601G -SFS1608G
16.0 AMPS. Surface Mount Super Fast Rectifiers D2PAK
Features
High efficiency, low VF High current capability High reliability High surge current capability Low power loss. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .16",(4.06mm) from case. Weight: 1.70 grams
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @T C = 100 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current o @T A =25 C at Rated DC Blocking Voltage o @ T A =100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range Notes:
Maximum Ratings and Electrical Characteristics
Symbol SFS V RRM V RMS V DC I(AV) IFSM VF IR 50 35 50
SFS
SFS
SFS
SFS
SFS
SFS
SFS
Units V V V A A
1601G 1602G 1603G 1604G 1605G 1606G 1607G 1608G
100 70 100
150 105 150
200 140 200
300 210 300
400 280 400
500 350 500
600 420 600
16.0 125 0.975 10 400 35 80 2.5 -65 to +150 -65 to +150 60
o
1.3
1.7
V uA uA nS pF C/W o C o C
Trr Cj
R JC TJ T STG
1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from Junction to Case Mounted on Heatsink.
- 188 -
Version: BO7
RATINGS AND CHARACTERISTIC CURVES (SFS1601G THRU SFS1608G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
20
INSTANTANEOUS REVERSE CURRENT. ( A)
16 12 8 4 0 0 50 CASE TEMPERATURE. ( C)
o
100
TJ=100 0C
10
TJ=75 0C
100
150
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
150
1
TJ=25 0C
120 90 60 30
8.3ms Single Half Sine Wave JEDEC Method
TJ=125 0C
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT. (A)
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
30 10
60 SF S1 60 1G ~S FS 1
SF S1
4G
3 1 0.3 0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
100 90
CAPACITANCE.(pF)
Tj=25 0C
80
70 60 50 40 1
0.03 0.01 1000 0.4 0.6 0.8 1.0
2
5
10
20
50
100
200
500
SF S1 6
1.2
07
5G ~S G~ FS SF 16 S1 06 60 G 8G
60
6 S1 SF
6 S1 SF 05
01 6 S1 SF G~ 04 G
6 S1 SF G~ 08 G
1.4
1.6
1.8
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: B07


▲Up To Search▲   

 
Price & Availability of SFS1601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X