Part Number Hot Search : 
07K460 LLZ5235B LT726 HC259 S1200 STA435 N1A30209 OPB813S7
Product Description
Full Text Search
 

To Download SFH3310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN-Si-Fototransistor mit V Charakteristik Silicon NPN Phototransistor with V Characteristics Lead (Pb) Free Product - RoHS Compliant
SFH 3310
Wesentliche Merkmale * Speziell geeignet fur Anwendungen im Bereich von 350 nm bis 970 nm * Angepasst an die Augenempfindlichkeit (V) Anwendungen * * * * Umgebungslicht-Detektor Beleuchtungsmesser Dimmungssensor fur Hintergrundbeleuchtung Messen/Steuern/Regeln" Bestellnummer Ordering Code Q65110A5343
Features * Especially suitable for applications from 350 nm to 970 nm * Adapted to human eye sensitivity (V) Applications * * * * Ambient light detector Exposure meter for daylight and artificial light Sensor for Backlight-Dimming For control and drive circuits
Typ Type SFH 3310
Fotostrom , Ee= 10W/cm2, = 560nm, VCE = 5 V Photocurrent Ipce (A) 2.5...8.0
2007-05-29
1
SFH 3310
Grenzwerte (TA = 25 C) Maximum Ratings Bezeichnung Parameter Betriebs- und Lagertemperatur Operating and storage temperature range Kollektor-Emitterspannung Collector-emitter voltage Kollektorstrom Collector current Emitter-Kollektorspannung Emitter-collector voltage Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Wellenlange der max. Fotoempfindlichkeit Wavelength of max. sensitivity Spektraler Bereich der Fotoempfindlichkeit S = 10% von Smax Spectral range of sensitivity S = 10% of Smax Bestrahlungsempfindliche Flache Radiant sensitive area Abmessung der Chipflache Dimensions of chip area Halbwinkel Half angle Kapazitat, VCE = 0 V, f = 1 MHz, E = 0 Capacitance Dunkelstrom Dark current VR = 5 V Symbol Symbol Wert Value 570 350 ... 970 Einheit Unit nm nm Symbol Symbol Wert Value - 40 ... + 100 5.5 20 0.5 Einheit Unit C V mA V
Top; Tstg VCE IC VEC
Smax
A LxB LxW
0.29 0.75 x 0.75 75 16 3 (< 50)
mm2 mm x mm Grad. deg. pF nA
CCE ICEO
2007-05-29
2
SFH 3310
Bezeichnung Parameter Fotostrom Photocurrent Ee= 10W/cm2, = 560nm, VCE = 5 V Ev = 1000lx, Normlicht/Standard light A Kollektor-Emitter-Sattigungsspannung Collector-emitter saturation voltage IC = IPCEmin1) x 0.3, Ee= 10W/cm2, = 560nm
1) 1)
Symbol Symbol -2
Wert Value -3
Einheit Unit
IPCE VCEsat
2.5...5.0 290 100
4.0...8.0 460 100
A A
mV
IPCEmin ist der minimale Fotostrom der jeweiligen Gruppe IPCEmin is the min. photocurrent of the specified group
Directional Characteristics Srel = f ()
2007-05-29
3
SFH 3310
Relative Spectral Sensitivity Srel = f ()
100 %
OHF00851
Photocurrent IPCE = f (EV), VCE = 5 V
1000
OHF00852
Collector-Emitter Capacitance CCE = f (VCE)
4.0
A I PCE
100
pF
3.5
Srel
80 70 60 50 40 30 20 10 0 400 500 600 700 800 900 nm 1100
CCE
3.0 2.5 2.0
V
10
1.5 1.0 0.5 0.0 1E-03
1 1
10
100
lx 1000
1E-02
1E-01
1E+00
1E+01
EV
VCE
V
1E+02
Collector-Emitter Current ICE = f (VCE; EV)
80
OHF00854
Photocurrent IPCE/IPCE(25 C) = f (TA) Ev = 1000 lx, VCE = 1 V ... 5 V
1.8
OHF01024
A I CE
70 60 50
200 lx
I PCE I PCE (25 C)
1.4 1.2 1.0
40 30
100 lx
0.8 0.6
20 10 0 20 lx 0 1 2 3 4 V5
0.4 0.2 0 -50 -30 -10 10 30 50 C 90
VCE
TA
2007-05-29
4
SFH 3310
Mazeichnung Package Outlines
Emitter
2.54 (0.100) spacing
Area not flat 3.1 (0.122) 2.5 (0.098) 2.0 (0.079) 1.7 (0.067)
o3.1 (0.122) o2.9 (0.114)
0.7 (0.028) 0.4 (0.016) 0.8 (0.031) 0.4 (0.016)
0.6 (0.024) 0.4 (0.016) 4.0 (0.157) 3.6 (0.142)
1.8 (0.071) 1.2 (0.047) 29 (1.142) 27 (1.063)
3.5 (0.138) 4.5 (0.177) 4.1 (0.161) Chip position
GEOY6446
Mae in mm (inch) / Dimensions in mm (inch).
Lotbedingungen Soldering Conditions Wellenloten (TTW) TTW Soldering
300 C T 250 235 C ... 260 C 2. Welle 2. wave 200 1. Welle 1. wave 150 100 C ... 130 C 100 2 K/s 50 Zwangskuhlung forced cooling ca 200 K/s 5 K/s
(nach CECC 00802) (acc. to CECC 00802)
OHLY0598
10 s
Normalkurve standard curve Grenzkurven limit curves
2 K/s
0 0 50 100 150 t 200 s 25
2007-05-29
5
SFH 3310
Published by OSRAM Opto Semiconductors GmbH Wernerwerkstrasse 2, D-93049 Regensburg www.osram-os.com (c) All Rights Reserved. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous substances. For information on the types in question please contact our Sales Organization. Packing Please use the recycling operators known to you. We can also help you - get in touch with your nearest sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. Components used in life-support devices or systems must be expressly authorized for such purpose! Critical components 1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS. 1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system. 2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered. 2007-05-29 6


▲Up To Search▲   

 
Price & Availability of SFH3310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X