Part Number Hot Search : 
10E103G PEF22810 E103K 00035 805062W RSFAL1 10180N 8162Z
Product Description
Full Text Search
 

To Download SF1608G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF1601G - SF1608G
16.0 AMPS. Glass Passivated Super Fast Rectifiers TO-220AB
Features
High efficiency, low VF High current capability High reliability High surge current capability Low power loss. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
Mechanical Data
Cases: TO-220AB Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SF SF SF Symbol SF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current o @TA=25 C at Rated DC Blocking Voltage @ TA=100 oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2)
SF SF SF SF 1601G 1602G 1603G 1604G 1605G 1606G 1607G 1608G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
150 105 150
200 140 200
300 210 300
400 280 400
500 350 500
600 420 600
16.0 125 0.975 10 400 35 80 60
o
1.3
1.7
V uA uA nS pF C/W o C o C
Trr Cj
Typical Thermal Resistance (Note 3) 1.5 RJC Operating Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink Size of 3" x 5" x 0.25" Al-Plate.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (SF1601G THRU SF1608G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
20
INSTANTANEOUS REVERSE CURRENT. ( A)
16 12 8 4 0 0 50 CASE TEMPERATURE. ( C)
o
100
TJ=100 0C
TJ=75 0C
10
100
150
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
150 120 90 60 30
1
TJ=25 0C
8.3ms Single Half Sine Wave JEDEC Method
TJ=125 0C
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT. (A)
~S
1
2
5
10
20
50
100
F1
60
0 NUMBER OF CYCLES AT 60Hz
4G
30
16
01
10
CAPACITANCE.(pF)
Tj=25 0C
80
0.3 0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
70 60 50 40 1
0.03 0.01 0.4 0.6 0.8 1.0
2
5
10
20
50
100
200
500
1000
SF
90
16
1
07
1.2
G
1.4
~S
100
F1
60
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
3
16 SF
05
S G~
6 F1
06
SF
G
G
8G
SF 16 01 G~ SF
SF 16 05 G~ SF 16 08 G
REVERSE VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
16 04 G
(+) 50Vdc (approx) (-) NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
1.6
1.8
FORWARD VOLTAGE. (V)
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of SF1608G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X