Part Number Hot Search : 
F20J1R0E SM59364 MSM541 022GB U9543KV LTC2470 04598 1N5711WS
Product Description
Full Text Search
 

To Download S3PDB130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S3PDB130
Three Phase Rectifier Modules
_ + Type S3PDB130N08 S3PDB130N12 S3PDB130N14 S3PDB130N16 S3PDB130N18 VRSM V 900 1300 1500 1700 1900 VRRM V 800 1200 1400 1600 1800
26
Dimensions in mm (1mm=0.0394")
M6x10
~
~
~
7
94 80 72 26
+
-
15
54 27 6.5
A+
B-
~~~
12
25 66
Symbol Idav Idav
Test Conditions TC=100oC, module TA=35oC (RthCA=0.2K/W), module TVJ=45oC VR=0 TVJ=TVJM VR=0 TVJ=45oC VR=0 TVJ=TVJM VR=0 t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 130 118 1200 1300 1000 1100 7200 7200 5000 5000 -40...+150 150 -40...+125
Unit A
IFSM
A
It
2
A2s
TVJ TVJM Tstg VISOL Md Weight 50/60Hz, RMS _ IISOL<1mA t=1min t=1s
o
C
2500 3000 _ 5 + 15% _ 5 + 15% 270
V~ Nm g
Mounting torque (M6) Terminal connection torque (M6) typ.
6.5
C~
D~
E~
3
30
S3PDB130
Three Phase Rectifier Modules
Symbol IR VF VTO rT RthJC RthJK dS dA a VR=VRRM; TVJ=25 C VR=VRRM; TVJ=TVJM IF=300A; TVJ=25oC
o
Test Conditions
Characteristic Values _ < 0.3 _ <5 _ < 1.9 0.8 4 0.9 0.15 1.08 0.18 10 9.4 50
Unit mA V V m K/W K/W mm mm m/s2
For power-loss calculations only TVJ=TVJM per diode per module per diode per module Creeping distance on surface Creepage distance in air Max. allowable acceleration
FEATURES
* Package with screw terminals * Isolation voltage 3000 V~ * Planar passivated chips * Blocking voltage up to 1800 V * Low forward voltage drop
APPLICATIONS
* Supplies for DC power equipment * Input rectifiers for PWM inverter * Battery DC power supplies * Field supply for DC motors
ADVANTAGES
* Easy to mount with two screws * Space and weight savings * Improved temperature and power cycling


▲Up To Search▲   

 
Price & Availability of S3PDB130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X