Part Number Hot Search : 
GL1500 ST723244 HER803 A8504 L6390 ACT9211 2SB566AK 1N4756G
Product Description
Full Text Search
 

To Download RS802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
RS801 --- RS807
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 8.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 50 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208
KBU
.935(23.7) .895(22.6) .185(4.7) .165(4.2) .160(4.1) .140(3.6) 45
0
.280(7.1) .260(6.6)
.085(2.2) .065(1.7) .760(19.3)Max .700(17.8) .660(16.8)
+ + _
.075(1.9)R.TYP. (2 PLACES)
~
~
+
.455(11.3) .405(10.3)
1.0(25.4)Min
.260(6.6) .180(4.5)
.205(5.2) .185(4.7)
.052(1.3) .048(1.2)
.220(5.6) .180(4.6)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RS801 RS802 RS803 RS804 RS805 RS806 RS807 UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 8.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 4.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
200.0
A
VF IR TJ TSTG
1.0 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287021
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
RS801 -- RS807
FIG.2 -- MAXIMUM FORWARD SURGE CURRENT
12 10 8 6 4 2 0 0 25 50 75 100 125 150 175
250
200
150
100
Single Phase Half Wave 60Hz Resistive Or Inductive Load
50
0 1 5 10 50 100
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
50
50
10
10 4.0
3.0 1.0
TJ=100
1.0 TJ=25 Pulse Width =300uS
0.1
0.1 TJ=25
.01
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287021
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RS802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X