Part Number Hot Search : 
14020 AKD4397 PCM1740 IRHE7110 2SK81 SLLS690C SPI220LE AD7821
Product Description
Full Text Search
 

To Download PM50RVA12005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI MITSUBISHI
PM50RVA120 PM50RVA120
FLAT-BASE TYPE FLAT-BASE TYPE INSULATED PACKAGE INSULATED PACKAGE
PM50RVA120
FEATURE
3 50A, 1200V Current-sense IGBT for 20kHz switching 15A, 1200V Current-sense regenerative brake IGBT Monolithic gate drive & protection logic Detection, protection & status indication circuits for overcurrent, short-circuit, over-temperature & under-voltage * Acoustic noise-less 7.5kW class inverter application * UL Recognized Yellow Card No. E80276(N) File No. E80271 * * * *
APPLICATION General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
7.5
7.5 17
N
20
P V
110 20
12.5
B
4-R6
14.1 0.25 14.1 0.25 14.1 0.25 16.5
10
1234
89 76 0.5 74 0.25
5678
9 10 11 12
6-M5NUTS
1314 1516 171819
U
W
4-5.5 MOUNTING HOLES
7.5 17
20
20 95 0.25 73.7 A 14.6
2.54 0.25
43.57 0.3
TERMINAL CODE 1. WFO 8. VVP1 15. VNC 2. VWPC 9. UFO 16. VN1 3. WP 10. VUPC 17. UN 4. VWP1 11. UP 18. VN 5. VFO 12. VUP1 19. WN 6. VVPC 13. Br 14. FO 7. VP
1 0.3
0.3
3.49 0.25 4-3 C0.7
2.54 0.25 2.54 0.25 2.54 0.25
3.49 0.25 0.64
22 -0.5 21.2 19.7 4
LABEL
22 31.6 32.6
+1.0
A : DETAIL
Jun. 2005
MITSUBISHI
PM50RVA120
FLAT-BASE TYPE INSULATED PACKAGE
INTERNAL FUNCTIONS BLOCK DIAGRAM
FO Br Rfo Rfo GND In FO VCC GND In FO VCC TEMP GND Si Out GND Si Out GND Si Out GND Si Out GND Si OUT GND Si OUT GND Si OUT GND In FO VCC GND In FO VCC GND FO In VCC Rfo GND FO In VCC Rfo GND FO In VCC VNC WN VN1 VN UN WP VWP1 VP VVP1 UP VUP1 VWPC WFO VVPC VFO VUPC UFO
Rfo = 1.5k
B
N
W
V
U
P
MAXIMUM RATINGS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCES IC ICP PC Tj Parameter Collector-Emitter Voltage Collector Current Collector Current (Peak) Collector Dissipation Junction Temperature Condition VD = 15V, VCIN = 15V TC = 25C TC = 25C TC = 25C Ratings 1200 50 100 338 -20 ~ +150 Unit V A A W C
BRAKE PART
Symbol VCES IC ICP PC VR(DC) IF Tj Parameter Collector-Emitter Voltage Collector Current Collector Current (Peak) Collector Dissipation FWDi Rated DC Reverse Voltage FWDi Forward Current Junction Temperature Condition VD = 15V, VCIN = 15V TC = 25C TC = 25C TC = 25C TC = 25C TC = 25C Ratings 1200 15 30 134 1200 15 -20 ~ +150 Unit V A A W V A C
CONTROL PART
Symbol VD VCIN VFO IFO Parameter Supply Voltage Input Voltage Fault Output Supply Voltage Fault Output Current Condition Applied between : VUP1-VUPC VVP1-VVPC, VWP1-VWPC, VN1-VNC Applied between : UP-VUPC, VP-VVPC WP-VWPC, UN * VN * WN * Br-VNC Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC FO-VNC Sink current at UFO, VFO, WFO and FO terminal Ratings 20 20 20 20 Unit V V V mA
Jun. 2005
MITSUBISHI
PM50RVA120
FLAT-BASE TYPE INSULATED PACKAGE
TOTAL SYSTEM
Parameter Supply Voltage Protected by VCC(PROT) SC VCC(surge) Supply Voltage (Surge) Module Case Operating TC Temperature Storage Temperature Tstg Isolation Voltage Viso Symbol Condition VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125C Start Applied between : P-N, Surge value or without switching (Note-1) 60Hz, Sinusoidal, Charged part to Base, AC 1 min. Ratings 800 1000 -20 ~ +100 -40 ~ +125 2500 Unit V V C C Vrms
(Note-1) TC measurement point is below. (3mm depth at the center of the side of base plate)
Tc
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCE(sat) VEC ton trr tc(on) toff tc(off) ICES Parameter Collector-Emitter Saturation Voltage FWDi Forward Voltage Test Condition VD = 15V, IC =50A VCIN = 0V -IC = 50A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V15V VCC = 600V, IC = 50A Tj = 125C Inductive Load (upper and lower arm) VCE = VCES, VCIN = 15V Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min. -- -- -- 0.4 -- -- -- -- -- -- Limits Typ. 2.65 2.75 2.5 0.9 0.2 0.4 2.4 0.7 -- -- Max. 3.30 3.35 3.5 2.3 0.3 1.0 3.4 1.2 1 10 Unit V V
Switching Time
s
Collector-Emitter Cutoff Current
mA
BRAKE PART
Symbol VCE(sat) VFM ICES Parameter Collector-Emitter Saturation Voltage FWDi Forward Voltage Collector-Emitter Cutoff Current VD = 15V, IC = 15A VCIN = 0V IF = 15A VCE = VCES, VCIN = 15V Test Condition Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min. -- -- -- -- -- Limits Typ. 2.50 2.20 2.50 -- -- Max. 3.30 3.20 3.50 1 10 Unit V V mA
Jun. 2005
MITSUBISHI
PM50RVA120
FLAT-BASE TYPE INSULATED PACKAGE
CONTROL PART
Symbol ID Vth(ON) Vth(OFF) OC SC toff(OC) toff(SC) OT OTr UV UVr IFO(H) IFO(L) tFO Parameter Circuit Current Input ON Threshold Voltage Input OFF Threshold Voltage Over Current Trip Level Short Circuit Trip Level Over Current Delay Time Short Circuit Current Delay Time Over Temperature Protection Supply Circuit Under-Voltage Protection Fault Output Current Minimum Fault Output Pulse Width Test Condition VD = 15V, VCIN = 15V VN1-VNC V*P1-V*PC Min. -- -- 1.2 1.7 22 59 -- -- -- Trip level Reset level Trip level Reset level (Note-2) (Note-2) 111 -- 11.5 -- -- -- 1.0 Limits Typ. 44 13 1.5 2.0 -- -- 52 10 10 118 100 12.0 12.5 -- 10 1.8 Max. 60 18 1.8 2.3 -- -- -- -- -- 125 -- 12.5 -- 0.01 15 -- Unit mA V A A s s C V mA ms
Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN * Br-VNC -20 Tj 125C, VD = 15V, Break part -20 Tj 125C, VD = 15V VD = 15V, Break part VD = 15V Base-plate Temperature detection, VD = 15V -20 Tj 125C VD = 15V, VFO = 15V VD = 15V Inverter part Brake part
(Note-2) Fault output is given only when the internal SC, OT & UV protection. Fault output of OT protection operate by lower arm. Fault output of OT, UV protection given pulse while over level.
THERMAL RESISTANCES
Symbol Rth(j-c)Q Rth(j-c)F Rth(j-c)Q Rth(j-c)F Rth(c-f) Parameter Test Condition Inverter IGBT part (per 1/6 module) Inverter FWDi part (per 1/6 module) Brake IGBT part Brake FWDi part Case to fin, Thermal grease applied (per 1 module) Min. -- -- -- -- -- Limits Typ. -- -- -- -- -- Max. 0.37 0.70 0.93 1.50 0.027 Unit
Junction to case Thermal Resistances Contact Thermal Resistance
C/W
MECHANICAL RATINGS AND CHARACTERISTICS
Symbol -- -- -- Parameter Mounting torque Mounting torque Weight Mounting part Main terminal -- Test Condition screw : M5 screw : M5 Min. 2.5 2.5 -- Limits Typ. 3.0 3.0 560 Max. 3.5 3.5 -- Unit N*m N*m g
RECOMMENDED CONDITIONS FOR USE
Symbol VCC VD VCIN(ON) VCIN(OFF) tdead fPWM Parameter Supply Voltage Control Supply Voltage Input ON Voltage Input OFF Voltage Arm Shoot-through Blocking Time PWM Input Frequency Test Condition Applied across P-N terminals Applied between : VUP1-VUPC, VVP1-VVPC VWP1-VWPC, VN1-VNC (Note-3) Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN * Br-VNC For IPM's each input signals Using Application Circuit input signal of IPM, Sinusoidal PWM VVVF inverter Recommended value 800 15 1.5 0.8 4.0 3.0 20 Unit V V V s kHz
(Note-3) With ripple satisfying the following conditions dv/dt swing 5V/s, Variation 2V peak to peak
Jun. 2005
MITSUBISHI
PM50RVA120
FLAT-BASE TYPE INSULATED PACKAGE
PERFORMANCE CURVES (Inverter Part)
OUTPUT CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL) 5 VD = 15V VCIN = 0V Tj = 25C 4 Tj = 125C 3
70
COLLECTOR CURRENT IC (A)
60 50 40 30 20 10 0 0
Tj = 25C VCIN = 0V 15V VD = 17V 13V
2
1
1
2
3
4
5
0
0
10
20
30
40
50
60
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC(A)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
SWITCHING CHARACTERISTICS (TYPICAL) 101
7 5
5
SWITCHING TIME (s)
IC = 50A VCIN = 0V Tj = 25C 4 Tj = 125C 3
3 2
Tj = 125C VCC = 600V VD = 15V Inductive load toff ton tc(off) tc(on)
100
7 5 3 2
2
1
0
0
12
14
16
18
20
10-1
5 7 101
2
3
5 7 102
2
3
5
CONTROL SUPPLY VOLTAGE VD(V)
COLLECTOR CURRENT IC (A)
COLLECTOR RECOVERY CURRENT -IC (A)
DIODE FORWARD CHARACTERISTICS (TYPICAL) 102
7 5 3 2
7 5 3 2
7 5
lrr
3 2
101
7 5 3 2
101
7 5 3 2
trr
10-1 VCC = 600V VD = 15V 3 Inductive load 2 Tj = 25C Tj = 125C 10-2
7 5
100
100
5 7 101 2 3
0
1
2
3
4
5
5 7 102
2
3
5
EMITTER-COLLECTOR VOLTAGE VEC (V)
COLLECTOR RECOVERY CURRENT -IC (A)
Jun. 2005
REVERS RECOVERY TIME trr (s)
VD = 15V VCIN = 15V Tj = 25C Tj = 125C
REVERSE RECOVERY CURRENT lrr (A)
DIODE REVERSE RECOVERY CHARACTERISTICS (TYPICAL) 102 100
MITSUBISHI
PM50RVA120
FLAT-BASE TYPE INSULATED PACKAGE
PERFORMANCE CURVES (Inverter Part)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT per 1 element) 101
NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c) NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c)
7 Single Pulse 5 3 Per unit base = Rth(j - c)Q = 0.37C/W 2 7 5 3 2 7 5 3 2 7 5 3 2
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi per 1 element) 101
7 Single Pulse 5 3 Per unit base = Rth(j - c)F = 1.0C/W 2 7 5 3 2 7 5 3 2 7 5 3 2
100
100
10-1
10-1
10-2
10-2
10-3 -3 10 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101 TIME (s)
10-3 -3 10 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101 TIME (s)
Jun. 2005
MITSUBISHI
PM50RVA120
FLAT-BASE TYPE INSULATED PACKAGE
PERFORMANCE CURVES (Brake Part)
OUTPUT CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL) 5 VD = 15V VCIN = 0V Tj = 25C Tj = 125C
25
COLLECTOR CURRENT IC (A)
Tj = 25C VCIN = 0V 20 15V VD = 17V 13V 10
4
15
3
2
5
1
0
0
1
2
3
4
5
0
0
5
10
15
20
25
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC(A)
COLLECTOR RECOVERY CURRENT -IF (A)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V)
DIODE FORWARD CHARACTERISTICS (TYPICAL) 102
7 VCIN = 15V 5 3 2
5
VCIN = 0V IC = 15A Tj = 25C 4 Tj = 125C 3
VD = 15V
Tj = 25C Tj = 125C
101
7 5 3 2
2
1
0
0
12
14
16
18
20
100 0.4
0.8
1.2
1.6
2.0
2.4
CONTROL SUPPLY VOLTAGE VD(V)
EMITTER-COLLECTOR VOLTAGE VFM (V)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT part) 101
NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c) NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c)
7 Single Pulse 5 3 Per unit base = Rth(j - c)Q = 0.93C/W 2 7 5 3 2 7 5 3 2 7 5 3 2
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi part) 101
7 Single Pulse 5 3 Per unit base = Rth(j - c)F = 2.70C/W 2 7 5 3 2 7 5 3 2 7 5 3 2
100
100
10-1
10-1
10-2
10-2
10-3 -3 10 2 3 5 710-2 2 3 5 710-1 2 3 5 7 100 2 3 5 7 101 TIME (s)
10-3 -3 10 2 3 5 710-2 2 3 5 710-1 2 3 5 7 100 2 3 5 7 101 TIME (s)
Jun. 2005


▲Up To Search▲   

 
Price & Availability of PM50RVA12005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X