Part Number Hot Search : 
A3860I C331M T04XO LT1457S8 40BR1KLF HE83120 ER502 MP3TG
Product Description
Full Text Search
 

To Download PJSMS12C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSMS05C SERIES
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
This 5 TVS/Zener Array family have been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 5V, 12V, 15V and 24V. This TVS array offers an integrated solution to protect up to 5 data lines where the board space is a premium.
SPECIFICATION FEATURES
350W Power Dissipation (8/20s Waveform) Low Leakage Current, Maximum of 5A at rated voltage Very Low Clamping Voltage IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance Industry Standard Surface Mount Package SOT23-6L 100% Tin Matte Finish (RoHS Compliant)
1
6
5
4
APPLICATIONS
Personal Digital Assistant (PDA) SIM Card Port Protection (Mobile Phone) Portable Instrumentation Mobile Phones and Accessories Memory Card Port Protection
1
2 3 SOT23-6L
MAXIMUM RATINGS (Per Device)
Rating Peak Pulse Power (8/20s Waveform) ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P pp V ESD TJ Tstg
Device Marking Code PJSMS05C MD5 PJSMS12C MA2 PJSMS15C MA5 PJSMS24C MB4
Value 350 >25 -50 to +125 -50 to +150 Units W kV C C
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJSMS05C
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj Cj I BR = 1mA VR = 5V I pp = 5A I pp = 24A
0 Vdc Bias f = 1MHz Between I/O pins and pin 2 5 Vdc Bias f = 1MHz Between I/O pins and pin 2
Conditions
Min
Typical
Max 5
Units V V
6 5 9.5 13 200 110
A V V pF pF
4/11/2006
Page
1
www.panjit.com
PJSMS05C SERIES
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJSMS12C
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj I BR = 1mA VR = 12V I pp = 5A I pp = 15A
0 Vdc Bias f = 1MHz Between I/O pins and pin 2
Conditions
Min
Typical
Max 12
Units V V
13.3 5 17 21 90
A V V pF
PJSMS15C
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj I BR = 1mA VR = 15V I pp = 5A I pp = 12A
0 Vdc Bias f = 1MHz Between I/O pins and pin 2
Conditions
Min
Typical
Max 15
Units V V
16.7 5 24 29 70
A V V pF
PJSMS24C
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj I BR = 1mA VR = 24V I pp = 5A I pp = 8A
0 Vdc Bias f = 1MHz Between I/O pins and pin 2
Conditions
Min
Typical
Max 24
Units V V
26.7 5 40 44 50
A V V pF
4/11/2006
Page 2
www.panjit.com
PJSMS05C SERIES
TYPICAL CHARACTERISTICS
TJ = 25C unless otherwise noted
Surge Pulse Waveform Definition
N on-R epetitive Peak Pulse Power vs Pulse Time
Pulse Waveform
Peak Pulse Power - Ppp (W)
110 100 90 80 70 60 50 40 30 20 10 0 0
1000 100 10 1 0.1 0.01 1 10 100 1000 Pulse D uration, sec
Percent of Ipp
50% of Ipp @ 20s
Rise time 10-90% - 8s
5
10
15 tim e, sec
20
25
30
Clamping Voltage vs. Peak current 45 40 35 30 25 20 15 10 5 0 0 5
Off-State Capacitance per Device - 1MHz 200 180 160 140 120 100 80 60 40 20 0 0
Clamping voltage, V
PJSMS24C PJS 24 MS
PJSMS05C PJSMS05
PJS 15 MS PJSMS15C PJS 12 MS PJSMS12C PJS 05 MS PJSMS05C
Capacitance, pF
PJSMS12C PJSMS1 2
PJSMS15C PJSMS1 5
PJSMS24C PJSMS24
10
15
20
25
30
1
2
3
4
5
Ipp, A (8/20sec)
Bias, Vdc
4/11/2006
Page 3
www.panjit.com
PJSMS05C SERIES
PACKAGE AND PAD LAYOUT DIMENSIONS
(c) Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
4/11/2006
Page 4
www.panjit.com


▲Up To Search▲   

 
Price & Availability of PJSMS12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X