Part Number Hot Search : 
UM3304 IEC384 50009 NTE1457 A170D 17P06 UF2GF BT182
Product Description
Full Text Search
 

To Download PHE450MF7100JR06L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHE450
* Double metallized film pulse capacitor, polypropylene dielectric * According to IEC 60384-17 Grade 1.1 * Small sizes * Replacing PHE427, PHE428
L B
TYPICAL APPLICATIONS
High frequency applications with high current stress, such as deflection circuits in TV-sets, protection circuits in SMPS and in electronic ballasts.
CONSTRUCTION
Polypropylene dielectric with double metallized polyester film as electrodes. Encapsulation in self-extinguishing material meeting the requirements of UL 94V-0.
H 0.5 p d b
l
TECHNICAL DATA
Rated voltage UR, VDC 250 Rated voltage UR, VAC 180 Capacitance range 330pF- 6.8F Capacitance values 400 250 330pF- 4.7F 630 300/400 330pF- 2.7F 1000 375/600 330pF- 1.2F 1600 650 2.7nF- 0.82F 2000 700 1.0nF- 0.39F 2500 900 1nF- 39nF
p 7.5 10.0 15.0 22.5 27.5 37.5 0.4 0.4 0.4 0.4 0.4 0.5
d 0.6 0.6 0.8 0.8 0.8 1.0
std I max I 5-1 5-1 6-1 6-1 6-1 6-1 30 30 30 30 30 30
b 0.4 0.4 0.4 0.4 0.4 0.7
In accordance with IEC E12 series.
Capacitance tolerance 5% standard. Other tolerances on request Category temperature range Rated temperature Voltage derating Climatic category Test voltage between terminals Insulation resistance
-55 C to +105 C +85 C The rated voltage is decreased with 1.3% / C between +85 C and +105 C 55/105/56 Three different winding constructions are used, depending on voltage and lead spacing. They are specified in the article table.
The 100 % factory test is carried out at 1.6 x UR VDC Measured at 23 C, 100 VDC 60s for UR < 500 VDC and at 500 VDC for UR 500 VDC Between terminals: C 0.33 F: 100 000 M C > 0.33 F: 30 000 s Between terminals and case: 100 000 M C > 1.0 F 0.03 % - -
1 section construction
2 section construction
3 section construction
Dissipation factor tan Maximum values at 23C C 0.1 F 0.1 F < C 1.0 F 1 kHz 0.03 % 0.03 % 10 kHz 0.04 % 0.06 % 100 kHz 0.15 % - Inductance
Approximately 6 nH/cm for the total length of capacitor winding and the leads. The capacitors can withstand an unlimited number of pulses with a dU/dt according to the article table. For peak to peak voltages lower than the rated voltage (UPP < UR), the specified dU/dt can be multiplied by UR/UPP.
Pulse rise time
ENVIRONMENTAL TEST DATA
According to IEC 60384-17, Grade 1.1 and Quality tests and requirements for Pulse Capacitors in the Evox Rifa Film Capacitors catalogue.
234
PHE450
DERATING OF U RMS VS FREQUENCY, +85C AMBIENT TEMPERATURE AND 10C INTERNAL HEATING, TYPICAL VALUES
Urms (V)
100
250 VDC/180 VAC
100
Urms (V)
400 VDC/250 VAC
Urms (V)
630 VDC/400 VAC
100
10 0.082 F 0.47 F 1 2.2 F 6.8 F 0.1 0.1
10
0.01 F 0.047 F 0.22 F 1.0 F 10
0.027 F 0.22 F 1.0 F 1 2.7 F
1 4.7 F
1
10
100
1000
0.1 0.1
1
10
100
1000
0.1 0.1
1
10
100
1000
frequency (kHz)
frequency (kHz)
frequency (kHz)
Urms (V)
1000 VDC/600 VAC
Urms (V)
1600 VDC/650 VAC
Urms (V)
2000 VDC/700 VAC
100
100 0.0068 F 0.015 F
100 0.001 F 0.0047 F 0.047 F
10
0.010 F 0.47 F 1.2 F 1 10 100 1000
10
0.10 F 0.47 F 0.82 F
10
0.22 F 0.47 F
1 0.1
1 0.1
1
10
100
1000
1 0.1
1
10
100
1000
frequency (kHz)
frequency (kHz)
frequency (kHz)
Urms (V)
2500 VDC/900 VAC
0.0010 F 100 0.0039 F 0.010 F 0.027 F
10 1 10 100 1000
MARKING
* RIFA * Article code * Rated capacitance according to IEC 60062 * Rated voltage * Capacitance tolerance code * Manufacturing code (year, month)
frequency (kHz)
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
PACKING
The box dimensions for bulk packaging are 245 x 145 x 80 mm. Quantity/package as in article table, based on standard lead length. Reels with taped capacitors are packed 10 in a box with the dimensions 370 x 370 x 560 mm. Quantity per reel as in article table. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
235
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
250 VDC /180 VAC
(1 section winding construction)
LEAD SPACING 7.5 MM
0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 5.0 6.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 11.0 12.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1300 1300 1300 1300 1000 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1500 1500 1500 1500 1500 1200 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 0.8 1.0 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1400 1400 1400 1400 1200 1200 800 800 800 800 800 800 800 800 800 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE450HK3330JR05 PHE450HK3390JR05 PHE450HK3470JR05 PHE450HK3560JR05 PHE450HK3680JR05 PHE450HK3820JR05 PHE450HK4100JR05 PHE450HK4120JR05 PHE450HK4150JR05 PHE450HK4180JR05 PHE450HK4220JR05 PHE450HK4270JR05 PHE450HK4330JR05 PHE450HK4390JR05 PHE450HK4470JR05 PHE450HK4560JR05 PHE450HK4680JR05 PHE450HK4820JR05 PHE450HK5100JR05 PHE450HK5120JR05 PHE450HK5150JR05 PHE450HK5180JR05 PHE450HK5220JR05 PHE450HK5270JR05 PHE450HK5330JR05 PHE450HK5390JR05 PHE450HK5470JR05 PHE450HK5560JR05 PHE450HK5680JR05
LEAD SPACING 10 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.100 0.120 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.5 4.5 5.0 6.0 6.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 10.5 11.0 12.0 12.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 600 600 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 800 800 700 500 500 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.9 0.9 1.0 1.3 1.3 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1200 1200 1200 1200 1100 1100 1100 700 700 700 700 700 700 700 700 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 122 122 116 105 105 PHE450HA4100JR05 PHE450HA4120JR05 PHE450HA4150JR05 PHE450HA4180JR05 PHE450HA4220JR05 PHE450HA4270JR05 PHE450HA4330JR05 PHE450HA4390JR05 PHE450HA4470JR05 PHE450HA4560JR05 PHE450HA4680JR05 PHE450HA4820JR05 PHE450HA5100JR05 PHE450HA5120JR05 PHE450HA5150JR05 PHE450HA5180JR05 PHE450HA5220JR05 PHE450HA5270JR05 PHE450HA5330JR05 PHE450HA5390JR05 PHE450HA5470JR05 PHE450HA5560JR05 PHE450HA5680JR05 PHE450HA5820JR05 PHE450HA6100JR05 PHE450HA6120JR05
236
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
250 VDC /180 VAC
(1 section)
LEAD SPACING 15 MM
0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 8.5 9.5 10.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 15.0 16.0 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 1000 800 800 600 600 500 600 600 600 600 600 600 600 500 400 400 400 400 350 1.5 1.5 1.5 1.5 1.5 1.5 1.7 2.0 2.7 2.7 3.0 3.4 4.2 1000 1000 1000 600 600 600 600 600 600 600 600 600 600 100 100 100 101 100 99 85 83 74 73 67 65 60 PHE450HB5470JR06 PHE450HB5560JR06 PHE450HB5680JR06 PHE450HB5820JR06 PHE450HB6100JR06 PHE450HB6120JR06 PHE450HB6150JR06 PHE450HB6180JR06 PHE450HB6220JR06 PHE450HB6270JR06 PHE450HB6330JR06 PHE450HB6390JR06 PHE450HB6470JR06
LEAD SPACING 22.5 MM
0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 6.5 6.5 6.5 6.5 7.0 7.0 9.0 9.0 10.5 11.0 13.5 13.5 14.5 14.5 14.5 14.5 16.5 16.5 18.5 18.5 19.0 21.5 23.0 23.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 234 216 216 168 168 264 253 209 209 3.2 3.2 3.2 3.2 3.9 3.9 5.6 5.6 6.7 8.0 10.0 10.0 600 400 400 400 400 400 400 400 400 400 400 400 58 60 59 58 54 53 49 47 43 40 38 36 PHE450HD6180JR06L2 PHE450HD6220JR06L2 PHE450HD6270JR06L2 PHE450HD6330JR06L2 PHE450HD6390JR06L2 PHE450HD6470JR06L2 PHE450HD6560JR06L2 PHE450HD6680JR06L2 PHE450HD6820JR06L2 PHE450HD7100JR06L2 PHE450HD7120JR06L2 PHE450HD7150JR06L2
LEAD SPACING 27.5 MM
0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 10.5 10.5 10.5 11.5 13.5 14.5 17.5 19.0 21.0 20.5 20.5 20.5 22.5 23.0 24.5 28.0 29.0 30.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 198 171 153 126 117 108 8.0 8.0 8.0 10.6 12.7 14.5 19.7 22.1 25.3 300 300 300 300 300 300 300 300 300 38 38 37 34 32 31 27 25 23 PHE450HF6820JR06L2 PHE450HF7100JR06L2 PHE450HF7120JR06L2 PHE450HF7150JR06L2 PHE450HF7180JR06L2 PHE450HF7220JR06L2 PHE450HF7270JR06L2 PHE450HF7330JR06L2 PHE450HF7390JR06L2
LEAD SPACING 37.5 MM
1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 13.0 13.0 13.0 15.0 16.5 16.5 19.0 21.0 24.0 24.0 24.0 26.0 32.0 32.0 36.0 38.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 140 140 119 105 105 91 84 16.6 16.6 16.6 20.8 28.1 28.1 36.5 42.5 200 200 200 200 200 200 200 200 28 28 27 25 22 22 18 17 PHE450HR7180JR06L2 PHE450HR7220JR06L2 PHE450HR7270JR06L2 PHE450HR7330JR06L2 PHE450HR7390JR06L2 PHE450HR7470JR06L2 PHE450HR7560JR06L2 PHE450HR7680JR06L2
400 VDC / 250 VAC
(1 section)
LEAD SPACING 7.5 MM
0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 4.0 4.0 4.0 4.0 4.0 4.0 4.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1900 1900 1900 1900 1900 1900 1900 0.5 0.5 0.5 0.5 0.5 0.5 0.5 2000 2000 2000 2000 2000 2000 2000 160 160 160 160 160 160 160 PHE450KK3330JR05 PHE450KK3390JR05 PHE450KK3470JR05 PHE450KK3560JR05 PHE450KK3680JR05 PHE450KK3820JR05 PHE450KK4100JR05
237
PHE450
ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
400 VDC / 250 VAC
(1 section)
LEAD SPACING 7.5 MM
0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 11.0 12.0 12.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 10.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1300 1300 1300 1300 1000 1000 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1500 1500 1500 1500 1500 1200 1200 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 0.8 1.0 1.0 2000 2000 2000 2000 2000 2000 2000 1400 1400 1400 1400 1200 1200 1200 1200 1200 1200 1200 1200 1200 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE450KK4120JR05 PHE450KK4150JR05 PHE450KK4180JR05 PHE450KK4220JR05 PHE450KK4270JR05 PHE450KK4330JR05 PHE450KK4390JR05 PHE450KK4470JR05 PHE450KK4560JR05 PHE450KK4680JR05 PHE450KK4820JR05 PHE450KK5100JR05 PHE450KK5120JR05 PHE450KK5150JR05 PHE450KK5180JR05 PHE450KK5220JR05 PHE450KK5270JR05 PHE450KK5330JR05 PHE450KK5390JR05 PHE450KK5470JR05
LEAD SPACING 10 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.5 5.0 6.0 6.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 11.0 12.0 12.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 600 600 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 800 700 500 500 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.9 1.0 1.3 1.3 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1200 1200 1200 1200 1100 1100 1100 1100 1100 1100 1100 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 122 116 105 105 PHE450KA4100JR05 PHE450KA4120JR05 PHE450KA4150JR05 PHE450KA4180JR05 PHE450KA4220JR05 PHE450KA4270JR05 PHE450KA4330JR05 PHE450KA4390JR05 PHE450KA4470JR05 PHE450KA4560JR05 PHE450KA4680JR05 PHE450KA4820JR05 PHE450KA5100JR05 PHE450KA5120JR05 PHE450KA5150JR05 PHE450KA5180JR05 PHE450KA5220JR05 PHE450KA5270JR05 PHE450KA5330JR05 PHE450KA5390JR05 PHE450KA5470JR05 PHE450KA5560JR05
LEAD SPACING 15 MM
0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 5.5 5.5 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 9.5 9.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 15.0 17.5 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 800 800 600 500 500 600 600 600 600 600 600 500 400 400 400 350 350 1.5 1.5 1.5 1.5 1.5 1.7 2.0 2.7 2.7 3.0 4.2 4.2 2500 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 100 100 100 100 100 99 85 75 75 71 60 59 PHE450KB5330JR06 PHE450KB5390JR06 PHE450KB5470JR06 PHE450KB5560JR06 PHE450KB5680JR06 PHE450KB5820JR06 PHE450KB6100JR06 PHE450KB6120JR06 PHE450KB6150JR06 PHE450KB6180JR06 PHE450KB6220JR06 PHE450KB6270JR06
238
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
400 VDC / 250 VAC
(1 section)
LEAD SPACING 22.5 MM
0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 6.5 6.5 6.5 7.0 7.0 9.0 9.0 10.5 11.0 13.5 13.5 15.5 14.5 14.5 14.5 16.5 16.5 18.5 18.5 19.0 21.5 23.0 23.0 24.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 216 216 168 168 264 253 209 209 176 3.2 3.2 3.2 3.9 3.9 5.6 5.6 6.7 8.0 10.0 10.0 12.0 600 600 600 600 600 600 600 600 600 600 600 600 58 58 58 52 52 48 48 45 40 35 35 33 PHE450KD6120JR06L2 PHE450KD6150JR06L2 PHE450KD6180JR06L2 PHE450KD6220JR06L2 PHE450KD6270JR06L2 PHE450KD6330JR06L2 PHE450KD6390JR06L2 PHE450KD6470JR06L2 PHE450KD6560JR06L2 PHE450KD6680JR06L2 PHE450KD6820JR06L2 PHE450KD7100JR06L2
LEAD SPACING 27.5 MM
0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 10.5 10.5 10.5 11.5 13.5 14.5 17.5 19.0 21.0 20.5 20.5 20.5 22.5 23.0 24.5 28.0 29.0 30.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 198 171 153 126 117 108 8.0 8.0 8.0 10.6 12.7 14.5 19.7 22.1 25.3 500 500 500 500 500 500 500 500 500 38 38 38 34 32 30 27 25 24 PHE450KF6470JR06L2 PHE450KF6560JR06L2 PHE450KF6680JR06L2 PHE450KF6820JR06L2 PHE450KF7100JR06L2 PHE450KF7120JR06L2 PHE450KF7150JR06L2 PHE450KF7180JR06L2 PHE450KF7220JR06L2
LEAD SPACING 37.5 MM
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 13.0 13.0 13.0 15.0 16.5 16.5 19.0 19.0 21.0 24.0 24.0 24.0 26.0 32.0 32.0 36.0 36.0 38.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 140 140 119 105 105 91 91 84 16.6 16.6 16.6 20.8 28.1 28.1 36.5 36.5 42.5 300 300 300 300 300 300 300 300 300 27 27 27 25 22 22 19 19 17 PHE450KR7100JR06L2 PHE450KR7120JR06L2 PHE450KR7150JR06L2 PHE450KR7180JR06L2 PHE450KR7220JR06L2 PHE450KR7270JR06L2 PHE450KR7330JR06L2 PHE450KR7390JR06L2 PHE450KR7470JR06L2
630 VDC / 300 VAC
(1 section)
LEAD SPACING 7.5 MM
0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1300 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1500 1500 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1400 1400 1400 1400 1400 1400 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE450MK3330JR05 PHE450MK3390JR05 PHE450MK3470JR05 PHE450MK3560JR05 PHE450MK3680JR05 PHE450MK3820JR05 PHE450MK4100JR05 PHE450MK4120JR05 PHE450MK4150JR05 PHE450MK4180JR05 PHE450MK4220JR05 PHE450MK4270JR05 PHE450MK4330JR05 PHE450MK4390JR05 PHE450MK4470JR05 PHE450MK4560JR05 PHE450MK4680JR05 PHE450MK4820JR05 PHE450MK5100JR05 PHE450MK5120JR05
239
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
630 VDC / 300 VAC
(1 section)
LEAD SPACING 7.5 MM
0.015 0.018 0.022 5.0 5.0 6.0 11.0 11.0 12.0 10.0 10.0 10.5 7.5 7.5 7.5 1000 1000 1000 1300 1300 1000 1500 1500 1200 0.8 0.8 1.0 1400 1400 1400 160 160 160 PHE450MK5150JR05 PHE450MK5180JR05 PHE450MK5220JR05
LEAD SPACING 10 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.5 4.5 5.0 6.0 6.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 10.5 11.0 12.0 12.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 600 600 900 900 900 900 900 900 900 900 900 900 900 900 900 900 900 800 800 700 500 500 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.9 0.9 1.0 1.3 1.3 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1200 1200 1200 1200 1200 1200 1200 1200 1200 142 142 142 142 142 142 142 142 142 142 142 142 142 142 142 122 122 116 105 105 PHE450MA4100JR05 PHE450MA4120JR05 PHE450MA4150JR05 PHE450MA4180JR05 PHE450MA4220JR05 PHE450MA4270JR05 PHE450MA4330JR05 PHE450MA4390JR05 PHE450MA4470JR05 PHE450MA4560JR05 PHE450MA4680JR05 PHE450MA4820JR05 PHE450MA5100JR05 PHE450MA5120JR05 PHE450MA5150JR05 PHE450MA5180JR05 PHE450MA5220JR05 PHE450MA5270JR05 PHE450MA5330JR05 PHE450MA5390JR05
630 VDC / 400 VAC
(2 section)
LEAD SPACING 15 MM
0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 7.5 8.0 8.5 9.5 9.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 12.5 14.5 15.0 16.0 17.5 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 600 600 500 500 600 600 600 600 600 600 600 600 500 500 400 400 400 350 350 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.7 2.0 2.0 2.7 3.0 3.4 4.2 4.2 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 99 99 100 100 100 100 100 90 85 85 75 72 70 61 61 PHE450MB5100JR06 PHE450MB5120JR06 PHE450MB5150JR06 PHE450MB5180JR06 PHE450MB5220JR06 PHE450MB5270JR06 PHE450MB5330JR06 PHE450MB5390JR06 PHE450MB5470JR06 PHE450MB5560JR06 PHE450MB5680JR06 PHE450MB5820JR06 PHE450MB6100JR06 PHE450MB6120JR06 PHE450MB6150JR06
LEAD SPACING 22.5 MM
0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 6.5 6.5 6.5 6.5 6.5 6.5 6.5 7.0 7.0 9.0 9.0 11.0 11.0 14.5 14.5 14.5 14.5 14.5 14.5 14.5 16.5 16.5 18.5 18.5 21.5 21.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 234 234 234 234 216 216 168 168 253 253 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.9 3.9 5.6 5.6 8.0 8.0 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 58 58 58 58 59 59 59 55 55 50 50 45 45 PHE450MD5330JR06L2 PHE450MD5390JR06L2 PHE450MD5470JR06L2 PHE450MD5560JR06L2 PHE450MD5680JR06L2 PHE450MD5820JR06L2 PHE450MD6100JR06L2 PHE450MD6120JR06L2 PHE450MD6150JR06L2 PHE450MD6180JR06L2 PHE450MD6220JR06L2 PHE450MD6270JR06L2 PHE450MD6330JR06L2
240
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
630 VDC / 400 VAC
(2 section)
LEAD SPACING 22.5 MM
0.39 0.47 0.56 13.5 13.5 15.5 23.0 23.0 24.5 26.0 26.0 26.0 22.5 22.5 22.5 209 209 176 10.0 10.0 12.0 1800 1800 1800 40 40 34 PHE450MD6390JR06L2 PHE450MD6470JR06L2 PHE450MD6560JR06L2
LEAD SPACING 27.5 MM
0.22 0.27 0.33 0.39 0.47 0.56 10.5 10.5 10.5 10.5 11.5 13.5 20.5 20.5 20.5 20.5 22.5 23.0 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 216 198 171 8.0 8.0 8.0 8.0 10.6 12.7 1100 1100 1100 1100 1100 1100 38 38 38 38 35 34 PHE450MF6220JR06L2 PHE450MF6270JR06L2 PHE450MF6330JR06L2 PHE450MF6390JR06L2 PHE450MF6470JR06L2 PHE450MF6560JR06L2
LEAD SPACING 27.5 MM
0.68 0.82 1.0 1.2 14.5 17.5 17.5 21.0 24.5 28.0 28.0 30.0 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 153 126 126 108 14.5 19.7 19.7 25.3 1100 1100 1100 1100 33 30 30 25 PHE450MF6680JR06L2 PHE450MF6820JR06L2 PHE450MF7100JR06L2 PHE450MF7120JR06L2
LEAD SPACING 37.5 MM
0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 13.0 13.0 13.0 15.0 15.0 16.5 19.0 19.0 21.0 24.0 24.0 24.0 26.0 26.0 32.0 36.0 36.0 38.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 140 140 119 119 105 91 91 84 16.6 16.6 16.6 20.8 20.8 28.1 36.5 36.5 42.5 700 700 700 700 700 700 700 700 700 29 28 28 27 27 24 20 20 18 PHE450MR6560JR06L2 PHE450MR6680JR06L2 PHE450MR6820JR06L2 PHE450MR7100JR06L2 PHE450MR7120JR06L2 PHE450MR7150JR06L2 PHE450MR7180JR06L2 PHE450MR7220JR06L2 PHE450MR7270JR06L2
1000 VDC / 375 VAC
(1 section)
LEAD SPACING 7.5 MM
0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 6.0 6.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 12.0 12.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 10.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1300 1300 1300 1000 1000 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1500 1500 1500 1500 1200 1200 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 1.0 1.0 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE450PK3330JR05 PHE450PK3390JR05 PHE450PK3470JR05 PHE450PK3560JR05 PHE450PK3680JR05 PHE450PK3820JR05 PHE450PK4100JR05 PHE450PK4120JR05 PHE450PK4150JR05 PHE450PK4180JR05 PHE450PK4220JR05 PHE450PK4270JR05 PHE450PK4330JR05 PHE450PK4390JR05 PHE450PK4470JR05 PHE450PK4560JR05 PHE450PK4680JR05 PHE450PK4820JR05 PHE450PK5100JR05 PHE450PK5120JR05
LEAD SPACING 10 MM
0.0010 0.0012 0.0015 0.0018 4.0 4.0 4.0 4.0 9.0 9.0 9.0 9.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 900 900 900 900 0.6 0.6 0.6 0.6 1400 1400 1400 1400 142 142 142 142 PHE450PA4100JR05 PHE450PA4120JR05 PHE450PA4150JR05 PHE450PA4180JR05
241
PHE450
ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
1000 VDC / 600 VAC
(2 section)
LEAD SPACING 10 MM
0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.5 4.5 5.0 6.0 6.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 10.5 11.0 12.0 12.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 600 600 900 900 900 900 900 900 900 800 800 700 500 500 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.9 0.9 1.0 1.3 1.3 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 142 142 142 142 142 142 142 122 122 116 105 105 PHE450PA4220JR05 PHE450PA4270JR05 PHE450PA4330JR05 PHE450PA4390JR05 PHE450PA4470JR05 PHE450PA4560JR05 PHE450PA4680JR05 PHE450PA4820JR05 PHE450PA5100JR05 PHE450PA5120JR05 PHE450PA5150JR05 PHE450PA5180JR05
LEAD SPACING 15 MM
0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 8.5 9.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 12.5 14.5 14.5 15.0 16.0 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 800 600 600 500 600 600 600 600 600 600 600 600 600 600 500 400 400 400 400 350 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.7 1.7 2.0 2.7 2.7 3.0 3.4 4.2 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 98 98 98 99 99 99 99 100 90 90 87 78 78 75 70 55 PHE450PB4390JR06 PHE450PB4470JR06 PHE450PB4560JR06 PHE450PB4680JR06 PHE450PB4820JR06 PHE450PB5100JR06 PHE450PB5120JR06 PHE450PB5150JR06 PHE450PB5180JR06 PHE450PB5220JR06 PHE450PB5270JR06 PHE450PB5330JR06 PHE450PB5390JR06 PHE450PB5470JR06 PHE450PB5560JR06 PHE450PB5680JR06
LEAD SPACING 22.5 MM
0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 6.5 6.5 6.5 6.5 6.5 6.5 7.0 8.0 9.0 9.0 10.5 11.0 13.5 15.5 14.5 14.5 14.5 14.5 14.5 14.5 16.5 16.0 18.5 18.5 19.0 21.5 23.0 24.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 234 234 234 216 186 168 168 264 253 209 176 3.2 3.2 3.2 3.2 3.2 3.2 3.9 4.3 5.6 5.6 6.7 8.0 10.0 12.0 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 58 58 58 58 58 58 55 54 50 50 49 44 40 35 PHE450PD5220JR06L2 PHE450PD5270JR06L2 PHE450PD5330JR06L2 PHE450PD5390JR06L2 PHE450PD5470JR06L2 PHE450PD5560JR06L2 PHE450PD5680JR06L2 PHE450PD5820JR06L2 PHE450PD6100JR06L2 PHE450PD6120JR06L2 PHE450PD6150JR06L2 PHE450PD6180JR06L2 PHE450PD6220JR06L2 PHE450PD6270JR06L2
LEAD SPACING 27.5 MM
0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 10.5 10.5 11.5 11.5 13.5 14.5 17.5 19.0 21.0 20.5 20.5 22.5 22.5 23.0 24.5 28.0 29.0 30.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 198 198 171 153 126 117 108 8.0 8.0 10.6 10.6 12.7 14.5 19.7 22.1 25.3 1300 1300 1300 1300 1300 1300 1300 1300 1300 38 38 36 36 35 34 30 28 25 PHE450PF6150JR06L2 PHE450PF6180JR06L2 PHE450PF6220JR06L2 PHE450PF6270JR06L2 PHE450PF6330JR06L2 PHE450PF6390JR06L2 PHE450PF6470JR06L2 PHE450PF6560JR06L2 PHE450PF6680JR06L2
242
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
1000 VDC / 600 VAC
(2 section)
LEAD SPACING 37.5 MM
0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 13.0 13.0 13.0 15.0 16.5 16.5 19.0 19.0 24.0 24.0 24.0 26.0 32.0 32.0 36.0 36.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 140 140 119 105 105 91 91 16.6 16.6 16.6 20.8 28.1 28.1 36.5 36.5 800 800 800 800 800 800 800 800 28 28 28 27 25 25 20 19 PHE450PR6330JR06L2 PHE450PR6390JR06L2 PHE450PR6470JR06L2 PHE450PR6560JR06L2 PHE450PR6680JR06L2 PHE450PR6820JR06L2 PHE450PR7100JR06L2 PHE450PR7120JR06L2
1600 VDC / 650 VAC
(2 section)
LEAD SPACING 15 MM
0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 6.5 7.5 8.0 8.5 9.5 9.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 12.5 14.5 15.0 16.0 17.5 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 600 600 500 500 600 600 600 600 600 600 600 600 600 600 500 500 400 400 400 350 350 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.7 2.0 2.0 2.7 3.0 3.4 4.2 4.2 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 98 98 98 98 98 99 99 99 99 90 88 89 80 75 73 60 60 PHE450RB4270JR06 PHE450RB4330JR06 PHE450RB4390JR06 PHE450RB4470JR06 PHE450RB4560JR06 PHE450RB4680JR06 PHE450RB4820JR06 PHE450RB5100JR06 PHE450RB5120JR06 PHE450RB5150JR06 PHE450RB5180JR06 PHE450RB5220JR06 PHE450RB5270JR06 PHE450RB5330JR06 PHE450RB5390JR06 PHE450RB5470JR06 PHE450RB5560JR06
LEAD SPACING 22.5 MM
0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 7.0 7.0 9.0 9.0 10.5 11.0 13.5 13.5 15.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 16.5 16.5 18.5 18.5 19.0 21.5 23.0 23.0 24.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 234 234 234 234 234 216 216 168 168 264 253 209 209 176 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.9 3.9 5.6 5.6 6.7 8.0 10.0 10.0 12.0 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 60 60 60 58 58 58 58 58 55 55 50 50 48 45 40 40 34 PHE450RD5100JR06L2 PHE450RD5120JR06L2 PHE450RD5150JR06L2 PHE450RD5180JR06L2 PHE450RD5220JR06L2 PHE450RD5270JR06L2 PHE450RD5330JR06L2 PHE450RD5390JR06L2 PHE450RD5470JR06L2 PHE450RD5560JR06L2 PHE450RD5680JR06L2 PHE450RD5820JR06L2 PHE450RD6100JR06L2 PHE450RD6120JR06L2 PHE450RD6150JR06L2 PHE450RD6180JR06L2 PHE450RD6220JR06L2
LEAD SPACING 27.5 MM
0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 10.5 10.5 10.5 11.5 13.5 14.5 17.5 19.0 21.0 20.5 20.5 20.5 22.5 23.0 24.5 28.0 29.0 30.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 198 153 153 126 117 108 8 8 8 10.6 14.5 14.5 19.7 22.1 25.3 1300 1300 1300 1300 1300 1300 1300 1300 1300 37 37 37 36 35 35 32 28 25 PHE450RF5820JR06L2 PHE450RF6100JR06L2 PHE450RF6120JR06L2 PHE450RF6150JR06L2 PHE450RF6180JR06L2 PHE450RF6220JR06L2 PHE450RF6270JR06L2 PHE450RF6330JR06L2 PHE450RF6390JR06L2
243
PHE450
ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
1600 VDC / 650 VAC
(2 section)
LEAD SPACING 37.5 MM
0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 13.0 13.0 13.0 15.0 16.5 16.5 19.0 19.0 21.0 24.0 24.0 24.0 26.0 32.0 32.0 36.0 36.0 38.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 140 140 119 105 105 91 91 84 16.6 16.6 16.6 20.8 28.1 28.1 36.5 36.5 42.5 800 800 800 800 800 800 800 800 800 27 27 27 26 24 24 20 20 18 PHE450RR6180JR06L2 PHE450RR6220JR06L2 PHE450RR6270JR06L2 PHE450RR6330JR06L2 PHE450RR6390JR06L2 PHE450RR6470JR06L2 PHE450RR6560JR06L2 PHE450RR6680JR06L2 PHE450RR6820JR06L2
2000 VDC / 700 VAC
(2 section)
LEAD SPACING 15 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 8.5 9.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 15.0 16.0 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 800 600 600 500 600 600 600 600 600 600 600 600 600 600 600 600 500 400 400 400 400 350 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.7 2.0 2.7 2.7 3.0 3.4 4.2 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 98 98 98 98 98 98 98 98 98 98 98 92 90 80 80 75 70 61 PHE450SB4100JR06 PHE450SB4120JR06 PHE450SB4150JR06 PHE450SB4180JR06 PHE450SB4220JR06 PHE450SB4270JR06 PHE450SB4330JR06 PHE450SB4390JR06 PHE450SB4470JR06 PHE450SB4560JR06 PHE450SB4680JR06 PHE450SB4820JR06 PHE450SB5100JR06 PHE450SB5120JR06 PHE450SB5150JR06 PHE450SB5180JR06 PHE450SB5220JR06 PHE450SB5270JR06
LEAD SPACING 22.5 MM
0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 7.0 7.0 8.0 9.0 10.5 11.0 11.0 13.5 15.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 16.5 16.5 16.0 18.5 19.0 21.5 21.5 23.0 24.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 234 234 234 234 234 234 234 234 216 216 186 168 264 253 253 209 176 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.9 3.9 4.3 5.6 6.7 8.0 8.0 10.0 12.0 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 60 60 60 60 60 60 60 60 60 58 58 55 55 53 52 50 45 45 40 35 PHE450SD4330JR06L2 PHE450SD4390JR06L2 PHE450SD4470JR06L2 PHE450SD4560JR06L2 PHE450SD4680JR06L2 PHE450SD4820JR06L2 PHE450SD5100JR06L2 PHE450SD5120JR06L2 PHE450SD5150JR06L2 PHE450SD5180JR06L2 PHE450SD5220JR06L2 PHE450SD5270JR06L2 PHE450SD5330JR06L2 PHE450SD5390JR06L2 PHE450SD5470JR06L2 PHE450SD5560JR06L2 PHE450SD5680JR06L2 PHE450SD5820JR06L2 PHE450SD6100JR06L2 PHE450SD6120JR06L2
244
PHE450 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
2000 VDC / 700 VAC
(2 section)
LEAD SPACING 27.5 MM
0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 10.5 10.5 11.5 11.5 13.5 17.5 17.5 19.0 20.5 20.5 22.5 22.5 23.0 28.0 28.0 29.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 198 198 171 126 126 117 8.0 8.0 10.6 10.6 12.7 19.7 19.7 22.1 1300 1300 1300 1300 1300 1300 1300 1300 37 37 36 35 34 32 30 28 PHE450SF5470JR06L2 PHE450SF5560JR06L2 PHE450SF5680JR06L2 PHE450SF5820JR06L2 PHE450SF6100JR06L2 PHE450SF6120JR06L2 PHE450SF6150JR06L2 PHE450SF6180JR06L2
LEAD SPACING 37.5 MM
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 13.0 13.0 15.0 15.0 16.5 19.0 21.0 21.0 24.0 24.0 26.0 26.0 32.0 36.0 38.0 38.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 140 119 119 105 91 84 84 16.6 16.6 20.8 20.8 28.1 36.5 42.5 42.5 800 800 800 800 800 800 800 800 27 27 26 26 24 20 18 18 PHE450SR6100JR06L2 PHE450SR6120JR06L2 PHE450SR6150JR06L2 PHE450SR6180JR06L2 PHE450SR6220JR06L2 PHE450SR6270JR06L2 PHE450SR6330JR06L2 PHE450SR6390JR06L2
2500 VDC / 900 VAC
(3 section)
LEAD SPACING 15 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 5.5 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.0 8.5 8.5 9.5 10.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 15.0 16.0 16.0 17.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 800 800 600 600 600 500 600 600 600 600 600 500 400 400 400 400 400 350 1.5 1.5 1.5 1.5 1.7 2.0 2.7 2.7 3.0 3.4 3.4 4.2 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 98 98 98 98 92 90 80 80 75 70 70 60 PHE450TB4100JR06 PHE450TB4120JR06 PHE450TB4150JR06 PHE450TB4180JR06 PHE450TB4220JR06 PHE450TB4270JR06 PHE450TB4330JR06 PHE450TB4390JR06 PHE450TB4470JR06 PHE450TB4560JR06 PHE450TB4680JR06 PHE450TB4820JR06
LEAD SPACING 22.5 MM
0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 6.5 6.5 6.5 7.0 8.0 9.0 9.0 10.5 11.0 13.5 15.5 15.5 14.5 14.5 14.5 16.5 16.0 18.5 18.5 19.0 21.5 23.0 24.5 24.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 216 186 168 168 264 253 209 176 176 3.2 3.2 3.2 3.9 4.3 5.6 5.6 6.7 8.0 10.0 12.0 12.0 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 1800 60 60 60 55 53 52 52 50 45 45 35 35 PHE450TD4470JR06L2 PHE450TD4560JR06L2 PHE450TD4680JR06L2 PHE450TD4820JR06L2 PHE450TD5100JR06L2 PHE450TD5120JR06L2 PHE450TD5150JR06L2 PHE450TD5180JR06L2 PHE450TD5220JR06L2 PHE450TD5270JR06L2 PHE450TD5330JR06L2 PHE450TD5390JR06L2
245


▲Up To Search▲   

 
Price & Availability of PHE450MF7100JR06L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X