Part Number Hot Search : 
2SCR543R PAC03 10H12D XE5224FD PSW1C 11801 MJE5850 16NF10
Product Description
Full Text Search
 

To Download PHE427KA5100JR05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHE427
* Double metallized film pulse capacitor, polypropylene dielectric * According to IEC 60384-17 Grade 1.1
L B
TYPICAL APPLICATIONS
High frequency applications with high current stress, such as deflection circuits in TV-sets, protection circuits in SMPS and in electronic ballasts.
CONSTRUCTION
Polypropylene dielectric with double metallized polyester film as electrodes. Encapsulation in self-extinguishing material meeting the requirements of UL 94V-0.
H 0.5 p d b
l
TECHNICAL DATA
Rated voltage UR, VDC Rated voltage UR, VAC Capacitance range, F 160 100 0.047- 6.8 250 160 0.00068- 4.7 400 220 0.00068- 2.2 630 300 0.00068- 1.2 1000 375 0.00068- 0.0082
p 7.5 10.0 15.0 22.5 27.5 37.5 0.4 0.4 0.4 0.4 0.4 0.5
d 0.6 0.6 0.8 0.8 0.8 1.0
std I max I 5-1 5-1 6-1 6-1 6-1 6-1 30 30 30 30 30 30
b 0.4 0.4 0.4 0.4 0.4 0.7
Capacitance values Capacitance tolerance Category temperature range Rated temperature Voltage derating Climatic category
In accordance with IEC E12 series. 5% standard. Other tolerances on request
-55 C to +105 C +85 C
Insulation resistance
ew rn fo ot N
The rated voltage is decreased with 1.3% / C between +85 C and +105 C 55/105/56
gn si de
Measured at 23 C, 100 VDC 60s for UR < 500 VDC and at 500 VDC for UR 500 VDC Between terminals: C 0.33 F: 100 000 M C > 0.33 F: 30 000 s Between terminals and case: 100 000 M Maximum values at 23C C 0.1 F 0.1 F < C 1.0 F 1 kHz 0.03 % 0.03 % 10 kHz 0.04 % 0.06 % 100 kHz 0.15 % - C > 1.0 F 0.03 % - -
Dissipation factor tan
Inductance
Approximately 6 nH/cm for the total length of capacitor winding and the leads. The capacitors can withstand an unlimited number of pulses with a dU/dt according to the article table. For peak to peak voltages lower than the rated voltage (UPP < UR), the specified dU/dt can be multiplied by UR/UPP.
Pulse rise time
ENVIRONMENTAL TEST DATA
Vibration According to IEC 60068-2-6 test Fc. 10-500 Hz for lead space 22.5 mm,10-55 Hz for lead space 27.5 mm. 6 h with 0.75 mm amplitude or 98 m/s2 (depending on frequency) with the capacitor mounted on PCB with the supporting area in contact with the PCB. According to IEC 60384-1. According to IEC 60068-2-29 test Eb. 4000 bumps at 390 m/s2 with the capacitor mounted on PCB with the supporting area in contact with the PCB. According to IEC 60068-2-3 test Ca, severity 56 days.
Climatic sequence Bump
Humidity
219
PHE427 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
160 VDC/100 VAC LEAD SPACING 10 MM
0.047 0.056 0.068 5.0 5.0 5.0 11.0 11.0 11.0 13.0 13.0 13.0 10.0 10.0 10.0 800 800 800 700 700 700 1.0 1.0 1.0 400 400 400 116 116 115 PHE427FA5470JR05 PHE427FA5560JR05 PHE427FA5680JR05
LEAD SPACING 15 MM
0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 5.5 5.5 5.5 6.5 7.5 7.5 8.5 8.5 10.5 10.5 12.5 12.5 14.5 14.5 16.0 16.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 800 800 600 600 600 600 600 500 400 400 400 400 1.5 1.5 1.7 2.0 2.7 2.7 3.4 3.4 200 200 200 200 200 200 200 200 100 98 85 82 74 72 65 64 PHE427FB5820JR06 PHE427FB6100JR06 PHE427FB6120JR06 PHE427FB6150JR06 PHE427FB6180JR06 PHE427FB6220JR06 PHE427FB6270JR06 PHE427FB6330JR06
LEAD SPACING 22.5 MM
0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 6.5 7.0 7.0 8.0 8.0 9.0 9.0 11.0 11.0 14.5 16.5 16.5 16.0 16.0 18.5 18.5 21.5 21.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 216 216 186 186 168 168 253 253 3.2 3.9 3.9 4.3 4.3 5.6 5.6 8.0 8.0 100 100 100 100 100 100 100 100 100 58 53 52 52 52 46 46 40 39 PHE427FD6220JR06L2 PHE427FD6270JR06L2 PHE427FD6330JR06L2 PHE427FD6390JR06L2 PHE427FD6470JR06L2 PHE427FD6560JR06L2 PHE427FD6680JR06L2 PHE427FD6820JR06L2 PHE427FD7100JR06L2
1.0 1.2 1.5 1.8 2.2
10.5 11.5 11.5 17.5 17.5
20.5 22.5 22.5 28.0 28.0
31.5 31.5 31.5 31.5 31.5
ew rn fo ot N
27.5 27.5 27.5 27.5 27.5 216 198 198 126 126 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 119 119 119 105 105 91 91
gn si de
8.8 10.6 10.6 19.7 19.7
LEAD SPACING 27.5 MM
60 60 60 60 60 37 34 34 28 27 PHE427FF7100JR06L2 PHE427FF7120JR06L2 PHE427FF7150JR06L2 PHE427FF7180JR06L2 PHE427FF7220JR06L2
LEAD SPACING 37.5 MM
16.6 20.8 20.8 20.8 28.1 28.1 36.5 36.5 50 50 50 50 50 50 50 50 27 26 25 25 21 20 18 18 PHE427FR7180JR06L2 PHE427FR7220JR06L2 PHE427FR7270JR06L2 PHE427FR7330JR06L2 PHE427FR7390JR06L2 PHE427FR7470JR06L2 PHE427FR7560JR06L2 PHE427FR7680JR06L2
1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8
13.0 15.0 15.0 15.0 16.5 16.5 19.0 19.0
24.0 26.0 26.0 26.0 32.0 32.0 36.0 36.0
41.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0
250 VDC/160 VAC LEAD SPACING 7.5 MM
0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE427HK3680JR05 PHE427HK3820JR05 PHE427HK4100JR05 PHE427HK4120JR05 PHE427HK4150JR05 PHE427HK4180JR05 PHE427HK4220JR05 PHE427HK4270JR05 PHE427HK4330JR05 PHE427HK4390JR05 PHE427HK4470JR05 PHE427HK4560JR05 PHE427HK4680JR05 PHE427HK4820JR05 PHE427HK5100JR05
220
PHE427 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
250 VDC/160 VAC LEAD SPACING 7.5 MM
0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 4.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 6.0 6.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 12.0 12.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 10.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1300 1300 1300 1300 1000 1000 1900 1900 1900 1900 1500 1500 1500 1500 1200 1200 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 1.0 1.0 800 800 800 800 800 800 800 800 800 800 160 160 160 160 160 160 160 160 160 160 PHE427HK5120JR05 PHE427HK5150JR05 PHE427HK5180JR05 PHE427HK5220JR05 PHE427HK5270JR05 PHE427HK5330JR05 PHE427HK5390JR05 PHE427HK5470JR05 PHE427HK5560JR05 PHE427HK5680JR05
LEAD SPACING 10 MM
0.015 0.018 0.022 0.027 0.033 0.039 4.0 4.0 4.0 4.0 4.5 5.0 9.0 9.0 9.0 9.0 10.5 11.0 13.0 13.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 800 900 900 900 900 800 700 0.6 0.6 0.6 0.6 0.9 1.0 400 400 400 400 400 400 142 142 142 139 121 116 PHE427HA5150JR05 PHE427HA5180JR05 PHE427HA5220JR05 PHE427HA5270JR05 PHE427HA5330JR05 PHE427HA5390JR05
LEAD SPACING 15 MM
0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 5.5 5.5 5.5 5.5 6.5 7.5 7.5 8.5 8.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 16.0 16.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 800 800 600 600 600 600 600 600 500 400 400 400 400 1.5 1.5 1.5 1.7 2.0 2.7 2.7 3.4 3.4
0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68
6.5 7.0 7.0 9.0 9.0 9.0 11.0 11.0
14.5 16.5 16.5 18.5 18.5 18.5 21.5 21.5
26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0
ew rn fo ot N
22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 216 216 168 168 168 253 253
gn si de
600 600 600 600 600 600 600 600 600
100 100 98 86 83 74 73 67 65
PHE427HB5470JR06 PHE427HB5560JR06 PHE427HB5680JR06 PHE427HB5820JR06 PHE427HB6100JR06 PHE427HB6120JR06 PHE427HB6150JR06 PHE427HB6180JR06 PHE427HB6220JR06
LEAD SPACING 22.5 MM
3.2 3.9 3.9 5.6 5.6 5.6 8.0 8.0 400 400 400 400 400 400 400 400 58 53 52 48 46 46 41 40 PHE427HD6180JR06L2 PHE427HD6220JR06L2 PHE427HD6270JR06L2 PHE427HD6330JR06L2 PHE427HD6390JR06L2 PHE427HD6470JR06L2 PHE427HD6560JR06L2 PHE427HD6680JR06L2
LEAD SPACING 27.5 MM
0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 10.5 10.5 11.5 11.5 14.5 14.5 17.5 17.5 20.5 20.5 22.5 22.5 24.5 24.5 28.0 28.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 198 198 153 153 126 126 8.0 8.0 10.6 10.6 14.5 14.5 19.7 19.7 300 300 300 300 300 300 300 300 38 38 34 34 31 30 27 26 PHE427HF6560JR06L2 PHE427HF6680JR06L2 PHE427HF6820JR06L2 PHE427HF7100JR06L2 PHE427HF7120JR06L2 PHE427HF7150JR06L2 PHE427HF7180JR06L2 PHE427HF7220JR06L2
LEAD SPACING 37.5 MM
1.5 1.8 2.2 2.7 3.3 3.9 4.7 13.0 15.0 16.5 16.5 16.5 19.0 19.0 24.0 26.0 32.0 32.0 32.0 36.0 36.0 41.0 41.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 37.5 37.5 140 119 105 105 105 91 91 16.6 20.8 28.1 28.1 28.1 36.5 36.5 200 200 200 200 200 200 200 27 25 22 22 20 18 18 PHE427HR7150JR06L2 PHE427HR7180JR06L2 PHE427HR7220JR06L2 PHE427HR7270JR06L2 PHE427HR7330JR06L2 PHE427HR7390JR06L2 PHE427HR7470JR06L2
221
PHE427
ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
400 VDC/220 VAC LEAD SPACING 7.5 MM
0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 11.0 12.0 12.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 10.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1300 1300 1300 1300 1000 1000 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1500 1500 1500 1500 1500 1200 1200 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 1200 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE427KK3680JR05 PHE427KK3820JR05 PHE427KK4100JR05 PHE427KK4120JR05 PHE427KK4150JR05 PHE427KK4180JR05 PHE427KK4220JR05 PHE427KK4270JR05 PHE427KK4330JR05 PHE427KK4390JR05 PHE427KK4470JR05 PHE427KK4560JR05 PHE427KK4680JR05 PHE427KK4820JR05 PHE427KK5100JR05 PHE427KK5120JR05 PHE427KK5150JR05 PHE427KK5180JR05 PHE427KK5220JR05 PHE427KK5270JR05 PHE427KK5330JR05 PHE427KK5390JR05 PHE427KK5470JR05
0.0082 0.010 0.012 0.015 0.018 0.022 0.027
4.0 4.0 4.0 4.0 4.5 5.0 5.0
8.0 9.0 9.0 9.0 10.5 11.0 11.0
13.0 13.0 13.0 13.0 13.0 13.0 13.0
ew rn fo ot N
10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 800 800 900 900 900 900 800 700 700 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 800 600 600 600 600 600 500 500 400 400 400
LEAD SPACING 10 MM
0.6 0.6 0.6 0.9 0.9 1.0 1.0
gn si de
600 600 600 600 600 600 600
142 142 142 142 122 116 116
PHE427KA4820JR05 PHE427KA5100JR05 PHE427KA5120JR05 PHE427KA5150JR05 PHE427KA5180JR05 PHE427KA5220JR05 PHE427KA5270JR05
LEAD SPACING 15 MM
1.5 1.5 1.7 2.0 2.0 2.7 3.0 3.4 1000 1000 1000 1000 1000 1000 1000 1000 99 99 99 86 83 74 71 67 PHE427KB5330JR06 PHE427KB5390JR06 PHE427KB5470JR06 PHE427KB5560JR06 PHE427KB5680JR06 PHE427KB5820JR06 PHE427KB6100JR06 PHE427KB6120JR06
0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12
5.5 5.5 5.5 6.5 6.5 7.5 8.0 8.5
10.5 10.5 12.5 12.5 12.5 14.5 15.0 16.0
18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0
LEAD SPACING 22.5 MM
0.12 0.15 0.18 0.22 0.27 0.33 0.39 6.5 7.0 8.0 9.0 10.5 11.0 11.0 14.5 16.5 16.0 18.5 19.0 21.5 21.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 216 186 168 264 253 253 3.2 3.9 4.3 5.6 6.7 8.0 8.0 600 600 600 600 600 600 600 58 52 53 48 45 42 40 PHE427KD6120JR06L2 PHE427KD6150JR06L2 PHE427KD6180JR06L2 PHE427KD6220JR06L2 PHE427KD6270JR06L2 PHE427KD6330JR06L2 PHE427KD6390JR06L2
LEAD SPACING 27.5 MM
0.33 0.39 0.47 0.56 0.68 0.82 1.0 10.5 10.5 10.5 11.5 14.5 14.5 17.5 20.5 20.5 20.5 22.5 24.5 24.5 28.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 198 153 153 126 8.8 8.8 8.8 10.6 14.5 19.7 19.7 500 500 500 500 500 500 500 37 37 37 34 32 28 27 PHE427KF6330JR06L2 PHE427KF6390JR06L2 PHE427KF6470JR06L2 PHE427KF6560JR06L2 PHE427KF6680JR06L2 PHE427KF6820JR06L2 PHE427KF7100JR06L2
222
PHE427 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
400 VDC/220 VAC LEAD SPACING 37.5 MM
1.0 1.2 1.5 1.8 2.2 13.0 15.0 16.5 16.5 19.0 24.0 26.0 32.0 32.0 36.0 41.0 41.0 41.0 41.0 41.0 37.5 37.5 37.5 37.5 37.5 140 119 105 105 91 16.6 20.8 28.1 28.1 36.5 300 300 300 300 300 27 25 22 21 19 PHE427KR7100JR06L2 PHE427KR7120JR06L2 PHE427KR7150JR06L2 PHE427KR7180JR06L2 PHE427KR7220JR06L2
630 VDC/300 VAC LEAD SPACING 7.5 MM
0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 6.0 6.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 12.0 12.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 10.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1300 1300 1300 1000 1000 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1500 1500 1500 1200 1200 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 1.0 1.0 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 1400 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE427MK3680JR05 PHE427MK3820JR05 PHE427MK4100JR05 PHE427MK4120JR05 PHE427MK4150JR05 PHE427MK4180JR05 PHE427MK4220JR05 PHE427MK4270JR05 PHE427MK4330JR05 PHE427MK4390JR05 PHE427MK4470JR05 PHE427MK4560JR05 PHE427MK4680JR05 PHE427MK4820JR05 PHE427MK5100JR05 PHE427MK5120JR05 PHE427MK5150JR05
0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015
4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.5 4.5 5.0 5.0
9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 10.5 11.0 11.0
13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0
ew rn fo ot N
10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 800 900 900 900 900 900 900 900 900 900 800 800 700 700
gn si de
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.9 0.9 1.0 1.0
LEAD SPACING 10 MM
800 800 800 800 800 800 800 800 800 800 800 800 800 142 142 139 139 121 116 100 100 98 86 142 142 142 PHE427MA4150JR05 PHE427MA4180JR05 PHE427MA4220JR05 PHE427MA4270JR05 PHE427MA4330JR05 PHE427MA4390JR05 PHE427MA4470JR05 PHE427MA4560JR05 PHE427MA4680JR05 PHE427MA4820JR05 PHE427MA5100JR05 PHE427MA5120JR05 PHE427MA5150JR05
LEAD SPACING 15 MM
0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 5.5 5.5 5.5 5.5 5.5 5.5 5.5 7.5 7.5 7.5 8.5 10.5 10.5 10.5 10.5 10.5 12.5 12.5 14.5 14.5 14.5 16.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 1000 1000 1000 1000 1000 1000 1000 800 800 800 600 600 600 600 600 600 600 600 400 400 400 400 1.5 1.5 1.5 1.5 1.5 1.7 1.7 2.7 2.7 2.7 3.4 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 99 99 98 98 98 85 84 74 74 73 67 PHE427MB5100JR06 PHE427MB5120JR06 PHE427MB5150JR06 PHE427MB5180JR06 PHE427MB5220JR06 PHE427MB5270JR06 PHE427MB5330JR06 PHE427MB5390JR06 PHE427MB5470JR06 PHE427MB5560JR06 PHE427MB5680JR06
223
PHE427 ARTICLE TABLE
Capacitance F Max dimensions in mm B H L p Quantity per package Bulk Tray Reel Ammo Weight g Max dU/dt V/s Rthha C/W 85 C 0.2 m/s Article code
630 VDC/300 VAC LEAD SPACING 22.5 MM
0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 6.5 6.5 6.5 7.0 7.0 9.0 9.0 10.5 11.0 14.5 14.5 14.5 16.5 16.5 18.5 18.5 19.0 21.5 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 26.0 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 234 234 234 216 216 168 168 264 253 3.2 3.2 3.2 3.9 3.9 5.6 5.6 6.7 8.0 600 600 600 600 600 600 600 600 600 58 58 58 53 52 48 46 45 41 PHE427MD5470JR06L2 PHE427MD5560JR06L2 PHE427MD5680JR06L2 PHE427MD5820JR06L2 PHE427MD6100JR06L2 PHE427MD6120JR06L2 PHE427MD6150JR06L2 PHE427MD6180JR06L2 PHE427MD6220JR06L2
LEAD SPACING 27.5 MM
0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 10.5 10.5 10.5 11.5 11.5 14.5 14.5 17.5 17.5 20.5 20.5 20.5 22.5 22.5 24.5 24.5 28.0 28.0 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 31.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 27.5 216 216 216 198 198 153 153 126 126 8.0 8.0 8.0 10.6 10.6 14.5 14.5 19.7 19.7 300 300 300 300 300 300 300 300 300 37 37 37 35 34 32 31 28 27 PHE427MF6150JR06L2 PHE427MF6180JR06L2 PHE427MF6220JR06L2 PHE427MF6270JR06L2 PHE427MF6330JR06L2 PHE427MF6390JR06L2 PHE427MF6470JR06L2 PHE427MF6560JR06L2 PHE427MF6680JR06L2
LEAD SPACING 37.5 MM
0.47 0.56 0.68 0.82 1.0 1.2 13.0 13.0 15.0 16.5 16.5 19.0 24.0 24.0 26.0 32.0 32.0 36.0 41.0 41.0 41.0 41.0 41.0 41.0
0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082
4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0
8.0 8.0 8.0 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 11.0 12.0 12.0
10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.5 10.5
ew rn fo ot N
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1700 1700 1700 1700 1700 1700 1700 1300 1300 1300 1300 1300 1000 1000
37.5 37.5 37.5 37.5 37.5 37.5
140 140 119 105 105 91
gn si de
16.6 16.6 20.8 28.1 28.1 36.5
250 250 250 250 250 250
27 27 25 22 22 19
PHE427MR6470JR06L2 PHE427MR6560JR06L2 PHE427MR6680JR06L2 PHE427MR6820JR06L2 PHE427MR7100JR06L2 PHE427MR7120JR06L2
1000 VDC/375 VAC
LEAD SPACING 7.5 MM
1900 1900 1900 1900 1900 1900 1900 1500 1500 1500 1500 1500 1200 1200 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 0.8 1.0 1.0 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 160 160 160 160 160 160 160 160 160 160 160 160 160 160 PHE427PK3680JR05 PHE427PK3820JR05 PHE427PK4100JR05 PHE427PK4120JR05 PHE427PK4150JR05 PHE427PK4180JR05 PHE427PK4220JR05 PHE427PK4270JR05 PHE427PK4330JR05 PHE427PK4390JR05 PHE427PK4470JR05 PHE427PK4560JR05 PHE427PK4680JR05 PHE427PK4820JR05
LEAD SPACING 10.0 MM
0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 900 900 900 900 900 900 900 900 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 2000 2000 2000 2000 2000 2000 2000 2000 160 160 160 160 160 160 160 160 PHE427PA4100JR05 PHE427PA4120JR05 PHE427PA4150JR05 PHE427PA4180JR05 PHE427PA4220JR05 PHE427PA4270JR05 PHE427PA4330JR05 PHE427PA4390JR05
224
PHE427
DERATING OF U RMS VS FREQUENCY, +85C AMBIENT TEMPERATURE AND 10C INTERNAL HEATING, TYPICAL VALUES
Urms (V)
100
160 VDC/100 VAC
Urms (V)
100
250 VDC/160 VAC
10
0.047 F 0.082 F 0.33 F 1 F 6.8 F
0.015 F 10 0.047 F 0.18 F 0.68 F 4.7 F 1 0.1 1 10 100 1000
1 0.1
1
10
100
1000
frequency (kHz)
frequency (kHz)
Urms (V)
400 VDC/220 VAC
Urms (V)
630 VDC/300 VAC
100
100
0.01 F
10
0.033 F 0.12 F 0.47 F
1 0.1
1
frequency (kHz)
More simulation possibilities in PCCADsoftware package. See page 204.
ew rn fo ot N
10 100 1000
2.2 F
gn si de
10 1 0.1 1 10 100
0.01 F 0.068 F 0.22 F 0.68 F 1.2 F
1000
frequency (kHz)
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
MARKING
* RIFA * Article code * Rated capacitance according to IEC 60062 * Rated voltage * Capacitance tolerance code * Manufacturing code (year, month)
PACKING
The box dimensions for bulk packaging are 245 x 145 x 80 mm. Quantity/package as in article table, based on standard lead length. Reels with taped capacitors are packed 10 in a box with the dimensions 370 x 370 x 560 mm. Quantity per reel as in article table. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
225


▲Up To Search▲   

 
Price & Availability of PHE427KA5100JR05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X