Part Number Hot Search : 
CZT3055 SCL4002B 14D781K TDA6120 Z5SMC15 SBH1540S SI4450 TA8132AN
Product Description
Full Text Search
 

To Download NTE3111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE3111 Red Bar Graph Display
Absolute Maximum Ratings: Power Dissipation (TA = +25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1W Continuous Forward Current (Per Segment), IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA Reverse Voltage (Per Segment), VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +60C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +60C Recommended Operating Conditions: Continuous Forward Current (Per Segment), IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3mA to 10mA Electro-Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter Peak Wave Length Forward Voltage Continuous Forward Current Luminous Intensity Reverse Current VF IF L IR VR = 3V Symbol Test Conditions Min -
-
Typ 700
1.9
Max -
-
Unit nm
V
- - -
5 150 -
- - 10
mA cd A
1.620 (41.14) 1.420 (36.06)
D1
.996 (25.3) .815 (20.7)
D5
.040 (1.02) Max
.177 (4.5) 1 7
1.130 (28.7) .217 (5.51) .506 (12.86) 1.070 (27.18)
Pin 1 2 3 4 5 6 7
Output Common Anode D1 Cathode D2 Cathode D3 Cathode D4 Cathode D5 Cathode Common Anode
.161 (4.1)


▲Up To Search▲   

 
Price & Availability of NTE3111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X