Part Number Hot Search : 
2415S 01M35V8 2415S 1N5818WB BPC3510 G100EI T200A 19800
Product Description
Full Text Search
 

To Download MXR-505E-915DS2400AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RADIO MODULE MXR-505
UHF FM TRANSCEIVER MODULE
RY A IN IM EL PR
DATA SHEET
Radios, Inc.
May 30, 2007 Preliminary Data Sheet
MXR-505
UHF FM TRANSCEIVER MODULE
The MXR-505 is a frequency shift keyed (FSK) high performance, ultra compact, long range transceiver operating at the 902-928 MHz and 868.25 MHz bands. This integrated modularized transceiver is designed for use in half-duplex, bidirectional RF links. The multi-channeled MXR-505 is intended for use in UHF radio equipment in compliance with both the North American Federal Communications Commission (FCC) part 15.247 and 15.249 systems and the European Telecommunications Standard Institute (ETS) specification EN300 200. The transmitter is composed of both a PLL frequency synthesizer and a power amplifier. The synthesizer uses a voltage-controlled crystal oscillator, a dual-modulus prescaler, programmable frequency dividers, and a phase-detector. The power amplifier's output power can be programmed to seven different levels. The MXR-505 has zero IF architecture which enables channel filtering with low-power, integrated lowpass filters. Each channel includes a pre-amplifier and a third order Sallen-Key RC low-pass filter that protects the switched-capacitor filter from strong adjacent channel signals. The main channel filter is a switched-capacitor implementation of a six-pole elliptic low pass filter. The cutoff frequency of the Sallen-Key RC filter can be programmed to four different frequencies: 100kHz, 150 kHz, 230 kHz, and 340 kHz. A receive signal strength indicator circuit indicates the received signal level. The MXR-505 is a well-designed transceiver suitable for a variety of RF applications, particularly voice applications and high volume OEM applications.
Key Features
Y R A IN IM EL PR Typical Applications
Low cost Wide supply voltage range Wide operating temperature range Easily integrated Low power consumption Compact surface-mount packages/Small Size 2.5V operation Simple serial programming interface Baud rate from 1200 to 200,000 bps Spread spectrum External reset pin Exceptional sensitivity: -111dBm Receive signal stength (RSSI) pin No production tuning
Remote controls Garage openers / Gate controls Keyless entry Lighting control Home / Industrial automation Continuous / Periodic data transfer Wireless networking Remote access Remote monitoring / Telemetry Medical monitoring / Call systems Guard patrol / Lone worker protection Domestic / Commercial security Fire / Security alarms Long-range RFID Automated meter reading
Contact Information
Radios, Inc. 1408 Center Avenue Oostburg, WI 53070 Phone: 920-564-6622 Fax: 920-564-6630 Email: sales@radiosinc.com
-Page 2-
MXR-505
UHF FM TRANSCEIVER MODULE
Mechanical and Pin Diagram
* Note: Pinouts of surface mount and through-hole packages are mirrored
DIP Package
Pin Description
Pin Num Pin Name
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 Pin 11 Pin 12 RST/NMI TEST TDO TDI TMS TCK Gnd Gnd Gnd Gnd Gnd Ant
Description
No Connect No Connect No Connect No Connect No Connect No Connect Ground Ground Ground Ground Ground RF Input/Output (50 Ohms)
Pin Num Pin Name
Pin 13 Pin 14 Pin 15 Pin 16 Pin 17 Pin 18 Pin 19 Pin 20 Pin 21 Pin 22 Pin 23 Pin 24 +VIN +2.5V REG-EN N/C N/C N/C N/C DATACLK DATAIXO RSSI UTXD URXD
Description
Positive Supply Pin (2.6-16V) Regulated Output (2.5V) Regulator Enable (2-VCC) No Connect No Connect No Connect No Connect Data Clock Output (0-2.5V) Data Input/Output (0-2.5V) Receive Signal Strength Indicator (0-2.5V) Transmit Data Out--UART mode (0-2.5V) Receive Data Out--UART mode (0-2.5V)
PRELIMINARY
-Page 3-
MXR-505
UHF FM TRANSCEIVER MODULE
Mechanical and Pin Diagram
* Note: Pinouts of surface mount and through-hole packages are mirrored
Surface Mount Package
Pin Description
Pin Num Pin Name
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 Pin 11 Pin 12 Ant Gnd Gnd Gnd Gnd Gnd TCK TMS TDI TDO TEST RST/NMI
Description
RF Input/Output (50 Ohms) Ground Ground Ground Ground Ground No Connect No Connect No Connect No Connect No Connect No Connect
Pin Num Pin Name
Pin 13 Pin 14 Pin 15 Pin 16 Pin 17 Pin 18 Pin 19 Pin 20 Pin 21 Pin 22 Pin 23 Pin 24 URXD UTXD RSSI DATAIXO DATACLK N/C N/C N/C N/C REG-EN +2.5V +VIN
Description
Receive Data Out--UART mode (0-2.5V) Transmit Data Out--UART mode (0-2.5V) Receive Signal Strength Indicator (0-2.5V) Data Input/Output (0-2.5V) Data Clock Output (0-2.5V) No Connect No Connect No Connect No Connect Regulator Enable (2-VCC) Regulated Output (2.5V) Positive Supply Pin (2.6-16V)
PRELIMINARY
-Page 4-
MXR-505
UHF FM TRANSCEIVER MODULE
MXR-505 Communication
Communication with the MXR-505 is accomplished through a universal asynchronous receive/ transmit (UART) peripheral interface. The UART uses 8-bit, non-parity, LSB, 1200bps baud format. The maximum number of data bytes that can be transmitted or received in one packet is 50. The user will transmit data through the UART on the MXR-505 via pin 24, URXD. The MXR-505 will packetize and wirelessly transmit the data. Once the data is received on the other side, the MXR-505 will demodulate the data and send the received data out to the user via pin 23, UTXD. The data being sent through the UART should follow a specific protocol. The communication protocol is outlined below: Byte #1 Number of Bytes - The number of bytes is one byte containing the total number of data bytes. This byte should not be included in the number of bytes. Therefore, the number of bytes should be one less than the total number of bytes being sent or received. The maximum number of data bytes that can be transmitted or received is 50; therefore, the number of bytes should not exceed 50.
Bytes #2-51 Data Bytes - The data bytes are the actual data byte values being transmitted or received by the MXR-505. The MXR-505 can send or receive a maximum of 50 data bytes per packet. The first two bytes are used as preamble bytes by Radios, Inc. to differentiate the detection of data from noise. They can be set to any value, but to work with the HHDS-ML they must be set to 0xFF and 0x00, respectively. When the first byte is received through the UART on the MXR-505, the user will have one second to send the remaining data bytes to the MXR-505. If the MXR-505 does not receive all of the data bytes within that second, the data the MXR-505 did receive will be dumped. For example, if the user sends a 10 for the number of bytes and then only sends five more bytes within one second, the MXR-505 assumes this is corrupted data and does not transmit the packet. The five bytes the MXR-505 did receive will be discarded and the MXR-505 will wait for a new packet of data to be received.
Y R A IN IM L E PR
Electrical Limits
Parameters Min
2.6 -0.5 0
Sym
VCC
Typ
Max
16 2.7 70
Unit Notes
V V C C V kV C/W V C
VEN
VEN TA
Absolute Maximum Ratings Supply Voltage Voltage on any Pins Storage Temperature Range Lead Temperature Enable Input Voltage ESD Rating Operating Ratings Package Thermal Resistance Enable Input Voltage Ambient operating temperature
260 0 16
0 0
VCC 70
-Page 5-
MXR-505
UHF FM TRANSCEIVER MODULE
Electrical Characteristics
This device is ESD sensitive. Do not operate or store near strong electrostatic fields. Use appropriate ESD precautions. All voltages are with respect to Ground.
Parameters
Power Supply RF Frequency Operating Range Power Supply Power Down Current Standby current Quiescent Current Operating Voltage VCO and PLL Section Reference Frequency PLL Lock Time 3kHz bandwidth Switch Time 3kHz loop bandwidth
Test Conditions
Min
2400
Typ
Max
2483.5
Unit
MHz V A A A V
13 2.6
20
29 16
Crystal Oscillator Start-Up Time Charge Pump Current Charge Pump Tolerance Transmit Section Output Power
Output Power Tolerance
Tx Current Consumption
Y R A IN IM L E PR
VCPOUT = 1.1V, CP_HI = 0 VCPOUT = 1.1V, CP_HI = 1 20kbps, b = 2, 20dBc 125kbps, b = 2, 20dBc 200kbps, b = 2, 20dBc
915MHz to 915.5MHz 902MHz to 927MHz 20kHz bandwidth Rx - Tx Tx - Rx Standby Rx Standby Tx 16 pF load
0.86
MHz ms ms ms ms ms ms ms ms A A %
Tx Current Consumption Variation Binary FSK Frequency Separation Data Rate Occupied bandwidth
Delivered to a single ended 50 ohm load through a balun Over temperature range Over power supply range P = -25 dBm P = -15 dBm P = -10 dBm P = -5 dBm P = 0 dBm 10dBm bitrate = 200kbps
-3
0
dBm dB dB mA mA mA mA mA mA kHz kbps kHz kHz kHz dBc dBc dBm dBm dBm dBm
8.5 9.9 11 14 17.4
250
250
2nd Harmonic 3rd Harmonic Spurious Emission
-34 -60 30-1000 MHz 1-12.75 GHz 1.8-1.9 GHz 5.15-5.3 GHz -36 -30 -47 -47
-Page 6-
MXR-505
UHF FM TRANSCEIVER MODULE
Electrical Characteristics Receive Section Rx Current Consumption Rx Current Consumption Variation Receiver Sensitivity Receiver Maximum Input Power Receiver Sensitivity Tolerance Receiver Bandwidth Co-Channel Rejection Adjacent Channel Rejection Over temperature -90 125kbps, 125kHz deviation 20kbps, 20kHz deviation Over temperature Over power supply range -94
CONT.
19.7
mA mA dBm dBm dBm dB dB kHz dB
Blocking
Noise Figure, Cascade 1dB Compression Input IP3 Input IP2 LO Leakage Spurious Emission Input Impedance Input Reflection (s11) RSSI Dynamic Range RSSI Output Voltage
Digital Inputs/Outputs Logic Input High Logic Input Low Clock/Data Frequency Clock/Data Duty Cycle Regulator Enable Input Input Low Voltage Input High Voltage Enable Input Current
RY A IN IM EL PR
< 1GHz > 1GHz Pin = 100dBm Pin = 60dBm
200kHz spacing 500kHz spacing 1MHz spacing 1MHz 2MHz 5MHz 10MHz
2 tones with 1MHz separation
42 47 38 41 TBD -35 -25 -90 -54 -54 50 -20 50 0.9 1.85 -15
dB dB dB dB dB dB dBm dBm dBm dBm dBm Ohms dB dB V V
0.7VCC 0 45
VCC 0.3VCC 10 55
V V MHz %
Regulator OFF Regulator ON VEN = 0.6V; Regulator OFF Note 1. Exceeding the absolute maximum rating may damage the device. Note 2. The device is not guaranteed to function outside its operating rating.
0.6 2.0 0.01
V V A
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
-Page 7-
MXR-505
UHF FM TRANSCEIVER MODULE
Technical Support:
Radios, Inc. is committed to providing its customers with excellent technical support and the resources necessary to assist them with their product development. All technical support is provided free of charge. Customers have several options to obtain assistance. First, any questions or concerns can be e-mailed to Radios, Inc. at information@radiosinc.com. We monitor our e-mail daily, and will respond to all questions promptly. Additionally, to speak directly to a technical support representative, customers can call Radios, Inc. at 920-564-6622.
Compliance:
Embedded wireless modules are intended for use as component devices which require peripheral elements to operate. Radios, Inc.'s modules are intended to be used in products requiring compliance. They are, however, not pre-approved by the FCC or any other agency worldwide unless so stated. The user or customer understands that regulatory compliance may be required prior to the sale or operation of the module or development system, and agrees to abide by all laws governing the module's or development system's use in the country of operation. The approval process of embedded wireless modules in the United States is relatively uncomplicated. The Federal Communications Commission (FCC) is the governing body in the US that specifies its requirements in the Code of Federal Regulations (CFR), Title 47. Title 47 consists of several volumes and it is necessary to first identify the correct section that applies to your application. These rules require that a device which intentionally creates RF emissions be FCC compliant; i.e., pre-tested for compliance and assigned an identification number. Radios, Inc. offers pre-screening at one of our affiliate test sites. Final certification is then accomplished by an independent test laboratory. After passing compliance testing, you will be issued a unique ID number which must be placed on each product manufactured. Any questions dealing with interpretations of the rules relating to testing or compliance should be addressed to: FCC Equipment Authorization Division Customer Service Branch, MN 1300F2 7435 Oakland Mills Road Columbia, MD 21046
-Page 8-
MXR-505
UHF FM TRANSCEIVER MODULE
Returns:
Products may be returned directly to Radios, Inc. for evaluation. Returns, without exception, must have a valid RMA number attached. RMA numbers can be obtained by calling a customer service representative at Radios, Inc. If a product is found to be defective and is returned within 90 days of purchase, Radios, Inc. may repair or replace, at its option, said defective product. The warranty does not apply to any products which have been disassembled, modified or subjected to conditions exceeding the application specifications. Under no circumstances will Radios, Inc. be responsible for losses, financial or other, arising from the use or failure of a device in an application or for losses arising from failure to meet delivery requirements, other than the repair, replacement, or refund limited to the original product purchase price. No other warranties, express, implied, or statutory, including warranty of fitness for a particular purpose, apply.
Product Warranty and Disclaimer Information:
Radios, Inc. is dedicated to providing its customers with the best possible products, and is continually working on improving the quality and function of its entire product line. Therefore, Radios, Inc. reserves the right to make changes to the design, specifications, or manufacturing of its products without notice. The information contained in this data sheet is believed to be complete, accurate, and reliable as of the time of publication. Because product specifications are based on representative lot samples, however, values can vary from lot to lot and are not guaranteed. Radios, Inc. does not assume any liability or responsibility arising from the application or use of any product described herein, and makes no guarantee, warranty, or representation regarding the suitability or legality of any product for use in a specific application. Radios, Inc. does not assume any liability for any infringement of patents or other rights of third parties which may result from the use of its products. No product sold by Radios, Inc. is intended for use in a life critical application, or any application where the safety of property is at risk. The user assumes full and complete responsibility for any use of Radios, Inc.'s products in an application where the safety of life or property is at stake. Radios, Inc., its suppliers, and its licensors shall in no event be liable for any damages arising from the use of or inability to use this product. This includes business interruption, loss of business information, or other losses that may arise from the use of this product. Some devices described in this publication are patented. Under no circumstances shall any user be conveyed any license or right to the use or ownership of these patents.
Copyright:
Radios Inc. reserves the right to all proprietary or commercial information contained in this data sheet. This data sheet is protected by copyright, and any unauthorized copying, reproduction, or dissemination is strictly prohibited without the prior written approval of Radios Inc.
-Page 9-
MXR-505
UHF FM TRANSCEIVER MODULE
Editorial Information:
Last Updated (Date) May 30, 2007 PRELIMINARY
Product Ordering Information:
MXR-505 E - 915 D 4800 R A -B Packaging: B - Bulk TB - Tube TR - Tape and Reel Antenna: A - Antenna - No Antenna Voltage Regulation: R - Regulated - Not Regulated Baud Rate: 600 = 600 bps = 1200 bps 2400 = 2400 bps 4800 = 4800 bps 9600 = 9600 bps 14400 = 14,400 bps 28800 = 28,800 bps 57600 = 57,600 bps Footprint: D - Through-hole DS - Through-hole Shielded S - Surface Mount SS - Surface Mount Shielded Frequency: (based on module's frequency range) Protocol: 915 = 915 MHz XXX = Custom Frequency
E - Eval * RI - RINet
* Eval software for use with HHDS-ML M only. Will not work for other applications. -Page 10-


▲Up To Search▲   

 
Price & Availability of MXR-505E-915DS2400AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X