Part Number Hot Search : 
SMF8V5A F1682S MX7524LN HM3669 2SC410 PRTR5 SDX1000A LB1981V
Product Description
Full Text Search
 

To Download MR40D-12D0515-UM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC converters MISTRAL Series MR40, MR40-T
BKJU.436610.011 Ordering information MR 40 D - 24 S 12 U T - Mistral Series - Maximum output power, W (limiting capacity is designated on the case for the given standard size, stipulated at the order) - Voltage transformation class D - DC/DC - Nominal input voltage 12 (10,5...18) VDC 24 VDC(18...36) VDC 27 VDC(17...36) VDC 48 VDC(36...75) VDC - Output channels quantity S - one D - two - Nominal output voltage, VDC (two numbers on channel) - Embodiment U - reinforced aluminium frame with flanges - Operating temperature range M - -60...+85 T - -60...+125
* Completely replace power-supply modules MDM30-P series on dimensions and purpose of conclusions and have the improved characteristics * Working temperature range from -60C to +125C * Single and dual-output models * Output voltage regulation * Short circuit protection, overvoltage and thermal protection * Remote on/off * Coefficient of efficiency 82% * Small size, low-profile * Metal case * Cooling by free air convection or a heat sink using * Galvanic isolated outputs Single-output models
Module MR40D-12S05-UM MR40D-12S15-UM MR40D-12S24-UM MR40D-12S27-UM MR40D-24S05-UM MR40D-24S15-UM MR40D-24S24-UM MR40D-24S27-UM MR40D-27S05-UM MR40D-27S15-UM MR40D-27S24-UM MR40D-27S27-UM MR40D-48S05-UM MR40D-48S15-UM MR40D-48S24-UM MR40D-48S27-UM 36...75 VDC 40 W 17...36(80) VDC 40 W 18...36(40) VDC 40 W 10,5...18 VDC 40 W Input voltage range Output power
Output voltage 5 VDC 15 VDC 24 VDC 27 VDC 5 VDC 15 VDC 24 VDC 27 VDC 5 VDC 15 VDC 24 VDC 27 VDC 5 VDC 15 VDC 24 VDC 27 VDC
Maximal output current 8A 2,67 A 1,67 A 1,48 A 8A 2,67 A 1,67 A 1,48 A 8A 2,67 A 1,67 A 1,48 A 8A 2,67 A 1,67 A 1,48 A
Dual-output models
Module MR40D-12D0512-UM MR40D-12D0515-UM MR40D-12D1515-UM MR40D-24D0512-UM MR40D-24D0515-UM MR40D-24D1515-UM MR40D-27D0512-UM MR40D-27D0515-UM MR40D-27D1515-UM MR40D-48D0512-UM MR40D-48D0515-UM MR40D-48D1515-UM 36...75 VDC 40 W 17...36(80) VDC 40 W 18...36(40) VDC 40 W 10,5...18 VDC 40 W Input voltage range Output power Output voltage 5 VDC / 12 VDC 5 VDC / 15 VDC 15 VDC / 15 VDC 5 VDC / 12 VDC 5 VDC / 15 VDC 15 VDC / 15 VDC 5 VDC / 12 VDC 5 VDC / 15 VDC 15 VDC / 15 VDC 5 VDC / 12 VDC 5 VDC / 15 VDC 15 VDC / 15 VDC Maximal output current 4 A / 1,67 A 4 A / 1,33 A 1,33 A / 1,33 A 4 A / 1,67 A 4 A / 1,33 A 1,33 A / 1,33 A 4 A / 1,67 A 4 A / 1,33 A 1,33 A / 1,33 A 4 A / 1,67 A 4 A / 1,33 A 1,33 A / 1,33 A
By request can be delivered modules with non-standard output voltage 3 to 80VDC and with maximal output current to 8.
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609 According to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. (c) "Alexander Eletri holding". All rights reserved. 31.03.2008 http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518
DC/DC converters MISTRAL Series MR40, MR40-T
Technical specifications according to BKJU.436610.011
Input voltage range/ transitional deviation, 1 sec
Input specifications
12 VDC 24 VDC 27 VDC 48 VDC
Input filter
10,5...18VDC/ 10,5...18VDC 18...36VDC/17..37,8VDC 17...36VDC/17...80VDC 36...75VDC/36...84VDC P-type 5%
Output specifications
Output voltage trimming range (for single-, dual-output execution with same voltage) Output voltage total instability
- for single-output execution (Inom 10 - 100%) - for multi-output execution (Inom 10 - 100%) - for multi-output execution with distinction voltage 20%
4% 6% 4% 6% 4% 6%
(index "M") (index "T") for out1 7% for out2 (index "M") for out1 10% for out2 (index "T") for out1 14% for out2&3 (index "M") for out1 14% for out2&3 (index "T")
Pulsations ripple (peak-to-peak) Overload protection level** Short circuit protection level** Overvoltage protection level** Remote on/off
<2% Uout.nom. >120% Iout.nom. >150 % Iout.nom., autorepair >120 % Uout.nom. Off: 0...1,1VDC or connection of output ON and - IN, I5 mA - - - - 60 60 60 60 C...+85 C C...+125 C C...+85 C C...+125 C (index "M") (index "T") (index "M") (index "T")
General specifications
- high working of case Temperature - storage
1
See diagram (red, green lines) - power loss (free air convection) Without power loss with radiator use (provided that case. The module does not exceed the maximal value) see blue curve
Efficiency
Thermal resistance case - environment
82 %
7,8 /Watt
Conversion frequency Isolation
- voltage in/out: in/case: out/case: Insulation resistance @ 500VDC
150 kHz ~ 355 VDC, 50 Hz 20 Ohm 100% @ 35 EN 55022, class A IEC/ EN 60950 > 2 400 000 hours @ +25C Free air convection or heat sink using Metal
External factors stability - high humidity EMC standard Safety standard Time to failure Cooling Case material
All specifications are reduced for normal climatic conditions, Uin.nom, Iout.nom, if it is not specified differently. Parameters are help and cannot be used at long-term work, excess of the maximal target current, at work outside of a range of working temperatures, at work of the module with target voltage over a range of adjustment
Power loss diagram (index )
Power loss diagram (index ) MR40-T
Output , power, W
25 20 15 10 5 0
Free air convection coefficient of efficiency 84%
Output power, W
50 45 40 35 30
MR40
Heat sink
Heat sink
Free air convection coefficient of efficiency 80%
Free air convection coefficient of efficiency 80% Free air convection coefficient of efficiency 84%
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Ambient temperature Tamb, , C
Ambient temperature Tamb, C
* The inclined site of a red and green curve specifies that the module works in a mode with maximal case (index +85; index +125 ).
Output settings
pin Single-output Dual-output 1 Case. Case. 2 + in + in 3 - in - in 4 On/off On/off 5 + out + out 1 6 - out + out 2 7 Trim. - out 2 8 - out 1
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609
According to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. (c) "Alexander Eletri holding". All rights reserved. 31.03.2008
http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518
DC/DC converters MISTRAL Series MR40, MR40-T
R40-S case with flanges
R40-D case with flanges
http://www.aeps-group.com e-mail: aeps@aeps-group.com tel/fax: +420-266-107-609
According to company politics in view of constant improvements production design the manufacturer reserves the right to itself without the prior notification to change the contents of present help materials. (c) "Alexander Eletri holding". All rights reserved. 31.03.2008
http://www.aeps-group.com e-mail: alexdon@vmail.ru tel/fax (4732) 519-518


▲Up To Search▲   

 
Price & Availability of MR40D-12D0515-UM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X