Part Number Hot Search : 
2SC361 24C04 AD8598 PBSS9110 AD8598 BU15005 SP207E RBV1004D
Product Description
Full Text Search
 

To Download MPXM-275563K10F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
METTALIZED POLYPROPYLENE (OPP), NON-INDUCTIVE, PLASTIC CASE, INTERFERENCE SUPPRESSORS CLASS X2 INTRODUCTION THE TYPE MPXM CAPACITORS are constructed with metalized polypropylene film, dielectric, copper clad steel lead and encapsulated in plastic cases sealed with epoxy resin. They provide Interference Suppression with safety recognition of UL, VDE and others. APPLICATION THE TYPE MPXM CAPACITORS are ideal for using in Line-By-Pass, Antenna coupling, AcrossThe-Line and spark killer circuits and available for EMI filter and switching power supply applications. FEATURES * Non-inductive construction. * Self-healing. * Flame-retardant plastic case and epoxy resin (compliance with UL 94V-0). * High moisture-resistance. * Good solderability (plated with 100% Matte Sn). Country UL VDE SEV (USA) (GERMANY) (SWITZERLAND)
Tecate Group
TYPE MPXM
L1mm
T1mm
H1mm dO
23 min. P1mm
Reference Standards UL 1414 VDE 0565 1
NEK EN 132 400 (1994) iec 384 14 11 (1993)/a1 (1995) NEK EN 132 400 (1994) iec 384 14 11 (1993)/a1 (1995) NEK EN 132 400 (1994) iec 384 14 11 (1993)/a1 (1995) NEK EN 132 400 (1994) iec 384 14 11 (1993)/a1 (1995) NEK EN 132 400 (1994) iec 384 14 11 (1993)/a1 (1995)
File No. E311523 40014111 05.0562 509154 31526-01 P0520481 21882
SEMKO (SWEDEN) DEMKO (DENMARK) NEMKO (NORWAY) FIMKO (FINLAND)
PART NUMBERING Part Number Example: MPXM-275/104K10F
MPXM
Type
-
275
Rated AC (RMS) Voltage
/
104
Capacitance Code (pF)*
K
Tolerance Code
10
Lead Spacing
F
RoHs Compliant
* Capacitance Code: First two digits represent significant figures, third digit represents multiplier (number of zeros).
SPECIFICATIONS Performance Characteristics Operating Temperature Range Voltage Range (50Hz ~ 60Hz) Withstanding Voltage (between leads) Capacitance Range Capacitance Tolerance Maximum Dissipation Factor % (25C, 1KHz) Minimum Insulation Resistance (23C) (after 1 minute minimum) -40C ~ +100C -40C ~ +85C (UL). 275VAC (250VAC for UL). 1075VDC for 60 seconds or 2000VDC for 1 second. 0.01F ~ 2.2F 5% & 10%. 0.1 IR 30000M measured @ 100VDC IR 10000 * F measured @ 100VDC 0.33F). 15VDC (C - 0.33F). 15VDC (C >
(c) Tecate Industries 2006 Phone: (619) 398-9700 Fax: (858) 398-9777 Web Site: www.tecategroup.com
Tecate Industries
2007/03/08 Rev.02
METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
Tecate Group
TYPE MPXM
DIMENSIONS
Code Size Cap. (F) L Maximum (mm) H Maximum (mm) T Maximum (mm) P1 (mm) dO (mm)
103 103 123 123 153 153 223 273 333 393 473 563 683 823 823 104 104 124 154 184 224 274 334 394 474 564 684 824 105 105 105 125 155 185 225
0.010 0.010 0.012 0.012 0.015 0.015 0.027 0.033 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.15 0.18 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.0 1.2 1.2 1.5 1.8 2.2
13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 13.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 26.5 32.0 32.0 32.0 32.0 32.0 32.0
9.0 11.0 9.0 11.0 9.0 11.0 11.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 12.0 16.0 12.0 12.0 13.5 13.5 14.5 15.5 19.0 19.0 17.0 19.0 19.0 20.0 23.0 20.0 22.0 22.0 24.5 24.5 30.0
4.0 5.0 4.0 5.0 4.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 8.0 6.0 8.0 6.0 6.0 7.5 7.5 8.5 9.5 11.0 11.0 8.5 10.0 10.0 11.0 14.0 11.0 13.0 13.0 15.0 15.0 15.0
10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 10.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 27.5 27.5
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
(c) Tecate Industries 2006 Phone: (619) 398-9700 Fax: (858) 398-9777 Web Site: www.tecategroup.com
Tecate Industries
2007/03/08 Rev.02


▲Up To Search▲   

 
Price & Availability of MPXM-275563K10F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X