Part Number Hot Search : 
MSP2305A TXC04252 TLP117 GPP100M T7001830 1A475 GPP100M 10205
Product Description
Full Text Search
 

To Download MMBTA13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
NPN General Purpose Transistor
FEATURES
Epitaxial planar die construction. Complementary PNP type available (MMBTA63/MMBTA64). High current gain.
Production specification
MMBTA13/MMBTA14
Pb
Lead-free
APPLICATIONS
Ideal for medium power amplification and switching SOT-23
ORDERING INFORMATION
Type No. MMBTA13 MMBTA14 Marking K2D K3D Package Code SOT-23 SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC RJA Tj ,Tstg Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) Collector dissipation Thermal Resistance, Junction to Ambient junction and storage temperature MMBTA13 MMBTA14 MMBTA13 MMBTA14 Value 30 30 30 30 10 0.3 0.35 357 -55-150 UNIT V V V A W C/W C
Document number: BL/SSSTC121 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
NPN General Purpose Transistor
Symbol V(BR)CBO Parameter Collector-base breakdown voltage MMBTA13 MMBTA14 Collector-emitter breakdown voltage MMBTA13 MMBTA14 Emitter-base breakdown voltage collector cut-off current collector cut-off current DC current gain hFE MMBTA13 MMBTA14 MMBTA13 MMBTA14 Test
Production specification
MMBTA13/MMBTA14
conditions MIN. 30 30 30 30 10 5000 10000 10000 20000 125 MAX. UNIT V
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
IC=100A,IE=0
V(BR)CEO V(BR)EBO ICBO ICEO
IC=0.1mA,IB=0
B
0.1 0.1
V V A A
IE=100A,IC=0 IE = 0; VCB = 30V IE = 0; VCE = 10V VCE = 5V; IC= 10mA VCE = 5V;IC = 10mA VCE = 5V;IC = 100mA VCE = 5V;IC = 100mA IC = 100mA; IB = 0.1mA
B
-
VCE(sat) fT
collector-emitter saturation voltage transition frequency
1.5 -
V MHz
IC = 10mA; VCE = 5.0V; f = 100MHz
PACKAGE OUTLINE
Plastic surface mounted package
A E
SOT-23
SOT-23
Dim A B C D E G
H C
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
H J K
0.1Typical
All Dimensions in mm
Document number: BL/SSSTC121 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
NPN General Purpose Transistor
SOLDERING FOOTPRINT
Production specification
MMBTA13/MMBTA14
Unit : mm
PACKAGE
Device
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
MMBTA13/MMBTA14
Document number: BL/SSSTC121 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBTA13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X