Part Number Hot Search : 
2SC5358 265V10 FCH20A LMA443 4512C 265V10 C5000 07910
Product Description
Full Text Search
 

To Download MIC5333-MNYMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC5333
Micro-Power High Performance Dual 300mA ULDOTM with Dual POR
General Description
The MIC5333 is a tiny dual low quiescent current LDO ideal for applications that are power sensitive. The MIC5333 integrates two high performance, 300mA LDOs, and a POR generator for each LDO into a 2.5mm x 2.5mm Thin MLF(R) package, which occupies less PC board area than a single SOT-23 package. The MIC5333 is designed to reject input noise and provide low output noise with fast transient response to respond to any load change quickly even though it is a low quiescent current part. This combination of PSRR, low noise and transient response along with low power consumption makes for a very high performance, yet general purpose product. The MIC5333 is a Cap design, operating with very small ceramic output capacitors, which reduces required board space and component cost; and it is available in fixed output voltages in the tiny 10-pin 2.5mm x 2.5mm Thin MLF(R) leadless package. Data sheets and support documentation can be found on Micrel's web site at: www.micrel.com.
Features
* * * * * * * * * * * 2.3V to 5.5V input voltage range 300mA output current per LDO Very low quiescent current: 25A per LDO POR output with programmable delay for each LDO High PSRR - >65dB on each LDO Stable with 1F ceramic output capacitors Tiny 10-pin 2.5mm x 2.5mm Thin MLF(R) package Ultra-low dropout voltage - 120mV @ 300mA Low output voltage noise - 50Vrms Thermal shutdown protection Current limit protection
Applications
* * * * * Camera phones Mobile phones PDAs GPS receivers Portable devices
___________________________________________________________________________________________________________
Typical Application
MIC5333-xxYMT VIN EN1 EN2 VBAT CSET1 CSET2 1F GND VOUT1 VOUT2 POR1 POR2
100k
100k I/O CORE /RST I/O /RST CORE 1F 1F Camera DSP
Camera DSP Power Supply Circuit
ULDO is a trademark of Micrel, Inc. MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
February 2008
M9999-021408-A
Micrel, Inc.
MIC5333
Ordering Information
Part Number MIC5333-2.5/1.2YMT MIC5333-2.8/2.8YMT MIC5333-2.8/2.85YMT MIC5333-2.85/2.85YMT MIC5333-3.0/2.8YMT MIC5333-3.0/2.85YMT MIC5333-3.0/3.0YMT Manufacturing Part Number MIC5333-J4YMT MIC5333-MMYMT MIC5333-MNYMT MIC5333-NNYMT MIC5333-PMYMT MIC5333-PNYMT MIC5333-PPYMT Marking XJ4 XMM XMN XNN XPM XPN XPP Voltage 2.5V/1.2V 2.8V/2.8V 2.8V/2.85V 2.85V/2.85V 3.0V/2.8V 3.0V/2.85V 3.0V/3.0V Junction Temperature Range -40 to +125C -40 to +125C -40 to +125C -40 to +125C -40 to +125C -40 to +125C -40 to +125C Package 10-Pin 2.5 x 2.5 Thin MLF(R) 10-Pin 2.5 x 2.5 Thin MLF(R) 10-Pin 2.5 x 2.5 Thin MLF(R) 10-Pin 2.5 x 2.5 Thin MLF(R) 10-Pin 2.5 x 2.5 Thin MLF(R) 10-Pin 2.5 x 2.5 Thin MLF(R) 10-Pin 2.5 x 2.5 Thin MLF(R)
Note: Other voltage options available. Contact Micrel for details.
Pin Configuration
VIN GND POR2 POR1 EN2 1 2 3 4 5 10 VOUT1 9 8 7 6 VOUT2 CSET2 CSET1 EN1
10-Pin 2.5mm x 2.5mm Thin MLF(R) (MT) (Top View)
Pin Description
Pin Number 1 2 3 4 5 6 7 Pin Name VIN GND POR2 POR1 EN2 EN1 CSET1 Pin Function Supply Input. Ground. Power-On Reset Output (Regulator 2): Open-drain output. Active low indicates an output under-voltage condition on regulator 2 when the device is enabled. Power-On Reset Output (Regulator 1): Open-drain output. Active low indicates an output under-voltage condition on regulator 1 when the device is enabled. Enable Input (Regulator 2): Active High Input. Logic High = On; Logic Low = Off. Do not leave floating. Enable Input (Regulator 1): Active High Input. Logic High = On; Logic Low = Off. Do not leave floating. Delay Set Input (Regulator 1): Connect external capacitor to GND to set the internal delay for the POR1 output. When left open, there is no delay. This pin cannot be grounded. Delay Set Input (Regulator 2): Connect external capacitor to GND to set the internal delay for the POR2 output. When left open, there is no delay. This pin cannot be grounded. Regulator Output - LDO2. Regulator Output - LDO1.
8
CSET2
9 10
VOUT2 VOUT1
February 2008
2
M9999-021408-A
Micrel, Inc.
MIC5333
Absolute Maximum Ratings(1)
Supply Voltage (VIN) ............................................. 0V to +6V Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN POR Voltage (VPOR1, VPOR2) ................................. 0V to +6V Power Dissipation .................................. Internally Limited(3) Lead Temperature (soldering, 3sec.)......................... 260C Storage Temperature (Ts) .........................-65C to +150C ESD Sensitive(4)
Operating Ratings(2)
Supply Voltage (VIN)..................................... +2.3V to +5.5V Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN POR Voltage (VPOR1, VPOR2) .............................. 0V to +5.5V Junction Temperature (TJ) ........................ -40C to +125C Junction Thermal Resistance 2.5mm x 2.5mm Thin MLF-10 (JA) ...................75C/W
Electrical Characteristics(5)
VIN = VEN1 = VEN2 = VOUT + 1.0V, higher of the two regulator outputs; IOUT1 = IOUT2 = 100A; COUT1 = COUT2 = 1F; TJ = 25C, bold values indicate -40C < TJ < +125C; unless noted.
Parameter Output Voltage Accuracy Line Regulation Load Regulation Dropout Voltage Ground Current Condition Variation from nominal VOUT Variation from nominal VOUT; -40C to +125C VIN = VOUT +1V to 5.5V; IOUT = 100A IOUT = 100A to 300mA IOUT = 50mA IOUT = 300mA VEN1 = High; VEN2 = Low; IOUT = 100A to 300mA VEN1 = Low; VEN2 = High; IOUT = 100A to 300mA VEN1 = VEN2 = High; IOUT1= 300mA, IOUT2 = 300mA Ground Current in Shutdown Ripple Rejection Current Limit Output Voltage Noise Enable Inputs (EN1/EN2 ) Enable Input Voltage Enable Input Current Turn-on Time Turn-on Time (LDO1 and 2) POR1/POR2 Output VTH VOL IPOR Low Threshold, % of VOUT (POR ON) High Threshold, % of VOUT (POR OFF) POR Output Logic Low Voltage; IL = 250A POR Leakage Current, POR OFF -1.0 0.02 0.01 88 98 0.1 +1.0 % % V A COUT = 1F (Enable of First LDO) COUT = 1F (Enable of Second LDO after First Enabled) 140 110 500 500 s s Logic Low Logic High VIL 0.2V VIH 1.2V 1.2 0.01 0.01 1.0 1.0 0.2 V V A A VEN1 = VEN2 < 0.2V f = 1kHz; COUT = 2.2F f = 20kHz; COUT = 2.2F VOUT = 0V COUT=1F; 10Hz to 100kHz 350 Min -1.0 -2.0 0.02 0.2 20 120 25 25 40 0.01 65 45 550 50 800 Typ Max +1.0 +2.0 0.3 0.6 0.5 40 240 50 50 75 1.0 Units % % %/V %/V % mV mV A A A A dB dB mA VRMS
February 2008
3
M9999-021408-A
Micrel, Inc.
Parameter CSET1/CSET2 INPUT CSET Pin Current Source CSET Pin Threshold Voltage
Notes: 1. Exceeding the absolute maximum rating may damage the device. 2. The device is not guaranteed to function outside its operating rating.
MIC5333
Condition VCSET = 0V POR = High Min 0.8 1.21 Typ 1.4 1.25 Max 2 1.29 Units A V
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) - TA) / JA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. 4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. 5. Specification for packaged product only.
February 2008
4
M9999-021408-A
Micrel, Inc.
MIC5333
Typical Characteristics
PSRR
-100 -90 -80 -70 -60 -50 -40 -30 -20 VIN = 2.3V V = 1.2V -10 OUT COUT = 2.2F 0 FREQUENCY (Hz) 300mA -90 50mA -80 -70 -60 -50 -40 -30 -20 VIN = 2.3V -10 VOUT = 1.2V COUT = 1F 0 FREQUENCY (Hz) 300mA 50mA
PSRR
0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 0
Dropout Voltage vs. Load Current
VOUT = 2.8V COUT = 1F 50 100 150 200 250 300 LOAD CURRENT (mA)
0.18
Dropout Voltage vs. Temperature
300mA
VOUT = 2.8V 0.16 COUT = 1F 0.14 0.12 0.10 0.08 0.06 0.04 0.02
40 38
Ground Current vs. Supply Voltage
Dual LDO Enabled
41 39 37
Ground Current vs. Load Current
Dual LDO Enabled
100mA 50mA
36 VOUT1 = 2.5V 34 VOUT2 = 1.2V 32 COUT1 = 1F C = 1F 30 OUT2 IOUT1 = 300mA 28 I OUT2 = 300mA 26 24 22 20 2
Single LDO Enabled
35 VIN = VOUT + 1V VOUT1 = 2.5V 33 VOUT2 = 1.2V 31 COUT1 = 1F COUT2 = 1F 29 27
Single LDO Enabled
10mA 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
2.5 3 3.5 4 4.5 5 SUPPLY VOLTAGE (V)
5.5
25 0
50 100 150 200 250 300 LOAD CURRENT (mA)
45 42 39 36
Ground Current vs. Temperature
2.820 2.816 2.812
Output Voltage vs. Load Current
3.0 2.9 2.8 2.7
Output Voltage vs. Temperature
10mA 100mA
300mA
2.808 2.804 2.800 0 VIN = VOUT + 1V VOUT = 2.8V COUT = 1F 50 100 150 200 250 300 LOAD CURRENT (mA)
EN1 = EN2 = VIN VIN = VOUT + 1V 33 VOUT = 2.8V COUT = 1F 30 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
2.6
2.5 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
VIN = VOUT + 1V VOUT = 2.8V COUT = 1F
850 800 750 700 650 600 550 500 450 400 350 2
Current Limit vs. Supply Voltage
POR Delay vs. CSET
100K 1.2 1.0 10K 0.8 0.6 1K 0.4 VIN = 3.6V VOUT = 1.2V COUT = 1F 1K 10K CSET (pF) 100K 0.2 0 10
Output Noise Spectral Density
VIN = VOUT + 1V VOUT = 2.8V COUT = 1F Load = 50mA
CIN = 1F COUT = 1F 2.5 3 3.5 4 4.5 5 SUPPLY VOLTAGE (V) 5.5
100 100
100 1K 10K 100K FREQUENCY (Hz)
1M
February 2008
5
M9999-021408-A
Micrel, Inc.
MIC5333
Functional Characteristics
February 2008
6
M9999-021408-A
Micrel, Inc.
MIC5333
Functional Diagram
MIC5333 Block Diagram
February 2008
7
M9999-021408-A
Micrel, Inc.
MIC5333 The active-high enable pin uses CMOS technology and the enable pin cannot be left floating; a floating enable pin may cause an indeterminate state on the output. Power On Reset Each of the regulator outputs has a Power On Reset status pin (POR1/POR2). This pin is an open drain output. When an LDO is enabled an active low POR indicates an under voltage condition on VOUT. Each POR status signal can be programmed for a delay of 1sec/F by placing a capacitor from its associated CSET pin to ground. Where the CSET1 pin sets the delay for the POR1 output and the CSET2 pin sets the delay for the POR2 output. Zero delay is added by leaving the CSET1/2 pin open circuit. Thermal Considerations The MIC5333 is designed to provide 300mA of continuous current for both outputs in a very small package. Maximum ambient operating temperature can be calculated based on the output current and the voltage drop across the part. For example if the input voltage is 3.6V, the output voltage is 3.0V for VOUT1, 2.8V for VOUT2 and the output current = 300mA. The actual power dissipation of the regulator circuit can be determined using the equation: PD = (VIN - VOUT1) IOUT1 + (VIN - VOUT2) I OUT2 + VIN IGND Because this device is CMOS and the ground current is typically <100A over the load range, the power dissipation contributed by the ground current is <1% and can be ignored for this calculation. PD = (3.6V - 3.0V) x 300mA + (3.6V -2.8) x 300mA PD = 0.42W To determine the maximum ambient operating temperature of the package, use the junction-to-ambient thermal resistance of the device and the following basic equation:
TJ(MAX) - TA PD(MAX) = JA
Application Information
MIC5333 is a dual 300mA LDO, with an integrated Power On Reset (POR) for each of the regulators. The MIC5333 regulator is fully protected from damage due to fault conditions, offering linear current limiting and thermal shutdown. Input Capacitor The MIC5333 is a high-performance, high bandwidth device. Therefore, it requires a well-bypassed input supply for optimal performance. A 1F capacitor is required from the input to ground to provide stability. Low-ESR ceramic capacitors provide optimal performance at a minimum of space. Additional highfrequency capacitors, such as small-valued NPO dielectric-type capacitors, help filter out high-frequency noise and are good practice in any RF-based circuit. X5R or X7R dielectrics are recommended for the input capacitor. Y5V dielectrics lose most of their capacitance over temperature and are therefore, not recommended. Output Capacitor The MIC5333 requires an output capacitor of 1F or greater to maintain stability. The design is optimized for use with low-ESR ceramic chip capacitors. High ESR capacitors may cause high frequency oscillation. The output capacitor can be increased, but performance has been optimized for a 1F ceramic output capacitor and does not improve significantly with larger capacitance. X7R/X5R dielectric-type ceramic capacitors are recommended because of their temperature performance. X7R-type capacitors change capacitance by 15% over their operating temperature range and are the most stable type of ceramic capacitors. Z5U and Y5V dielectric capacitors change value by as much as 50% and 60%, respectively, over their operating temperature ranges. To use a ceramic chip capacitor with Y5V dielectric, the value must be much higher than an X7R ceramic capacitor to ensure the same minimum capacitance over the equivalent operating temperature range. No-Load Stability Unlike many other voltage regulators, the MIC5333 will remain stable and in regulation with no load. This is especially important in CMOS RAM keep-alive applications. Enable/Shutdown The MIC5333 comes with dual active-high enable pins that allow each regulator to be disabled independently. Forcing the enable pin low disables the regulator and sends it into a "zero" off-mode-current state. In this state, current consumed by the regulator goes nearly to zero. Forcing the enable pin high enables the output voltage. February 2008 8
TJ(max) = 125C, and the maximum junction temperature of the die, JA, thermal resistance = 75C/W. Substituting PD for PD(max) and solving for the ambient operating temperature will give the maximum operating conditions for the regulator circuit. The junction-toambient thermal resistance for the minimum footprint is 75C/W. The maximum power dissipation must not be exceeded for proper operation. For example, when operating the MIC5333-PMYMT at an input voltage of 3.6V and 300mA loads at each output with a minimum footprint layout, the maximum ambient operating temperature TA can be determined as follows:
M9999-021408-A
Micrel, Inc. 0.42W = (125C - TA)/(75C/W) TA = 93.5C Therefore, a 3.0V/2.8V application with 300mA at each output current can accept an ambient operating temperature of 93.5C in a 2.5mm x 2.5mm MLF(R) package. For a full discussion of heat sinking and
MIC5333 thermal effects on voltage regulators, refer to the "Regulator Thermals" section of Micrel's Designing with Low-Dropout Voltage Regulators handbook. This information can be found on Micrel's website at: http://www.micrel.com/_PDF/other/LDOBk_ds.pdf
February 2008
9
M9999-021408-A
Micrel, Inc.
MIC5333
MIC5333 Typical Application Circuit
U1 MIC5333-xxYMT
1
VIN
J1 VIN
VIN
VOUT1
10
J8 VOUT1 J7 VOUT2
R2 R1 100k 100k
3 4 5 6
J3 - POR2 J4 - POR1 J5 - EN2 J6 - EN1
C1 1F
POR2 POR1 EN2 EN1 GND
2
VOUT2 CSET2 CSET1
9 8 7
C2 0.1F
C3 0.1F
C5 1F
C4 1F
J2 - GND J9 - GND
J10 GND
Bill of Materials
Item C1, C4, C5 C2, C3 R1, R2 U1
Notes: 1. 2. 3. TDK: www.tdk.com Vishay: www.vishay.com Micrel, Inc.: www.micrel.com
Part Number C1608X5R0J105K VJ0603Y104KXXAT CRCW06031003FRT1 MIC5333-XXYMT
Manufacturer TDK
(1) (2) (2)
Description Capacitor, 1F Ceramic, 6.3V, X5R, Size 0603 Capacitor, 0.1F Ceramic, 10V, X7R, Size 0603 Resistor, 100k, 1%, 1/16W, Size 0603 UCAP LDO, Dual 300mA with dual POR, 2.5mm x 2.5mm Thin MLF(R)
Qty 3 2 2 1
Vishay Vishay
Micrel(3)
February 2008
10
M9999-021408-A
Micrel, Inc.
MIC5333
PCB Layout Recommendations
1200 (mil)
1120 (mil)
Top Layer
1200 (mil)
1120 (mil)
Bottom Layer
February 2008
11
M9999-021408-A
Micrel, Inc.
MIC5333
Package Information
10-Pin 2.5mm x 2.5mm Thin MLF(R) (MT)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2008 Micrel, Incorporated.
February 2008
12
M9999-021408-A


▲Up To Search▲   

 
Price & Availability of MIC5333-MNYMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X