Part Number Hot Search : 
PIC16F6 D13003D 1N50A ATR0635 MBR20035 2950077 GPP10G R34140
Product Description
Full Text Search
 

To Download MBRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION.
A
MBRF10100
SCHOTTKY BARRIER TYPE DIODE
C
Average Output Rectified Current : IO=5A. Repetitive Peak Reverse Voltage : VRRM=100V. Fast Reverse Recovery Time : trr=35ns.
E G B
P
FEATURES
S
DIM A B C D E F
G H J K L N P Q R S H
K
L
L
R
D
D
MILLIMETERS _ 10.0 + 0.3 _ 15.0 + 0.3 _ 2.70 + 0.3 0.76+0.09/-0.05 _ 3.2 + 0.2 _ 3.0 + 0.3 _ 12.0 + 0.3 0.5+0.1/-0.05 _ 13.6 + 0.5 _ 3.7 + 0.2 1.2+0.25/-0.1 _ 5.08 + 0.1 _ 6.8 + 0.1 _ 4.5 + 0.2 _ 2.6 + 0.2
0.5 Typ
F N J
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO IFSM Tj Tstg RATING 100 10 150 -40 150 -55 150 UNIT V
1 2 3
A A
Q
1. CATHODE 2. NC 3. ANODE
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance SYMBOL VFM IRRM trr Rth(j-c) IFM=10A VRRM=Rated IF=1.0A, di/dt=-30A/ s Juction to Case TEST CONDITION MIN. TYP. MAX. 0.85 150 35 4.5 ns /W UNIT V
2007. 10. 30
Revision No : 1
1/2
MBRF10100
IF - VF
REVERSE CURRENT IR (A)
50 100
IR - VR
FORWARD CURRENT IF (A)
30
10
Tj=25 C
10 5.0 3.0
Tj=25 C
1.0
0.1
1.0 0.5 0.2 0.4 0.6 0.8 1.0 1.2
0.01 0 20 40 60 80 100
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT IF(AV) (A)
15
RATED VOLTAGE APPLIED R JC = 4.5 C/W
AVERAGE FORWARD CURRENT IF(AV) (A)
IF - TC
IF - TA
16
RATED VOLTAGE APPLIED R JA=16 C/W R JA=60 C/W (NO HEAT SINK)
12
10
8
DC DC
DC
5
4
0 100
0 0 20 40 60 80 100 120 140 160
110
120
130
140
150
160
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION PF(AV) (W)
PF(AV) - IF(AV)
12 10 8
DC
6 4 2 0 0 2 4 6 8 10 12
AVERAGE FORWARD CURRENT IF(AV) (A)
2007. 10. 30
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of MBRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X